Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN6066SSD Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMN6066SSD
Description  60V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN6066SSD Datasheet(HTML) 3 Page - Diodes Incorporated

  DMN6066SSD Datasheet HTML 1Page - Diodes Incorporated DMN6066SSD Datasheet HTML 2Page - Diodes Incorporated DMN6066SSD Datasheet HTML 3Page - Diodes Incorporated DMN6066SSD Datasheet HTML 4Page - Diodes Incorporated DMN6066SSD Datasheet HTML 5Page - Diodes Incorporated DMN6066SSD Datasheet HTML 6Page - Diodes Incorporated DMN6066SSD Datasheet HTML 7Page - Diodes Incorporated DMN6066SSD Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DMN6066SSD
Document Number DS32109 Rev 1 - 2
3 of 8
www.diodes.com
March 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
DMN6066SSD
Thermal Characteristics
100m
1
10
1m
10m
100m
1
10
Single Pulse
T
amb
=25°C
One active die
R
DS(on)
Limited
100µs
1ms
10ms
100ms
1s
DC
Safe Operating Area
V
DS
Drain-Source Voltage (V)
0
20
40
60
80
100 120 140 160
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Two active die
One active die
Derating Curve
Temperature (°C)
100µ
1m
10m 100m
1
10
100
1k
0
10
20
30
40
50
60
70
80
90
100
110
T
amb
=25°C
One active die
Transient Thermal Impedance
D=0.5
D=0.2
D=0.1
Single Pulse
D=0.05
Pulse Width (s)
100µ
1m
10m 100m
1
10
100
1k
1
10
100
Single Pulse
T
amb
=25°C
One active die
Pulse Power Dissipation
Pulse Width (s)


Similar Part No. - DMN6066SSD

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN6066SSD-13 DIODES-DMN6066SSD-13 Datasheet
441Kb / 9P
   60V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMN6066SSDQ-13 DIODES-DMN6066SSDQ-13 Datasheet
441Kb / 9P
   60V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMN6066SSD DIODES-DMN6066SSD_15 Datasheet
441Kb / 9P
   60V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMN6066SSD

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN6066SSD DIODES-DMN6066SSD_15 Datasheet
441Kb / 9P
   60V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJL9836A PANJIT-PJL9836A Datasheet
589Kb / 7P
   60V Dual N-Channel Enhancement Mode MOSFET
March 31,2017-REV.00
logo
TECH PUBLIC Electronics...
2N7002BKV TECHPUBLIC-2N7002BKV Datasheet
945Kb / 3P
   60V Dual N-Channel Enhancement Mode MOSFET
logo
AiT Semiconductor Inc.
AM6N7002 AITSEMI-AM6N7002 Datasheet
460Kb / 8P
   MOSFET 60V DUAL N-CHANNEL ENHANCEMENT MODE
REV1.0
logo
Pan Jit International I...
PJQ5866A-AU PANJIT-PJQ5866A-AU Datasheet
477Kb / 7P
   60V Dual N-Channel Enhancement Mode MOSFET
March 28,2019-REV.00
logo
Diodes Incorporated
DMN6040SSD DIODES-DMN6040SSD_15 Datasheet
254Kb / 6P
   60V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMN6070SSD DIODES-DMN6070SSD_15 Datasheet
240Kb / 6P
   60V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJL9830A PANJIT-PJL9830A Datasheet
398Kb / 7P
   60V Dual N-Channel Enhancement Mode MOSFET
logo
TECH PUBLIC Electronics...
SI1026X TECHPUBLIC-SI1026X Datasheet
949Kb / 3P
   60V Dual N-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXMN6A25DN8 ZETEX-ZXMN6A25DN8 Datasheet
241Kb / 7P
   DUAL 60V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com