Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX118DW Datasheet(PDF) 2 Page - CML Microcircuits

Part # FX118DW
Description  Duplex Frequency Inverter for Cordless Telephones
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX118DW Datasheet(HTML) 2 Page - CML Microcircuits

  FX118DW Datasheet HTML 1Page - CML Microcircuits FX118DW Datasheet HTML 2Page - CML Microcircuits FX118DW Datasheet HTML 3Page - CML Microcircuits FX118DW Datasheet HTML 4Page - CML Microcircuits FX118DW Datasheet HTML 5Page - CML Microcircuits FX118DW Datasheet HTML 6Page - CML Microcircuits FX118DW Datasheet HTML 7Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Pin Number
Function
FX118DW
FX118P
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Xtal: Output of clock oscillator inverter.
No Internal Connection: It is recommended that, to improve noise conditions, this pin is connected to V
SS.
LPF(1) Out: The output of the Channel 1 Lowpass Filter. It is to be coupled to “B Mod(1) In” via a 1.0
µF
capacitor – see Figure 2.
B Mod(1) In: The input to Channel 1 balanced modulator. Internally biased at V
DD/2 it is to be coupled to
“LPF(1)” via a 1.0
µF capacitor – see Figure 2.
V
SS: Negative supply (GND).
C1 Out: The analogue output of Channel 1.
C1 Amp Output: Channel 1 amplifier with external components (see Figure 2) can be used to provide gain in
the signal path.
C1 In: The negative input of Channel 1 Amplifier. Recommended external components are shown in Figure 2.
C2 In: The negative input of Channel 2 Amplifier. Recommended external components are shown in Figure 2.
C2 Amp Output: Channel 2 amplifier with external components (see Figure 2) can be used to provide gain in
the signal path.
C2 Out: The analogue output of Channel 2.
V
BIAS: The internal analogue bias line at VDD/2. It should be decoupled to VSS via a 1.0µF or greater capacitor.
See Figure 2.
B Mod(2) In: The input to Channel 2 balanced modulator. Internally biased at V
DD/2 it is to be coupled to
“LPF(2)” via a 1.0
µF capacitor – see Figure 2.
LPF(2) Out: The output of the Channel 2 Lowpass Filter. It is to be coupled to “B Mod(2) In” via a 1.0
µF
capacitor – see Figure 2.
V
DD: The positive supply rail. A single positive supply voltage (3.0v
– 5.0v) is required. Levels and voltages
within the Duplex Frequency Inverter are dependent upon this supply.
Xtal/Clock: 4.433619 MHz Xtal or externally derived clock is injected at this pin. See Figure 2. Operation of
the FX118 without a Xtal or clock input may cause device damage.


Similar Part No. - FX118DW

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
FX1101 PERKINELMER-FX1101 Datasheet
1Mb / 4P
   High Stability Short Arc Xenon Flashlamps
FX1102 PERKINELMER-FX1102 Datasheet
1Mb / 4P
   High Stability Short Arc Xenon Flashlamps
logo
CML Microcircuits
FX1103 CMLMICRO-FX1103 Datasheet
216Kb / 4P
   LOW POWER CONSUMPTION
logo
PerkinElmer Optoelectro...
FX1103 PERKINELMER-FX1103 Datasheet
1Mb / 4P
   High Stability Short Arc Xenon Flashlamps
FX1104 PERKINELMER-FX1104 Datasheet
1Mb / 4P
   High Stability Short Arc Xenon Flashlamps
More results

Similar Description - FX118DW

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
MX118 CMLMICRO-MX118 Datasheet
368Kb / 7P
   FULL-DUPLEX SCRAMBLER FOR CORDLESS TELEPHONES
logo
List of Unclassifed Man...
MX118P ETC1-MX118P Datasheet
362Kb / 7P
   FULL-DUPLEX SCRAMBLER FOR CORDLESS TELEPHONES
logo
Toshiba Semiconductor
TLP222G TOSHIBA-TLP222G_07 Datasheet
189Kb / 6P
   Cordless Telephones
logo
Suntsu Electronics, Inc...
SATCA-3C1GF-DEB1 SUNTSU-SATCA-3C1GF-DEB1 Datasheet
1Mb / 6P
   Cordless Home Telephones
logo
NXP Semiconductors
PCD5032 PHILIPS-PCD5032 Datasheet
136Kb / 24P
   ADPCM CODEC for digital cordless telephones
1997 Apr 03
logo
Toshiba Semiconductor
TLP222G TOSHIBA-TLP222G_14 Datasheet
255Kb / 6P
   Cordless Telephones PBX Modems
TLP222G TOSHIBA-TLP222G Datasheet
138Kb / 6P
   Cordless Telephones PBX Modems
logo
Asahi Kasei Microsystem...
AK2368 AKM-AK2368 Datasheet
800Kb / 25P
   BASE-BAND LSI FOR CORDLESS TELEPHONES
logo
NEC
UPC8106TB NEC-UPC8106TB Datasheet
185Kb / 24P
   SILICON MMIC 2.0 GHz FREQUENCY UP-CONVERTER FOR CELLULAR/CORDLESS TELEPHONES
logo
Sanyo Semicon Device
LA8638V SANYO-LA8638V Datasheet
399Kb / 16P
   Low-voltage Compander IC for Cordless Telephones
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com