Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMS3017SSD Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMS3017SSD
Description  ASYMMETRIC DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMS3017SSD Datasheet(HTML) 4 Page - Diodes Incorporated

  DMS3017SSD Datasheet HTML 1Page - Diodes Incorporated DMS3017SSD Datasheet HTML 2Page - Diodes Incorporated DMS3017SSD Datasheet HTML 3Page - Diodes Incorporated DMS3017SSD Datasheet HTML 4Page - Diodes Incorporated DMS3017SSD Datasheet HTML 5Page - Diodes Incorporated DMS3017SSD Datasheet HTML 6Page - Diodes Incorporated DMS3017SSD Datasheet HTML 7Page - Diodes Incorporated DMS3017SSD Datasheet HTML 8Page - Diodes Incorporated DMS3017SSD Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
DMS3017SSD
Document number: DS35052 Rev. 2 - 2
4 of 10
www.diodes.com
October 2010
© Diodes Incorporated
DMS3017SSD
010
20
15
25
30
Fig. 3 Typical On-Resistance
vs. Drain Current and Gate Voltage
I , DRAIN-SOURCE CURRENT (A)
D
5
0.05
0
0.04
0.01
0.02
0.03
V
= 4.5V
GS
V
= 10V
GS
0
5
10
15
20
25
30
I , DRAIN CURRENT (A)
D
Fig. 4 Typical On-Resistance
vs. Drain Current and Temperature
0
0.01
0.02
0.04
0.03
T = 85°C
A
T = 25°C
A
T = -55°C
A
T = 150°C
A
V
= 10V
GS
T = 125°C
A
0.5
0.7
0.9
1.1
1.3
1.5
1.7
Fig. 5 On-Resistance Variation with Temperature
-50
-25
0
25
50
75
100
125 150
T , AMBIENT TEMPERATURE (°C)
A
V
= 4.5V
I = 5A
GS
D
V
= 10V
I = 10A
GS
D
0
0.01
0.02
0.03
0.04
0.05
0.06
Fig. 6 On-Resistance Variation with Temperature
-50
-25
0
25
50
75
100
125 150
T , AMBIENT TEMPERATURE (°C)
A
V
= 4.5V
I = 5A
GS
D
V
= 10V
I = 10A
GS
D
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Fig. 7 Gate Threshold Variation vs. Ambient Temperature
-50
-25
0
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
A
I = 1mA
D
I = 250µA
D
0.2
0.4
0.6
0.8
1.0
1.2
Fig. 8 Diode Forward Voltage vs. Current
V
, SOURCE-DRAIN VOLTAGE (V)
SD
0
2
4
6
8
10
12
14
16
18
20
T = 25°C
A


Similar Part No. - DMS3017SSD

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMS3012SFG DIODES-DMS3012SFG Datasheet
270Kb / 8P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
DMS3012SFG-13 DIODES-DMS3012SFG-13 Datasheet
270Kb / 8P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET WITH SCHOTTKY DIODE POWERDI짰
DMS3012SFG-13 DIODES-DMS3012SFG-13 Datasheet
270Kb / 8P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
DMS3012SFG-7 DIODES-DMS3012SFG-7 Datasheet
270Kb / 8P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET WITH SCHOTTKY DIODE POWERDI짰
DMS3012SFG-7 DIODES-DMS3012SFG-7 Datasheet
270Kb / 8P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMS3017SSD

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTNN8451KQ8 CYSTEKEC-MTNN8451KQ8 Datasheet
361Kb / 10P
   Asymmetric Dual N-Channel Enhancement Mode MOSFET
MTNN8452KQ8 CYSTEKEC-MTNN8452KQ8 Datasheet
358Kb / 10P
   Asymmetric Dual N-Channel Enhancement Mode MOSFET
MTNN081404SH8 CYSTEKEC-MTNN081404SH8 Datasheet
830Kb / 13P
   Asymmetric Dual N- Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMS3019SSD DIODES-DMS3019SSD Datasheet
205Kb / 10P
   ASYMMETRIC DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DS35053 Rev. 2 - 2
logo
Cystech Electonics Corp...
MTNN8453KQ8 CYSTEKEC-MTNN8453KQ8 Datasheet
361Kb / 10P
   Asymmetric Dual N-Channel Enhancement Mode MOSFET
logo
ACE Technology Co., LTD...
ACE13810B ACE-ACE13810B Datasheet
183Kb / 2P
   Dual Asymmetric N-Channel Enhancement Mode Power MOSFET
VER 1.3
logo
Advanced Power Electron...
AP3D2R6CMT A-POWER-AP3D2R6CMT Datasheet
140Kb / 8P
   ASYMMETRIC DUAL N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Alpha & Omega Semicondu...
AO4926 AOSMD-AO4926 Datasheet
246Kb / 8P
   Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4928 AOSMD-AO4928 Datasheet
160Kb / 8P
   Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4912 AOSMD-AO4912 Datasheet
152Kb / 8P
   Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com