Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMS3019SSD Datasheet(PDF) 8 Page - Diodes Incorporated

Part # DMS3019SSD
Description  ASYMMETRIC DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMS3019SSD Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button DMS3019SSD Datasheet HTML 2Page - Diodes Incorporated DMS3019SSD Datasheet HTML 3Page - Diodes Incorporated DMS3019SSD Datasheet HTML 4Page - Diodes Incorporated DMS3019SSD Datasheet HTML 5Page - Diodes Incorporated DMS3019SSD Datasheet HTML 6Page - Diodes Incorporated DMS3019SSD Datasheet HTML 7Page - Diodes Incorporated DMS3019SSD Datasheet HTML 8Page - Diodes Incorporated DMS3019SSD Datasheet HTML 9Page - Diodes Incorporated DMS3019SSD Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
DMS3019SSD
Document number: DS35053 Rev. 2 - 2
8 of 10
www.diodes.com
October 2010
© Diodes Incorporated
DMS3019SSD
0
5
10
15
20
25
30
Fig. 20 Typical Total Capacitance
V
, DRAIN-SOURCE VOLTAGE (V)
DS
10
1,000
100
C
iss
C
rss
C
oss
f = 1MHz
0
5
10
15
20
25
30
Fig. 21 Typical Leakage Current
vs. Drain-Source Voltage
V
, DRAIN-SOURCE VOLTAGE (V)
DS
1
10
100
1,000
10,000
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
02
4
6
8
10
12
Fig. 22 Gate-Charge Characteristics
Q , TOTAL GATE CHARGE (nC)
g
0
2
4
6
8
10
V
= 15V
I = 10A
DS
D
0.001
0.01
0.1
1
10
100
1,000
Fig. 23 Transient Thermal Response
t , PULSE DURATION TIME (s)
1
0.00001
0.0001
0.001
0.01
0.1
1
T - T = P * R
(t)
Duty Cycle, D = t /t
JA
JA
12
θ
R
(t) = r(t) *
θJA
R
R
= 113°C/W
θ
θ
JA
JA
P(pk)
t1
t2
D = 0.7
D = 0.3
D = 0.1
D = 0.05
D = 0.02
D = 0.01
D = 0.005
D = Single Pulse
D = 0.9
D = 0.5


Similar Part No. - DMS3019SSD

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMS3012SFG DIODES-DMS3012SFG Datasheet
270Kb / 8P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
DMS3012SFG-13 DIODES-DMS3012SFG-13 Datasheet
270Kb / 8P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET WITH SCHOTTKY DIODE POWERDI짰
DMS3012SFG-13 DIODES-DMS3012SFG-13 Datasheet
270Kb / 8P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
DMS3012SFG-7 DIODES-DMS3012SFG-7 Datasheet
270Kb / 8P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET WITH SCHOTTKY DIODE POWERDI짰
DMS3012SFG-7 DIODES-DMS3012SFG-7 Datasheet
270Kb / 8P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMS3019SSD

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTNN8451KQ8 CYSTEKEC-MTNN8451KQ8 Datasheet
361Kb / 10P
   Asymmetric Dual N-Channel Enhancement Mode MOSFET
MTNN8452KQ8 CYSTEKEC-MTNN8452KQ8 Datasheet
358Kb / 10P
   Asymmetric Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMS3017SSD DIODES-DMS3017SSD Datasheet
207Kb / 10P
   ASYMMETRIC DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DS35052 Rev. 2 - 2
logo
Cystech Electonics Corp...
MTNN081404SH8 CYSTEKEC-MTNN081404SH8 Datasheet
830Kb / 13P
   Asymmetric Dual N- Channel Enhancement Mode MOSFET
MTNN8453KQ8 CYSTEKEC-MTNN8453KQ8 Datasheet
361Kb / 10P
   Asymmetric Dual N-Channel Enhancement Mode MOSFET
logo
ACE Technology Co., LTD...
ACE13810B ACE-ACE13810B Datasheet
183Kb / 2P
   Dual Asymmetric N-Channel Enhancement Mode Power MOSFET
VER 1.3
logo
Advanced Power Electron...
AP3D2R6CMT A-POWER-AP3D2R6CMT Datasheet
140Kb / 8P
   ASYMMETRIC DUAL N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Alpha & Omega Semicondu...
AO4926 AOSMD-AO4926 Datasheet
246Kb / 8P
   Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4928 AOSMD-AO4928 Datasheet
160Kb / 8P
   Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4912 AOSMD-AO4912 Datasheet
152Kb / 8P
   Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com