Electronic Components Datasheet Search |
|
IC-WE Datasheet(PDF) 5 Page - IC-Haus GmbH |
|
IC-WE Datasheet(HTML) 5 Page - IC-Haus GmbH |
5 / 10 page iC-WE 3-CHANNEL 75 Ω LINE DRIVER Rev D1, Page 5/10 ELECTRICAL CHARACTERISTICS Operating Conditions: VB = 4.5..30 V, VCC = 5 V ± 10 %, Tj = -40..125 °C, unless otherwise noted Item Symbol Parameter Conditions Tj Fig. Unit °C Min. Typ. Max. Inputs E1..3 (continued) 204 Ipu() Pull-Up Current V(E) = 0..VCC - 1 V 40 280 µA 205 Vc()hi Clamp Voltage hi Vc(E)hi = V(E) - VCC, I(E) = 4 mA 0.4 1.25 V 206 Vc()lo Clamp Voltage lo I(E) = -4 mA -1.25 -0.4 V 207 tp(E-A) Propagation Delay E 6 A 80 125 200 300 330 330 ns ns ns 208 ∆tp()INV Delay Skew E 6 A for INV = lo vs. INV = hi 25 150 ns Error Detection 301 VCCon Turn-on Threshold VCC 4.0 4.49 V 302 VCCoff Undervoltage Threshold at VCC decreasing Supply VCC 3.8 4.30 V 303 VCChys Hysteresis VCChys = VCCon - VCCoff 130 mV 304 VBon Turn-on Threshold VB -40 4.0 4.0 4.49 4.6 V V 305 VBoff Undervoltage Threshold at VB decreasing Supply VB 3.8 4.35 V 306 VBhys Hysteresis Vbhys = Vbon - VBoff 130 mV 307 VCC Supply Voltage VCC for NER Operation 2.6 5.5 V 308 Vs(NER) Saturation Voltage lo at NER I(NER) = 5 mA 0.7 V 309 Isc(NER) Short-Circuit Current lo in NER V(NER) = 0..30 V 5 30 mA 310 I0(NER) Collector Off-State Current in NER V(NER) = 0..30 V, NER = off or VCC < 0.3 V 10 µA 311 Toff Thermal Shutdown Threshold 150 175 °C 312 Ton Thermal Lock-on Threshold decreasing temperature 125 160 °C 313 Thys Thermal Shutdown Hysteresis Thys = Toff - Ton 20 °C Mode Select INV, TRI, TNER 401 Vt()hi Threshold Voltage hi 40 %VCC 402 Vt()lo Threshold Voltage lo 30 %VCC 403 Vt()hys Input Hysteresis Vt()hys = Vt()hi - Vt()lo 40 90 mV 404 Ipu() Pull-Up Current V() = 0..VCC - 0.8 V 35 100 250 µA 405 Vc()hi Clamp Voltage hi Vc()hi = V() - VCC, I() = 4 mA 0.4 1.25 V 406 Vc()lo Clamp Voltage lo I() = -4 mA -1.25 -0.4 V 407 tpz (TRI-A) Propagation Delay TRI 6 A (A: lo,hi 6 Tri-State) RL(A) = 1 kΩ, RL(VCC,A) = 1 kΩ 5µs 408 tp(INV-A) Propagation Delay INV 6 A 5µs 409 tp(TNER- NER) Propagation Delay TNER 6 NER 5 µs |
Similar Part No. - IC-WE |
|
Similar Description - IC-WE |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |