Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-WG Datasheet(PDF) 2 Page - IC-Haus GmbH

Part # IC-WG
Description  14-BIT DIFFERENTIAL SCANNING OPTO ENCODER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-WG Datasheet(HTML) 2 Page - IC-Haus GmbH

  IC-WG Datasheet HTML 1Page - IC-Haus GmbH IC-WG Datasheet HTML 2Page - IC-Haus GmbH IC-WG Datasheet HTML 3Page - IC-Haus GmbH IC-WG Datasheet HTML 4Page - IC-Haus GmbH IC-WG Datasheet HTML 5Page - IC-Haus GmbH IC-WG Datasheet HTML 6Page - IC-Haus GmbH IC-WG Datasheet HTML 7Page - IC-Haus GmbH IC-WG Datasheet HTML 8Page - IC-Haus GmbH IC-WG Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
iC-WG
14-BIT DIFFERENTIAL SCANNING OPTO ENCODER
Rev B0, Page 2/11
DESCRIPTION
The iC-WG is an optoelectronic detector IC for linear and angle measuring systems, e.g. glass scales or
rotary encoders. Monolithically integrated are photodiodes, amplifiers and comparators as well as
TTL-compatible push-pull output drivers. All 14 tracks are differentially evaluated.
An integrated LED current control with driver stage makes it possible to directly connect a transmit LED
with series resistor and also guarantees a constant optical received power. The setpoint for the receive
current is adjusted via an external resistor. If the LED current control deviates from its working range, this
is indicated at the error message output.
For the adjustment of a reticle the chip features two adjustment crosses and supplies the analog signals
from three monitor photocurrent amplifiers. For exact radial alignment of the iC-WG (with reticle) to the
code disk, two monitor photodiodes are arranged such that the track position can be checked (option, not
available in the standard SMD package).
Two test pins permit a complete electrical functional test of the IC not including the photodiodes.
All push-pull and analog outputs are protected against ESD and short-circuits. The error message output
NERR is also short-circuit-proof and due to it’s open-collector design bus capable.
PAD DESCRIPTION
Name
Function
GND
Ground
IN0
Track N0 Analog Output (current sink)
IP0
Track P0 Analog Output (current sink)
IN1
Track N1 Analog Output (current sink)
IP1
Track P1 Analog Output (current sink)
RGND
Reference Ground for RSR circuitry
RSR
LED Current Control Setup
LED
LED Driver Output
LGND
LED Driver Power Ground
NERR
Error Message Output, low active
CSR
External capacitor for LED control
TIP
Positive Test Aid Input
TIN
Negative Test Aid Input
VCC
+5 to +20V Supply Voltage
A13
Track 13 Push-Pull Output
A12
"
..
"
A0
Track 0 Push-Pull Output


Similar Part No. - IC-WG

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-WD ICHAUS-IC-WD Datasheet
591Kb / 12P
   SWITCHED-MODE DUAL VOLTAGE REGULATOR
IC-WDADFN10 ICHAUS-IC-WDADFN10 Datasheet
591Kb / 12P
   SWITCHED-MODE DUAL VOLTAGE REGULATOR
IC-WDAEVALWD2D ICHAUS-IC-WDAEVALWD2D Datasheet
591Kb / 12P
   SWITCHED-MODE DUAL VOLTAGE REGULATOR
IC-WDBDFN10 ICHAUS-IC-WDBDFN10 Datasheet
591Kb / 12P
   SWITCHED-MODE DUAL VOLTAGE REGULATOR
IC-WDBEVALWD2D ICHAUS-IC-WDBEVALWD2D Datasheet
591Kb / 12P
   SWITCHED-MODE DUAL VOLTAGE REGULATOR
More results

Similar Description - IC-WG

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-OG ICHAUS-IC-OG_12 Datasheet
567Kb / 10P
   8-BIT DIFFERENTIAL SCANNING OPTO ENCODER
IC-OG ICHAUS-IC-OG Datasheet
216Kb / 9P
   8-BIT DIFFERENTIAL SCANNING OPTO ENCODER
IC-LV ICHAUS-IC-LV_16 Datasheet
468Kb / 15P
   5-BIT OPTO ENCODER
IC-OV ICHAUS-IC-OV Datasheet
412Kb / 9P
   5-BIT OPTO ENCODER
IC-LV ICHAUS-IC-LV Datasheet
196Kb / 12P
   5-BIT OPTO ENCODER
IC-LNB ICHAUS-IC-LNB_16 Datasheet
1Mb / 37P
   18-BIT OPTO ENCODER
IC-LNG ICHAUS-IC-LNG_14 Datasheet
1Mb / 30P
   16-BIT OPTO ENCODER
IC-OF ICHAUS-IC-OF Datasheet
143Kb / 6P
   3-BIT OPTO ENCODER
IC-OW ICHAUS-IC-OW Datasheet
243Kb / 7P
   INCREMENTAL OPTO ENCODER
IC-MHM ICHAUS-IC-MHM Datasheet
2Mb / 63P
   14-BIT ABSOLUTE ANGLE HALL ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com