Selected language     English  β–Ό


LA7220 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part No. LA7220
Description  Electronic Switch for VCR/Audio Use
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

   
 2 page
background image
Continued from preceding page.
Parameter
Symbol
Conditions
min
typ
max
Unit
2nd harmonic voltage
H2
Rg=50
Ω, 4.0 Vp-p,f=1 MHz, RL = ∞,
(Note 1)
–46
–55
dB
3rd harmonic voltage
H3
Rg=50
Ω, 4.0 Vp-p,f=1 MHz, RL = ∞,
(Note 1)
–46
–55
dB
Switch changeover voltage
VCTLS
(Note 1)
2.6
3.1
4.0
V
Mute threshold voltage
VML
Low level, (Note 3)
1.1
1.5
1.9
V
VMH
High level, (Note 3)
6.6
7.3
8.0
V
Crosstalk between
channels
1ch
Rg = 500
Ω,RL = ∞, other channel input
Rg=50
Ω, 2 Vp-p, f = 3.58 MHz, (Note 4)
–50
–68
dB
2ch
–50
–68
dB
3ch
–50
–68
dB
Mute compression ratio
Rg = 600
Ω, 2 Vp-p,f=1 kHz,
RL = ∞, series resistance 10 kΩ, (Note 3)
–60
dB
Control pin flow-in current
ICTL
(Note 1)
8
Β΅A
Input impedance
ZIN
(Note 1)
10
k
Ω
Output impedance
ZOUT
(Note 1)
29
Ω
Pin voltage
(Pin 1)
Vpin1
Vpin15 =0 V
Test point: V14
7.9
V
Vpin15 = 12 V
7.9
V
(Pin 2)
Vpin2
Test point: V2
7.2
V
(Pin 5)
Vpin5
Vpin13 =0 V
Test point: V16
7.9
V
Vpin13 = 12 V
7.9
V
(Pin 6)
Vpin6
Test point: V5
7.2
V
(Pin 7)
Vpin7
Test point: V7
7.2
V
(Pin 8)
Vpin8
Vpin10 =0 V
Test point: V18
7.9
V
Vpin10 = 12 V
7.9
V
(Pin 9)
Vpin9
Vpin10 =0 V
Test point: V17
7.9
V
Vpin10 = 12 V
7.9
V
(Pin 12)
Vpin12
Vpin13 =0 V
Test point: V15
7.9
V
Vpin13 = 12 V
7.9
V
(Pin 16)
Vpin16
Vpin15 =0 V
Test point: V13
7.9
V
Vpin15 = 12 V
7.9
V
Note 1. Measurements are made for each of 1ch, 2ch, 3ch using input A and input B.
Input A: VCTL (pins 10, 13, 15) is 12 V at the measurement mode.
Input B: VCTL is 0 V at the measurement mode.
2. Measurements are made using input A and B.
3. Measurements are made for 1ch, 3ch.
4. Measurements are made for each of 1ch, 2ch, 3ch using input A and B on other channels.
Equivalent Circuit Block Diagram
LA7220
No.1409-2/6




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LA7019ELECTRONIC SWITCH FOR USE IN VTR APPLICATIONS 1 2 3 Sanyo Semicon Device
LA7220M3-Channel 2-Position Electronic Switch for VCR/Audio Use 1 2 3 4 5 Sanyo Semicon Device
LA7018Electronic Switch for Use in VTR Applications 1 2 3 Sanyo Semicon Device
SVC221Varactor Diode for FM Receiver Electronic Tuning Use 1 2 3 Sanyo Semicon Device
SVC351Composite Varactor Diode for AM Receiver Electronic Tuning Use 1 2 3 Sanyo Semicon Device
LA1831Support for AM Stereo and Electronic Tuning Single Chip Music Center IC AM/FM IF + MPX for Use in Compact Radio/Casette Products 1 2 3 4 5 MoreSanyo Semicon Device
SVC222Varactor Diode for FM Receiver Electronic Tuning Use 1 2 3 Sanyo Semicon Device
SVC353Composite Varactor Diode for AM Receiver Low-Voltage Electronic Tuning Use 1 2 3 Sanyo Semicon Device
SVC234Varactor Diode for FM Receiver Electronic Tuning Use 1 2 3 Sanyo Semicon Device
CL-165HRYG-DULTRA - SMALL CHIP - LEDS FOR USE IN VARIOUS ELECTRONIC PRODUCTS 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedΒ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl