Selected language     English  ▼


LA7220 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part No. LA7220
Description  Electronic Switch for VCR/Audio Use
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

   
 5 page
background image
Item
Symbol
SW,VR mode
Test
point
SW1
SW2
SW3
SW4
SW5
SW6
SW7
SW8
SW9
VR1
VR2
VR3
Control pin
flow-in
current
1ch
ICTL1
cccccc
aaaabb
A2
2ch
ICTL2
cccccc
aaabab
A3
3ch
ICTL3
cccccc
aaabba
A4
Pin
voltage
(Pin 1)
Vpin1
cccccc
aaabbb
V14
(Pin 1)
Vpin1
cccccc
aaaabb
V14
(Pin 2)
Vpin2
cccccc
aaabbb
V2
(Pin 5)
Vpin5
cccccc
aaabbb
V16
(Pin 5)
Vpin5
cccccc
aaabab
V16
(Pin 6)
Vpin6
cccccc
aaabbb
V5
(Pin 7)
Vpin7
cccccc
aaabbb
V7
(Pin 8)
Vpin8
cccccc
aaabbb
V18
(Pin 8)
Vpin8
cccccc
aaabba
V18
(Pin 9)
Vpin9
cccccc
aaabbb
V17
(Pin 9)
Vpin9
cccccc
aaabba
V17
(Pin 12)
Vpin12
cccccc
aaabbb
V15
(Pin 12)
Vpin12
cccccc
aaabab
V15
(Pin 16)
Vpin16
cccccc
aaabbb
V13
(Pin 16)
Vpin16
cccccc
aaaabb
V13
(Note) Var*: While monitoring pins 2, 6, 7, adjust so that the minimum output is obtained.
Mute Threshold: While monitoring pins 3, 11, measure the minimum and maximum values of V10, V12 when the
minimum output is obtained.
H2 –VCC
Supply voltage, VCC –V
H2 –fIN
Input frequency, fIN – MHz
1ch to 3ch
H2 –fIN
Input frequency, fIN – MHz
H2 –VIN
Input voltage, VIN – Vp-p
1ch to 3ch
LA7220
No.1409-5/6




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LA7019ELECTRONIC SWITCH FOR USE IN VTR APPLICATIONS 1 2 3 Sanyo Semicon Device
LA7220M3-Channel 2-Position Electronic Switch for VCR/Audio Use 1 2 3 4 5 Sanyo Semicon Device
LA7018Electronic Switch for Use in VTR Applications 1 2 3 Sanyo Semicon Device
SVC221Varactor Diode for FM Receiver Electronic Tuning Use 1 2 3 Sanyo Semicon Device
SVC351Composite Varactor Diode for AM Receiver Electronic Tuning Use 1 2 3 Sanyo Semicon Device
LA1831Support for AM Stereo and Electronic Tuning Single Chip Music Center IC AM/FM IF + MPX for Use in Compact Radio/Casette Products 1 2 3 4 5 MoreSanyo Semicon Device
SVC222Varactor Diode for FM Receiver Electronic Tuning Use 1 2 3 Sanyo Semicon Device
SVC353Composite Varactor Diode for AM Receiver Low-Voltage Electronic Tuning Use 1 2 3 Sanyo Semicon Device
SVC234Varactor Diode for FM Receiver Electronic Tuning Use 1 2 3 Sanyo Semicon Device
CL-165HRYG-DULTRA - SMALL CHIP - LEDS FOR USE IN VARIOUS ELECTRONIC PRODUCTS 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl