Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DST847BPDP6-7 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DST847BPDP6-7
Description  COMPLEMENTARY DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DST847BPDP6-7 Datasheet(HTML) 5 Page - Diodes Incorporated

  DST847BPDP6-7 Datasheet HTML 1Page - Diodes Incorporated DST847BPDP6-7 Datasheet HTML 2Page - Diodes Incorporated DST847BPDP6-7 Datasheet HTML 3Page - Diodes Incorporated DST847BPDP6-7 Datasheet HTML 4Page - Diodes Incorporated DST847BPDP6-7 Datasheet HTML 5Page - Diodes Incorporated DST847BPDP6-7 Datasheet HTML 6Page - Diodes Incorporated DST847BPDP6-7 Datasheet HTML 7Page - Diodes Incorporated DST847BPDP6-7 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DST847BPDP6
Document number: DS32036 Rev. 1 - 2
5 of 8
www.diodes.com
January 2010
© Diodes Incorporated
DST847BPDP6
Electrical Characteristics – Q2 PNP Transistor @TA = 25°C unless otherwise specified
Characteristic (Note 4)
Symbol
Min
Typical
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
V(BR)CBO
-50
-100
-
V
IC = -10μA, IB = 0
Collector-Emitter Breakdown Voltage
V(BR)CES
-50
-90
-
V
IC = -10μA, IB = 0
Collector-Emitter Breakdown Voltage
V(BR)CEO
-45
-65
-
V
IC = -1mA, IB = 0
Emitter-Base Breakdown Voltage
V(BR)EBO
-6
-8.5
-
V
IE = -1μA, IC = 0
Collector Cutoff Current
ICBO
-
-
-15
nA
VCB = -30V
DC Current Gain
hFE
100
200
340
330
-
470
-
IC = -10μA, VCE = -5V
IC = -2.0mA, VCE = -5V
Collector-Emitter Saturation Voltage
VCE(sat)
-
-
-70
-300
-175
-500
mV
IC = -10mA, IB = -0.5mA
IC = -100mA, IB = -5.0mA
Base-Emitter Saturation Voltage
VBE(sat)
-
-
-760
-885
-1000
-1100
mV
IC = -10mA, IB = -0.5mA
IC = -100mA, IB = -5.0mA
Base-Emitter Voltage
VBE(on)
-600
-
-670
-715
-780
-850
mV
IC = -2.0mA, VCE = -5V
IC = -10mA, VCE = -5V
Current Gain-Bandwidth Product
fT
100
340
-
MHz
VCE = -5V, IC = -10mA,
f = 100MHz
Output Capacitance
Cobo
-
2.0
-
pF
VCB = -10V, f = 1.0MHz
Notes:
4. Short duration pulse test used to minimize self-heating effect.


Similar Part No. - DST847BPDP6-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DST847BPDP6 DIODES-DST847BPDP6_15 Datasheet
400Kb / 9P
   45V COMPLEMENTARY SMALL SIGNAL TRANSISTOR IN SOT963
More results

Similar Description - DST847BPDP6-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC847PN DIODES-BC847PN_08 Datasheet
94Kb / 4P
   COMPLEMENTARY PAIR SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 12 - 2 November 2008
BC847BVNQ DIODES-BC847BVNQ Datasheet
396Kb / 6P
   COMPLEMENTARY PAIR SMALL SIGNAL SURFACE MOUNT TRANSISTOR
February 2021 Rev. 1 - 2
BC847PN DIODES-BC847PN_1 Datasheet
221Kb / 4P
   COMPLEMENTARY PAIR SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30278 Rev. 8 - 2
BC847BVN DIODES-BC847BVN Datasheet
228Kb / 4P
   COMPLEMENTARY PAIR SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30627 Rev. 4 - 2
BC847BVN DIODES-BC847BVN_15 Datasheet
170Kb / 6P
   COMPLEMENTARY PAIR SMALL SIGNAL SURFACE MOUNT TRANSISTOR
BC847PN DIODES-BC847PN Datasheet
46Kb / 3P
   COMPLEMENTARY PAIR SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30278 Rev. 2 - 2
MMDT5451 DIODES-MMDT5451 Datasheet
45Kb / 2P
   COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30171 Rev. C-1
MMDT4146 DIODES-MMDT4146_1 Datasheet
88Kb / 5P
   COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30162 Rev. 9 - 2
logo
Unisonic Technologies
BD2378 UTC-BD2378 Datasheet
96Kb / 4P
   COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
MMDT4146 DIODES-MMDT4146_15 Datasheet
100Kb / 5P
   COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com