Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-WJBEVALWJ1D Datasheet(PDF) 4 Page - IC-Haus GmbH

Part # IC-WJBEVALWJ1D
Description  2.7 V LASER DIODE DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-WJBEVALWJ1D Datasheet(HTML) 4 Page - IC-Haus GmbH

  IC-WJBEVALWJ1D Datasheet HTML 1Page - IC-Haus GmbH IC-WJBEVALWJ1D Datasheet HTML 2Page - IC-Haus GmbH IC-WJBEVALWJ1D Datasheet HTML 3Page - IC-Haus GmbH IC-WJBEVALWJ1D Datasheet HTML 4Page - IC-Haus GmbH IC-WJBEVALWJ1D Datasheet HTML 5Page - IC-Haus GmbH IC-WJBEVALWJ1D Datasheet HTML 6Page - IC-Haus GmbH IC-WJBEVALWJ1D Datasheet HTML 7Page - IC-Haus GmbH IC-WJBEVALWJ1D Datasheet HTML 8Page - IC-Haus GmbH IC-WJBEVALWJ1D Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
iC-WJB
2.7 V LASER DIODE DRIVER
Rev E1, Page 4/12
ELECTRICAL CHARACTERISTICS
Operating Conditions: VCC = 2.7...6 V, RSET = 2.7...27 kΩ, I(AMD) = 0.15...1.5 mA, Tj = -25...125 °C, unless otherwise noted.
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
Total Device
001
VCC
Permissible Supply Voltage
Range
2.7
6
V
002
Idc(VCC)
Supply Current in VCC
RSET = 5 kΩ, IN = hi, Idc(KLD) = 40 mA
4
7
13
mA
003
I0(VCC)
Standby Supply Current in VCC
REST= 5 kΩ, IN = lo, Tj = 27 °C
5
mA
004
Iav(VCC)
Supply Current in VCC (average
value)
Ipk(KLD) = 80 mA, f(IN) = 200 kHz ±20 %,
twhi / twlo = 1
9
15
mA
005
tp(IN-KLD) Delay Time Pulse Edge V(IN) to
I(KLD)
IN(hi ↔ lo), V(50 %) : I(50 %)
65
135
ns
006
Pcon
Power Consumption
VCC = 3 V, V(KLD) ≈ 0.6 V, RSET = 5 kΩ,
Idc(KLD) = 40 mA
50
mW
007
Vc()hi
Clamp Voltage hi at VCC, IN,
AMD, KLD, CI, CWD, ISET
I() = 2 mA, other pins open
6.2
10
V
Tj = 27 °C
7.5
V
Driver
101
Vs(KLD)
Saturation Voltage at KLD
IN = hi, I(KLD) = 80 mA
0.3
V
Tj = 27 °C
0.11
V
102
Vs(KLD)
Saturation Voltage at KLD
IN = hi, I(KLD) = 100 mA
0.4
V
103
I0(KLD)
Leakage Current in KLD
IN = lo, V(KLD) = VCC
10
µA
104
V(AMD)
Voltage at AMD
I(AMD) = 1.5 mA
0.4
1.0
V
Tj = 27 °C
0.84
V
105
tr
Current Rise Time in KLD
Imax(KLD) = 20...80 mA, Ip(): 10 → 90 %
100
ns
Tj = 27 °C
30
ns
106
tf
Current Fall Time in KLD
Imax(KLD) = 20...80 mA, Ip(): 90 % → 10 %
100
ns
Tj = 27 °C
20
ns
107
CR1()
Current Ratio I(AMD)/I(ISET)
I(CI) = 0, closed control loop;
RSET = 2.7..27 kΩ
2.4
3
3.8
RSET = 27..330 kΩ
2.4
3.6
5.4
108
CR2()
Current Ratio I(AMD)/I(CI)
V(CI) = 1...2 V, ISET open
2.7
3
3.3
109
TC1()
Temperature Coefficient of
Current Ratio I(AMD)/I(ISET)
I(CI) = 0, closed control loop;
RSET = 2.7...27 kΩ
0.01
% / °C
RSET = 27...330 kΩ
-0.1
-0.25
% / °C
Input IN
201
Vt()hi
Threshold hi
45
70
%VCC
202
Vt()lo
Threshold lo
40
65
%VCC
203
Vt()hys
Hysteresis
20
mV
Tj = 27 °C
65
mV
204
Rin
Pull-Down Resistor
V(IN) = -0.3 V...VCC
4
16
kΩ
Tj = 27 °C
10
kΩ
205
V0()
Open-loop Voltage
I(IN) = 0
0.1
V
Reference und Thermal Shutdown
301
V(ISET)
Voltage at ISET
1.16
1.28
V
Tj = 27 °C
1.22
V
302
CR()
Current Ratio I(CI)/I(ISET)
V(CI) = 1...2 V, I(AMD) = 0
0.9
1
1.12
303
RSET
Permissible Resistor at ISET
(Control Set-up Range)
2.7
330
kΩ
304
Toff
Thermal Shutdown Threshold
125
150
°C
305
Thys
Thermal Shutdown Hysteresis
10
40
°C
Power-Down and Watchdog
401
VCCon
Turn-on Threshold VCC
2.4
2.7
V
Tj = 27 °C
2.6
V
402
VCCoff
Undervoltage Threshold at VCC
2.3
2.63
V
Tj = 27 °C
2.5
V
403
VCChys
Hysteresis
VCChys = VCCon − VCCoff
70
100
150
mV
404
Vs(CI)off
Saturation Voltage at CI with
undervoltage
I(CI) = 300 µA, VCC < VCCoff
1.5
V


Similar Part No. - IC-WJBEVALWJ1D

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-WJ ICHAUS-IC-WJ Datasheet
577Kb / 12P
   LASER DIODE DRIVER
IC-WJ ICHAUS-IC-WJ Datasheet
114Kb / 3P
   APPLICATION NOTES
IC-WJEVALWJ1D ICHAUS-IC-WJEVALWJ1D Datasheet
577Kb / 12P
   LASER DIODE DRIVER
IC-WJMSOP8 ICHAUS-IC-WJMSOP8 Datasheet
577Kb / 12P
   LASER DIODE DRIVER
IC-WJSO8 ICHAUS-IC-WJSO8 Datasheet
577Kb / 12P
   LASER DIODE DRIVER
More results

Similar Description - IC-WJBEVALWJ1D

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2841 AD-ADN2841 Datasheet
276Kb / 12P
   Dual-Loop 50 Mbps.2.7 Gbps Laser Diode Driver
REV. 0
logo
IC-Haus GmbH
IC-WKN ICHAUS-IC-WKN Datasheet
274Kb / 9P
   15 V CW LASER DIODE DRIVER
IC-WK ICHAUS-IC-WK Datasheet
236Kb / 8P
   2.4 V CW LASER DIODE DRIVER
WKMSOP8 ICHAUS-WKMSOP8 Datasheet
236Kb / 8P
   2.4 V CW LASER DIODE DRIVER
WKNDFN10 ICHAUS-WKNDFN10 Datasheet
274Kb / 9P
   15 V CW LASER DIODE DRIVER
WKSO8 ICHAUS-WKSO8 Datasheet
236Kb / 8P
   2.4 V CW LASER DIODE DRIVER
IC-WKN ICHAUS-IC-WKN_14 Datasheet
543Kb / 12P
   15 V CW LASER DIODE DRIVER
logo
Analog Devices
ADN2841 AD-ADN2841_15 Datasheet
346Kb / 16P
   Dual-Loop, 50 Mbps to 2.7 Gbps Laser Diode Driver
REV. B
logo
IC-Haus GmbH
WKLMSOP8 ICHAUS-WKLMSOP8 Datasheet
236Kb / 8P
   2.4 V CW LASER DIODE DRIVER
WKLSO8 ICHAUS-WKLSO8 Datasheet
236Kb / 8P
   2.4 V CW LASER DIODE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com