Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-WKPDFN10 Datasheet(PDF) 5 Page - IC-Haus GmbH

Part # IC-WKPDFN10
Description  15 V CW P-TYPE LASER DIODE DRIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-WKPDFN10 Datasheet(HTML) 5 Page - IC-Haus GmbH

  IC-WKPDFN10 Datasheet HTML 1Page - IC-Haus GmbH IC-WKPDFN10 Datasheet HTML 2Page - IC-Haus GmbH IC-WKPDFN10 Datasheet HTML 3Page - IC-Haus GmbH IC-WKPDFN10 Datasheet HTML 4Page - IC-Haus GmbH IC-WKPDFN10 Datasheet HTML 5Page - IC-Haus GmbH IC-WKPDFN10 Datasheet HTML 6Page - IC-Haus GmbH IC-WKPDFN10 Datasheet HTML 7Page - IC-Haus GmbH IC-WKPDFN10 Datasheet HTML 8Page - IC-Haus GmbH IC-WKPDFN10 Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
iC-WKP
15 V CW P-TYPE LASER DIODE DRIVER
Rev A6, Page 5/10
ELECTRICAL CHARACTERISTICS
Operating Conditions: VCC = 3...15 V, RM = 0.2...500 kΩ, Tj = -40...125 °C unless otherwise stated
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
Total Device
001
VCC
Permissible Supply Voltage
3
15
V
002
I(LDA)m
Permissible Laser Drive Current
(closed control loop)
Control range
-350
-10
mA
003
Idc(VCC)
Supply Current without load path Closed control loop, I(MDK) = 0,
I(LDA) = -350 mA
5
10
mA
004
Ioff(VCC)
Supply Current after Reset
2.4
5
mA
005
Ir(VCC)
Reverse Supply Current
RM = 50 kΩ, VCC = -6 V
-15
-3
mA
006
ton()
Turn-on Delay
VCC: 0 → 5 V to 95% I(LDA),
I(LDA) = I(LDA)m, CI = 3.3 µF
600
µs
007
Vc()hi
Clamp Voltage hi at MDA
I() = 10 mA, other pins open
1
4
V
008
Vc()lo
Clamp Voltage lo at
VCC, LDA, MDA, CI, VCCA
I() = -10 mA, other pins open
-9
V
009
Vc()hi
Clamp Voltage hi at MDK refer-
enced to VCCA
I() = 10 mA, other pins open
8
11
14
V
010
Vc()lo
Clamp Voltage lo at MDK refer-
enced to VCCA
I() = -10 mA, other pins open
-11
-1
V
011
Vc()hi
Clamp Voltage hi at VCC, LDA,
CI, VCCA
I() = 10 mA, other pins open
16
24
V
Reference and Monitor Inputs MDA, MDK, AGND
101
Vref(MDK) Reference Voltage at MDK
Vref(MDK) = VCCA − V(MDK),
closed control loop, VCC − V(LDA) > Vs(LDA)
1.18
1.24
1.30
V
102
dV(MDK)
Reference Voltage Temperature
Drift at MDA
See 101
120
µV/°C
103
Ierr(MDK)
Input Current in MDK
Closed control loop, I(MDA) = 0
-300
300
nA
104
dI(MDK)
Input Current Temperature Drift in
MDK
See 103
-1
1
nA/°C
105
APCerr
Control Error
RM = 10 kΩ;
Tj = 0...80 °C
0.5
%
Tj = -40...125 °C
2
%
106
dI(MD)
Supply Voltage Suppression
V(VCC): 3 → 15 V, I(LDA) = -350 mA
-2
2
%
107
Rgnd()
Resistor AGND-GND
3
108
CR()
Current Ratio I(MDA)/I(MDK)
I(MDA) = 1 µA...1 mA
0.98
1.02
I(MDA) = 1...6 mA
0.95
1.05
109
TC()
Current Ratio Temperature
Coefficient I(MDA)/I(MDK)
I(MDA) = 1 µA...1 mA
-0.005
0.005
%/°C
-0.025
0.025
%/°C
110
Vf(MDA)
Voltage at MDA
I(MDA) = 1 µA...6 mA
0.4
1.3
2
V
Laser Driver LDA
201
Vs(LDA)
Saturation Voltage at LDA
referenced to VCC
Vs(LDA) = V(VCC) − V(LDA);
I(LDA)= -40 mA
0.9
V
I(LDA)= -350 mA
1.3
V
202
dI(MDK)
Load Balancing Error
I(LDA): -20 → -350 mA
-2.5
2
%
203
It(LDA)
Overcurrent Threshold in LDA
-700
-360
mA
204
toff()
Overcurrent Reset Delay
Lack of feedback: I(MD) = 0 to I(LDA) > -10 mA,
VCC = 5 V, CI = 3.3 µF
600
µs
205
Vf()
Flyback Diode Forward Voltage
V(GND)-V(LDA)
I(LDA) > -350 mA
1.5
V
206
Rvcc()
Transient Protection Resistor
VCC to VCCA
3
207
Vt(MDK)
Shutdown Threshold at MDK
Vt(MDK) = V(VCCA) − V(MDK), t > 1 µs
1.35
2.1
V
Control Release Flip-Flop
401
VCCen
Set Threshold for Enable Flip-
Flop
0.6
1.9
V
402
Toff
Overtemperature Shutdown
140
165
°C


Similar Part No. - IC-WKPDFN10

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-WK ICHAUS-IC-WK Datasheet
236Kb / 8P
   2.4 V CW LASER DIODE DRIVER
logo
Roithner LaserTechnik G...
IC-WK1D ROITHNER-IC-WK1D Datasheet
292Kb / 5P
   ordering information
IC-WK2D ROITHNER-IC-WK2D Datasheet
60Kb / 1P
   LASERDIODE DRIVER PCB for n-type laser diodes
logo
IC-Haus GmbH
IC-WKEVALWK4D ICHAUS-IC-WKEVALWK4D Datasheet
236Kb / 8P
   2.4 V CW LASER DIODE DRIVER
IC-WKICSYWK1D ICHAUS-IC-WKICSYWK1D Datasheet
236Kb / 8P
   2.4 V CW LASER DIODE DRIVER
More results

Similar Description - IC-WKPDFN10

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
WKPDFN10 ICHAUS-WKPDFN10 Datasheet
357Kb / 10P
   15 V CW P-TYPE LASER DIODE DRIVER
WKPSO8-TP ICHAUS-WKPSO8-TP Datasheet
357Kb / 10P
   15 V CW P-TYPE LASER DIODE DRIVER
WKNDFN10 ICHAUS-WKNDFN10 Datasheet
274Kb / 9P
   15 V CW LASER DIODE DRIVER
IC-WKN ICHAUS-IC-WKN_14 Datasheet
543Kb / 12P
   15 V CW LASER DIODE DRIVER
IC-WKN ICHAUS-IC-WKN Datasheet
274Kb / 9P
   15 V CW LASER DIODE DRIVER
IC-HTP ICHAUS-IC-HTP Datasheet
1Mb / 51P
   DUAL CW P-TYPE LASER DIODE DRIVER
WKLSO8 ICHAUS-WKLSO8 Datasheet
236Kb / 8P
   2.4 V CW LASER DIODE DRIVER
logo
List of Unclassifed Man...
IC-WKM ETC2-IC-WKM Datasheet
242Kb / 9P
   M-TYPE CW LASER DIODE DRIVER
logo
IC-Haus GmbH
WKMSO8-TP ICHAUS-WKMSO8-TP Datasheet
247Kb / 9P
   M-TYPE CW LASER DIODE DRIVER
IC-WK ICHAUS-IC-WK Datasheet
236Kb / 8P
   2.4 V CW LASER DIODE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com