Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBR15U30SP5 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # SBR15U30SP5
Description  SUPER BARRIER RECTIFIER High Thermal Reliability
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR15U30SP5 Datasheet(HTML) 3 Page - Diodes Incorporated

  SBR15U30SP5 Datasheet HTML 1Page - Diodes Incorporated SBR15U30SP5 Datasheet HTML 2Page - Diodes Incorporated SBR15U30SP5 Datasheet HTML 3Page - Diodes Incorporated SBR15U30SP5 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SBR15U30SP5
Document number: DS32154 Rev. 2 - 2
3 of 4
www.diodes.com
January 2011
© Diodes Incorporated
SBR15U30SP5
SBR and PowerDI are registered trademarks of Diodes Incorporated.
0
5
10
15
20
25
30
Fig. 3 Typical Reverse Characteristics
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
0.01
1
100
10,000
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
100
1,000
10,000
100,000
0
5
10
15
20
25
30
Fig. 4 Total Capacitance vs. Reverse Voltage
V , DC REVERSE VOLTAGE (V)
R
Fig. 5 Forward Current Derating Curve
0
5
10
15
20
25
50
75
100
125
150
175
T , AMBIENT TEMPERATURE (°C)
A
R
= 26°C/W
Per Element
Note 3
JA
θ
R
=
Per Element
JA
θθ
R JC
0
25
50
75
100
125
150
0
3
6
9
12
15
18
21
24
27 30
V , DC REVERSE VOLTAGE (V)
Fig. 6 Operating Temperature Derating
R
Package Outline Dimensions
PowerDI
®5
Dim
Min
Max
A
1.05
1.15
A2
0.33
0.43
b1
0.80
0.99
b2
1.70
1.88
D
3.90
4.05
D2
3.054 Typ
E
6.40
6.60
e
1.84 Typ
E1
5.30
5.45
E2
3.549 Typ
L
0.75
0.95
L1
0.50
0.65
W
1.10
1.41
All Dimensions in mm
E
E1
b1
A
A2
A2
D
b2
b1
e
D2
L
E2
L1
W


Similar Part No. - SBR15U30SP5

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR15U30SP5 DIODES-SBR15U30SP5 Datasheet
95Kb / 4P
   SUPER BARRIER RECTIFIER
SBR15U30SP5-13 DIODES-SBR15U30SP5-13 Datasheet
95Kb / 4P
   SUPER BARRIER RECTIFIER
SBR15U30SP5Q DIODES-SBR15U30SP5Q Datasheet
558Kb / 6P
   15A SBR SUPER BARRIER RECTIFIER PowerDI5
January 2018
SBR15U30SP5Q-13 DIODES-SBR15U30SP5Q-13 Datasheet
558Kb / 6P
   15A SBR SUPER BARRIER RECTIFIER PowerDI5
January 2018
SBR15U30SP5Q DIODES-SBR15U30SP5Q_15 Datasheet
239Kb / 6P
   SUPER BARRIER RECTIFIER 15A SBR짰 POWERDI짰5
More results

Similar Description - SBR15U30SP5

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR20A150CT DIODES-SBR20A150CT_08 Datasheet
166Kb / 3P
   SUPER BARRIER RECTIFIER
DS30967 Rev. 3 - 2
logo
List of Unclassifed Man...
SBR20A40CTF ETC1-SBR20A40CTF Datasheet
61Kb / 2P
   SUPER BARRIER RECTIFIER
logo
Diodes Incorporated
SBR1045CTL DIODES-SBR1045CTL Datasheet
79Kb / 4P
   SUPER BARRIER RECTIFIER
logo
List of Unclassifed Man...
SBR20150CT ETC-SBR20150CT Datasheet
136Kb / 3P
   SUPER BARRIER RECTIFIER
SBR40U60PT ETC1-SBR40U60PT Datasheet
80Kb / 2P
   Super barrier rectifier
SBR40U100PT ETC1-SBR40U100PT Datasheet
80Kb / 2P
   Super barrier rectifier
SBR60A60CT ETC-SBR60A60CT Datasheet
77Kb / 2P
   Super barrier rectifier
SBR60A100CT ETC-SBR60A100CT Datasheet
78Kb / 2P
   Super barrier rectifier
SBR60A150CT ETC-SBR60A150CT Datasheet
77Kb / 2P
   Super barrier rectifier
SBR10150CT ETC1-SBR10150CT Datasheet
88Kb / 3P
   Super barrier rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com