Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZABG6002 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZABG6002
Description  LOW POWER 6 STAGE FET LNA AND MIXER BIAS CONTROLLER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZABG6002 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZABG6002 Datasheet HTML 1Page - Diodes Incorporated ZABG6002 Datasheet HTML 2Page - Diodes Incorporated ZABG6002 Datasheet HTML 3Page - Diodes Incorporated ZABG6002 Datasheet HTML 4Page - Diodes Incorporated ZABG6002 Datasheet HTML 5Page - Diodes Incorporated ZABG6002 Datasheet HTML 6Page - Diodes Incorporated ZABG6002 Datasheet HTML 7Page - Diodes Incorporated ZABG6002 Datasheet HTML 8Page - Diodes Incorporated ZABG6002 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
ZABG6002
ZABG6002
Document number: DS32078 Rev. 1 - 2
1 of 12
www.diodes.com
May 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
LOW POWER 6 STAGE FET LNA AND MIXER BIAS CONTROLLER
Summary
The ZABG6002 is a programmable low power depletion mode FET bias and mixer controller intended primarily for
satellite Low Noise Blocks (LNBs). Designed to provide system flexibility the ZABG6002 can be programmed to bias
six low noise amplifier (LNA) stages or four LNA and two active mixer stages, allowing the ZABG6002 to be used in
several system designs.
Combining advanced IC process and packaging techniques, the ZABG6002 operates with minimal current over a
wide supply voltage. The small package and reduced component count minimizes the PCB area whilst enhancing
overall LNB reliability.
Features
• Six stage FET bias controller, two configurable as
mixer stages
• Operating range of 3.0V to 8.0V
• Amplifier FET drain voltages set at 2.0V, mixer
drain voltage set at 0.25V
• Amplifier FET drain current selectable from 0 to
15mA, mixer current from 0 to 7.5mA
• Switchable FET’s for power management
• FET drain voltages and currents held stable over
temperature and VCC variations
• FETs protected against overstress during power-
up and power-down.
• Internal negative supply generator allowing single
supply operation (available for external use)
• Low quiescent supply current, 1.6mA typical
• Low external component count
Pin Assignments
QFN2044
QSOP20
Applications
• Twin LNB’s
• Quad LNB’s
• US LNB’s
• Microwave links
• PMR and Cellular telephone systems
Twin LNB System Diagrams
ZABG
6002
ZXHF
5002
ZABG
6002
ZXHF
5002
ZABG
6002
ZLNB
102
ZABG
6002
ZLNB
102
 
G2
D3
G3
D5
D2
G5
D6
G6
Rcal1
RcalM
G2
D3
G3
D5
D2
G5
D6
G6
Rcal1
RcalM
G2
D3
G3
D5
D2
G5
D6
G6
Rcal1
RcalM
Csub
Csub
Csub
G1
D2
G2
D4
D5
Rcal2
Rcal1
G4
RcalM
Gnd
G3
D3
D6
G5
Csub
Cnb2
G6
Cnb1
D1
1
Vcc
G1
D2
G2
D4
D5
Rcal2
Rcal1
G4
RcalM
Gnd
G3
D3
D6
G5
Csub
Cnb2
G6
Cnb1
D1
1
Vcc


Similar Part No. - ZABG6002

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZABG6003 DIODES-ZABG6003 Datasheet
288Kb / 8P
   6 STAGE FET LNA BIAS CONTROLLER
ZABG6003JA16TC DIODES-ZABG6003JA16TC Datasheet
288Kb / 8P
   6 STAGE FET LNA BIAS CONTROLLER
ZABG6004 DIODES-ZABG6004 Datasheet
447Kb / 11P
   6 STAGE FET LNA BIAS CONTROLLER
ZABG6004JA16TC DIODES-ZABG6004JA16TC Datasheet
447Kb / 11P
   6 STAGE FET LNA BIAS CONTROLLER
ZABG6004Q20TC DIODES-ZABG6004Q20TC Datasheet
447Kb / 11P
   6 STAGE FET LNA BIAS CONTROLLER
More results

Similar Description - ZABG6002

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L8602 UTC-L8602 Datasheet
167Kb / 8P
   LOW POWER 6 STAGE FET LNA AND MIXER BIAS CONTROLLER
logo
Diodes Incorporated
ZNBG6008 DIODES-ZNBG6008 Datasheet
517Kb / 7P
   6 STAGE FET LNA BIAS CONTROLLER
ZABG6004 DIODES-ZABG6004 Datasheet
447Kb / 11P
   6 STAGE FET LNA BIAS CONTROLLER
ZABG6003 DIODES-ZABG6003 Datasheet
288Kb / 8P
   6 STAGE FET LNA BIAS CONTROLLER
ZABG4002 DIODES-ZABG4002 Datasheet
90Kb / 7P
   LOW POWER 4 STAGE FET LNA BIAS CONTROLLER
DS32047 Rev. 2 - 2
ZABG4003 DIODES-ZABG4003 Datasheet
274Kb / 9P
   4 STAGE FET LNA BIAS CONTROLLER
ZNBG4003 DIODES-ZNBG4003 Datasheet
172Kb / 7P
   4 STAGE FET LNA BIAS CONTROLLER
DS35007 Rev. 1 - 2
ZNBG4008 DIODES-ZNBG4008 Datasheet
505Kb / 7P
   4 STAGE FET LNA BIAS CONTROLLER
logo
Unisonic Technologies
L8402 UTC-L8402 Datasheet
149Kb / 6P
   LOW POWER 4 STAGE FET BIAS CONTROLLER
logo
Diodes Incorporated
ZNBG3118 DIODES-ZNBG3118 Datasheet
125Kb / 10P
   LNA GaAs FET BIAS CONTROLLER WITH POLARIZATION AND BAND SELECT
DS32049 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com