Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2XF0500-VP Datasheet(PDF) 1 Page - XFMRS Inc.

Part # 2XF0500-VP
Description  LOW COST
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XFMRS [XFMRS Inc.]
Direct Link  http://www.xfmrs.com
Logo XFMRS - XFMRS Inc.

2XF0500-VP Datasheet(HTML) 1 Page - XFMRS Inc.

  2XF0500-VP Datasheet HTML 1Page - XFMRS Inc. 2XF0500-VP Datasheet HTML 2Page - XFMRS Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
XFMRS
XFMRS, INC.
1940 Landersdale Road • Camby, Indiana 46113 • Tel. (317) 834-1066 • Fax: (317) 834-1067
XFMRS
1
• LOW COST
• SHORT LEAD TIMES
• EXCELLENT FOR AC RIPPLE AND SWITCH MODE POWER SUPPLIES
• STABLE INDUCTANCE FROM NO LOAD TO FULL RATED CURRENT
• UNIVERSAL APPLICATIONS
• HIGH DC CURRENT HANDLING CAPABILITIES
• CUSTOM VERSIONS AVAILABLE
• SURFACE MOUNT VERSIONS AVAILABLE
• OTHER CONFIGURATIONS AVAILABLE (POT CORE, ROD CORE, EE CORE, RM CORE, ETC.)
ELECTRICALSPECIFICATIONS@25C
HORIZONTALENCAPSULATEDCONFIGURATION
PACKAGE
STYLE
HP
HP
HP
HP
HP
HP
HP
HP
HP
* Current that causes a maximum 15% drop in inductance.
VERTICALENCAPSULATEDCONFIGURATION
E
(NOM.
INCHES)
.036
.032
.028
.025
.025
.046
.040
.036
.032
.028
.023
.051
.056
.040
.036
.032
.028
.025
T
(NOM.
INCHES)
.250
.250
.250
.250
.250
.350
.350
.350
.350
.350
.350
.400
.400
.400
.400
.400
.400
.400
H
(NOM.
INCHES)
1.7502
1.7502
1.7502
1.7502
1.7502
1.9502
1.9502
1.9502
1.9502
1.9752
1.9752
1.1752
1.1752
1.1752
1.1752
11.2522
11.2522
11.2522
W
(NOM.
INCHES)
.400
.400
.400
.400
.400
.500
.500
.500
.500
.500
.500
.660
.660
.660
.660
.660
.660
.660
L
(NOM.
INCHES)
1.750
1.750
1.750
1.750
1.750
1.800
1.800
1.800
1.800
1.800
1.800
1.160
1.160
1.160
1.160
1.160
1.160
1.160
DCR
OHMS
(MAX)
.010
.020
.030
.045
.055
.015
.025
.035
.050
.070
.155
.020
.030
.035
.050
.090
.180
.250
CURRENT
RATING*
(AMPS DC)
3.0
2.0
1.5
1.0
1.0
5.0
4.0
3.0
2.5
2.0
1.5
6.0
4.5
4.0
3.0
2.0
1.5
1.0
INDUCTANCE
@1kHz
± 10%
10uh
25uh
50uh
75uh
100uh
10uh
25uh
50uh
75uh
100uh
250uh
25uh
50uh
75uh
100uh
250uh
500uh
750uh
XF0010-VP
XF0025-VP
XF0050-VP
XF0075-VP
XF0100-VP
1XF0010-VP
1XF0025-VP
1XF0050-VP
1XF0075-VP
1XF0100-VP
1XF0250-VP
2XF0025-VP
2XF0050-VP
2XF0075-VP
2XF0100-VP
2XF0250-VP
2XF0500-VP
2XF0750-VP
PART
NUMBER
DCR OHMS
(MAX)
0.150
0.150
0.200
0.250
0.280
0.360
0.360
1.100
2.400
CURRENT RATING*
AMPS DC
4.0
3.5
3.0
2.5
2.0
2.0
2.0
1.0
0.5
INDUCTANCE
@1 .0kHz, 1.0V ± 10%
10uh
25uh
50uh
75uh
100uh
150uh
250uh
500uh
1000uh
XF0010-HP
XF0025-HP
XF0050-HP
XF0075-HP
XF0100-HP
XF0150-HP
XF0250-HP
XF0500-HP
XF1000-HP
PART
NUMBER


Similar Part No. - 2XF0500-VP

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
2XF0500-VP XFMRS-2XF0500-VP Datasheet
32Kb / 2P
   RF TRANSFORMER
More results

Similar Description - 2XF0500-VP

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
744C083103JP CTS-744C083103JP Datasheet
182Kb / 4P
   Low Cost
logo
Recom International Pow...
RKE-H RECOM-RKE-H Datasheet
256Kb / 4P
   Low Cost
logo
Suntan Capacitors
TSQ-HC49SMD SUNTAN-TSQ-HC49SMD Datasheet
226Kb / 1P
   Low cost
logo
MAKO SEMICONDUCTOR CO.,...
ZMM2V4 MAKOSEMI-ZMM2V4 Datasheet
208Kb / 2P
   Low cost
logo
CTS Corporation
743C083103JP CTS-743C083103JP Datasheet
182Kb / 4P
   Low Cost
744C083104JP CTS-744C083104JP Datasheet
182Kb / 4P
   Low Cost
logo
Suntan Capacitors
TSQ-3225SMD SUNTAN-TSQ-3225SMD Datasheet
279Kb / 1P
   Low cost
logo
NXP Semiconductors
68HC705E1 NXP-68HC705E1 Datasheet
3Mb / 60P
   Low cost
REV 2.0
logo
Suntan Capacitors
TSQ-5032SMD SUNTAN-TSQ-5032SMD Datasheet
250Kb / 1P
   Low cost
TSQ-HC49U SUNTAN-TSQ-HC49U Datasheet
316Kb / 1P
   Low cost
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com