Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XF0063-AD2 Datasheet(PDF) 1 Page - XFMRS Inc.

Part # XF0063-AD2
Description  ADSL MAGNETICS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XFMRS [XFMRS Inc.]
Direct Link  http://www.xfmrs.com
Logo XFMRS - XFMRS Inc.

XF0063-AD2 Datasheet(HTML) 1 Page - XFMRS Inc.

  XF0063-AD2 Datasheet HTML 1Page - XFMRS Inc. XF0063-AD2 Datasheet HTML 2Page - XFMRS Inc. XF0063-AD2 Datasheet HTML 3Page - XFMRS Inc. XF0063-AD2 Datasheet HTML 4Page - XFMRS Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
XFMRS
XFMRS, INC.
1940 Landersdale Road • Camby, Indiana 46113 • Tel. (317) 834-1066 • Fax: (317) 834-1067
XFMRS
1
ADSL MAGNETICS
• SUITABLE FOR FOR USE IN THE ADSL INTERFACE AT THE CUSTOMER PREMISES
• 6Mbps/640ADSL AND RADSL APPLICATIONS
• C.O. LINE INTERFACE APPLICATIONS
• IEC950 DESIGNS AVAILABLE
• SURFACE MOUNT MODELS ARE AVAILABLE - CONSULT FACTORY
NO
NO
NO
NO
NOTES;
TES;
TES;
TES;
TES;
FOR ALL UNITS;
FOR ALL UNITS;
FOR ALL UNITS;
FOR ALL UNITS;
FOR ALL UNITS;
1. PRI. INDUCTANCE IS +/-5% AC ROSS ENTIRE PRIMARY. MEASURED AT 10kHz, 0.10v, 100ma. DC EXCEPT
XFADSL3 AND 4. XFADSL3 AND 4 ARE MINIMUM WITH NO DC.
2. LEAKAGE INDUCTANCE IS MAXIMUM. MEASURED AC ROSS ENTIRE PRIMARY WITH ALL SECONDARIES
SHORT E D. MEASURED AT 100kHz, 0.10V.
3. Cw/w IS MAXIMUM. MEASURED BETWEEN HALF PRIMARY AND HALF SECONDA RY. MEASURED AT
100kHz, 0.10V.
4. DCR IS MAXIMUM VALUE IN OHMS FOR EACH WINDING.
5. INSERTION LOSS IS MAXIMUM OVER 30kHz to 2 MHz.
6. LONGITUDINAL BALANCE IS MINIMUM OVER 20kHz to 250kHz.
INDIVIDU
INDIVIDU
INDIVIDU
INDIVIDU
INDIVIDUAL P
AL P
AL P
AL P
AL PAR
AR
AR
AR
ART NUMBERS
T NUMBERS
T NUMBERS
T NUMBERS
T NUMBERS
1. XFADSL1 IS INTENDED FOR ADSL INTERFACE AT CUSTOMER PREMISES AND IS SUITABLE FOR BOT H
6Mbps/640 ADSL AND RADSL APPLICATIONS.
2. XFADSL2 IS INTENDED FOR C.O. LINE INTERFACE APPLICATION.
3. XFADSL3 AND XFADSL4 ARE INTENDED FOR C.P. APPLICATION WITH NO DC CURRENT
4. XFADSL5 AND XFADSL6 ARE FOR C.O. AND C.P. APPLICATIONS REQUIRING IEC950
5. XFADSL7 AND XFADSL8 ARE FOR C.O. AND C.P. APPLICATIONS REQUIRING IEC950 SUPPLIMENTO RY
INSULATION.
1:1:1:1
408uH
12uH
1.0
1.0
35pF
3db
53db
C.P./IEC950
3000
PART
NUMBER
XFADSL1
XFADSL2
XFADSL4
XFADSL5
XFADSL6
TURNS RATIO:
PRI. INDUCTANCE:
LEAKAGE IND.:
DCR-PRI.:
SEC:
Cw/w:
INSERTION LOSS:
1:1:1:1
408uH
12uh
1.0
1.0
25pF
3db
53db
C.P.
2500
1.41:1.41:1:1
948uH
12uH
1.0
1.0
60pF
3db
53db
C.O.
2500
1:1:1:1
25.5mH
5.0uH
1.5
1.0
15pF
1db
53db
C.P.
2500
1:1:1:1
25.5mH
10.0uH
1.5
1.0
10pF
1db
53db
C.P.
2500
1.41:1.41:1:1
948uH
12uH
1.0
1.0
45pF
3db
53db
C.O./IEC950
3000
XFADSL3
ISOLATION:
APPLICATION/
SAFTY AGENCY:
LONGITUDINAL
BALANCE:
1:1:1.41:1.41
477uH
10uH
1.40
2.18
20pF
1db
55db
C.O./IEC950
2000
XFADSL7
XFADSL8
1:1:1:1
408uH
10uH
1.32
1.12
30pF
1db
55db
C.P./IEC950
2000


Similar Part No. - XF0063-AD2

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF0063-AD3 XFMRS-XF0063-AD3 Datasheet
54Kb / 1P
   ADSL Coupled Inductor
XF0063-AD3 XFMRS-XF0063-AD3 Datasheet
54Kb / 1P
   ADSL Coupled Inductor
XF0063-AD3 XFMRS-XF0063-AD3 Datasheet
54Kb / 1P
   ADSL COUPLED INDUCTOR
XF0063-AD3 XFMRS-XF0063-AD3_15 Datasheet
54Kb / 1P
   ADSL COUPLED INDUCTOR
XF0063-AD4M XFMRS-XF0063-AD4M Datasheet
46Kb / 1P
   ADSL Inductor
More results

Similar Description - XF0063-AD2

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0560-6100-A2 BEL-0560-6100-A2 Datasheet
46Kb / 2P
   ADSL Magnetics
S560-6600-ET BEL-S560-6600-ET Datasheet
72Kb / 2P
   ADSL MAGNETICS
S560-6600-JY BEL-S560-6600-JY Datasheet
80Kb / 2P
   ADSL MAGNETICS
S560-6600-KD BEL-S560-6600-KD Datasheet
77Kb / 2P
   ADSL MAGNETICS
S560-6600-EK BEL-S560-6600-EK Datasheet
80Kb / 2P
   ADSL Magnetics
S560-6600-EP BEL-S560-6600-EP Datasheet
82Kb / 2P
   ADSL Magnetics
0560-6600-88 BEL-0560-6600-88 Datasheet
121Kb / 4P
   ADSL Magnetics
S560-6600-KR BEL-S560-6600-KR Datasheet
77Kb / 2P
   ADSL MAGNETICS
S560-6600-EY BEL-S560-6600-EY Datasheet
79Kb / 2P
   ADSL MAGNETICS
S560-6600-HH BEL-S560-6600-HH Datasheet
75Kb / 2P
   ADSL MAGNETICS
S560-6600-JZ BEL-S560-6600-JZ Datasheet
80Kb / 2P
   ADSL MAGNETICS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com