Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XF0093-AD2 Datasheet(PDF) 3 Page - XFMRS Inc.

Part # XF0093-AD2
Description  ADSL MAGNETICS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XFMRS [XFMRS Inc.]
Direct Link  http://www.xfmrs.com
Logo XFMRS - XFMRS Inc.

XF0093-AD2 Datasheet(HTML) 3 Page - XFMRS Inc.

  XF0093-AD2 Datasheet HTML 1Page - XFMRS Inc. XF0093-AD2 Datasheet HTML 2Page - XFMRS Inc. XF0093-AD2 Datasheet HTML 3Page - XFMRS Inc. XF0093-AD2 Datasheet HTML 4Page - XFMRS Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
XFMRS
XFMRS, INC.
1940 Landersdale Road • Camby, Indiana 46113 • Tel. (317) 834-1066 • Fax: (317) 834-1067
XFMRS
3
INDUCTORS AND COMMON MODE CHOKES FOR USE IN POTS SPLITTERS
• INDUCTANCE REMAINS STABLE WITH DC POWERING CURRENTS UP TO 100ma
• PACKAGE OPTIONS AVAILABLE
• CUSTOM VALUES AVAILABLE AT NO EXTRA CHARGE
• ADSL LINE TRANSFORMERS AVAILABLE
• SMD PACKAGES AVAILABLE
ADSL
MA
ADSL
MA
ADSL
MA
ADSL
MA
ADSL
MAGNETICS
GNETICS
GNETICS
GNETICS
GNETICS
PART
NUMBER
INDUCTANCE
EACH WINDING
(mH ±5%)
PACKAGE
STYLE
XF0043-AD1
XF0043-AD2
XF0063-AD1
XF0063-AD2
XF0073-AD1
XF0073-AD2
XF0093-AD1
XF0093-AD2
XF0103-AD1
XF0103-AD2
XF0093-AD3
4.0
4.0
6.0
6.0
7.0
7.0
8.5
8.5
10.0
10.0
9.0±30%
2.0
2.0
4.0
4.0
5.5
5.5
5.0
5.0
5.5
5.5
0.60
1500
1500
1500
1500
1500
1500
1500
1500
1500
1500
500
1
2
1
2
1
2
1
2
1
2
3
ISOLATION
DCR
EACH WINDING
(OHMS)
ELETRICAL SPECIFICA
ELETRICAL SPECIFICA
ELETRICAL SPECIFICA
ELETRICAL SPECIFICA
ELETRICAL SPECIFICATIONS:
TIONS:
TIONS:
TIONS:
TIONS: @ 25
@ 25
@ 25
@ 25
@ 25
o
o
o
o
oC:
C:
C:
C:
C:


Similar Part No. - XF0093-AD2

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF0093-AD3 XFMRS-XF0093-AD3 Datasheet
37Kb / 1P
   COMMON MODE CHOKES
XF0093-AD3 XFMRS-XF0093-AD3 Datasheet
37Kb / 1P
   COMMON MODE CHOKES
XF0093-AD3 XFMRS-XF0093-AD3_15 Datasheet
37Kb / 1P
   COMMON MODE CHOKES
More results

Similar Description - XF0093-AD2

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0560-6100-A2 BEL-0560-6100-A2 Datasheet
46Kb / 2P
   ADSL Magnetics
S560-6600-ET BEL-S560-6600-ET Datasheet
72Kb / 2P
   ADSL MAGNETICS
S560-6600-JY BEL-S560-6600-JY Datasheet
80Kb / 2P
   ADSL MAGNETICS
S560-6600-KD BEL-S560-6600-KD Datasheet
77Kb / 2P
   ADSL MAGNETICS
S560-6600-EK BEL-S560-6600-EK Datasheet
80Kb / 2P
   ADSL Magnetics
S560-6600-EP BEL-S560-6600-EP Datasheet
82Kb / 2P
   ADSL Magnetics
0560-6600-88 BEL-0560-6600-88 Datasheet
121Kb / 4P
   ADSL Magnetics
S560-6600-KR BEL-S560-6600-KR Datasheet
77Kb / 2P
   ADSL MAGNETICS
S560-6600-EY BEL-S560-6600-EY Datasheet
79Kb / 2P
   ADSL MAGNETICS
S560-6600-HH BEL-S560-6600-HH Datasheet
75Kb / 2P
   ADSL MAGNETICS
S560-6600-JZ BEL-S560-6600-JZ Datasheet
80Kb / 2P
   ADSL MAGNETICS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com