Selected language     English  â–Ľ


LA7285 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part No. LA7285
Description  VCR Audio Signal Recording and Playback Processor
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

   
 4 page
background image
LA7285, 7285M
No.4091-4/7
Switch Operation Table
Sample Application Circuit
)
l
o
b
m
y
s
(
m
e
t
i
t
s
e
T1
W
S2
W
S3
W
S4
W
S5
W
SVM
VL
VR
t
u
p
n
Ie
r
u
s
a
e
M
I
E
C
C
21121
D
N
GV
5D
N
G–
A
I
P
C
C
21121
D
N
GD
N
GD
N
G–
A
I
R
C
C
21121
D
N
GV
5V
5–
A
G
V
E
O
12321
D
N
GD
N
GD
N
GV N
I 1VO1
V
E
I
N
21321
D
N
GD
N
GD
N
G–
VO1
G
V
P
L
D
H
T
,
L V
,
L
M
O
21221
D
N
GD
N
GD
N
GV N
I 2VO2
G
V
E
L
G
V
,
L
L
21121
D
N
GV
5
,
V
5
.
2D
N
GV N
I
V
,
3
N
I 4VO2
V
L
O
N
21321
D
N
GV
5D
N
G–
VO2
V A
O
D
H
T
,
C
L
A
,
A
21311
D
N
GV
5
,
V
5
.
2D
N
GV N
I
V
,
3
N
I 4VO2
G
V
R
O
21322
D
N
GV
5D
N
GV N
I 5VO3
O
G
V
R
D
H
T
,
R V
,
R
M
O
21321
D
N
GV
5D
N
GV N
I 5VO3
MP
11121
V
5D
N
GD
N
GV N
I 1VO2
MR
21121
V
5V
5D
N
GV N
I 5VO3
ME
21321
V
5V
5D
N
GV N
I 2VO2
Unit (resistance:
Ω, capacitance:F)




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LA7286VCR Audio Signal Recording and Playback Processor  1 2 3 4 5 MoreSanyo Semicon Device
LA7289VCR Audio Signal Record and Playback Processor 1 2 3 4 5 MoreSanyo Semicon Device
LA7282VCR Audio Signal Recording / Playback Processor 1 2 3 4 5 MoreSanyo Semicon Device
SPCA751A-P101a single chip signal processor optimized for MPEG audio decoding and voice recording 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LA7096VTR Audio Signal Recording/Playback Processor 1 2 3 4 5 Sanyo Semicon Device
AN3501NFBPLuminance chroma and linear audio signal processing IC for VCR 1 2 3 4 5 MorePanasonic Semiconductor
LA7295VTR Audio Signal Recording/ Playback Processor  1 2 3 4 5 MoreSanyo Semicon Device
HA12203NTAudio Signal Processor for Cassette Deck Dolby B-type NR with Recording System 1 2 3 4 5 MoreHitachi Semiconductor
AN5170KVIF/SIF signal processor IC for TV and VCR 1 Panasonic Semiconductor
LA7454WFM Audio Recording/Playback Processor for 8-mm VCRs 1 2 3 4 5 MoreSanyo Semicon Device

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl