Selected language     English  â–Ľ


LA7285 Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part No. LA7285
Description  VCR Audio Signal Recording and Playback Processor
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

   
 6 page
background image
LA7285, 7285M
No.4091-6/7
.
o
N
n
i
Pe
m
a
n
n
o
i
t
c
n
u
Fn
i
p
r
o
f
t
i
u
c
r
i
c
l
a
n
r
e
t
n
I
n
o
i
t
c
n
u
f
f
o
n
o
i
t
p
i
r
c
s
e
D
2
1t
u
p
n
i
E
N
I
L
3
1n
o
i
t
c
e
t
e
d
e
v
a
w
t
u
p
n
i
C
L
A
4
1t
u
p
t
u
o
P
M
A
E
N
I
L
5
1t
u
p
n
i
P
M
A
C
E
R
6
1h
c
t
i
w
s
e
d
o
m
P
L
7
1B
F
N
P
M
A
C
E
R
8
1t
u
p
t
u
o
P
M
A
C
E
R
9
1r
e
t
li
f
e
l
p
p
i
R
0
2V
(
e
g
a
t
l
o
v
y
l
p
p
u
S
C
C )
1
2l
o
r
t
n
o
C
P
S
/
P
L
/
P
E
Continued from proceeding page.
Continued to next page.
Unit (resistance:
Ω)
Inputs the Line Amplifier output
signal.
The ALC level is set by the resistors
R1 and R2.
Output inpedance
→ 50Ω (typ)
Inputs the recording signal from Line
Amplifier.
The recording current is set by the
resistors R1 and R2. A coupling
capacitor is unnecessary as pin 15 is
a zero baias input.
Used to adjust the high-region peaking
frequency during recording amplifier in
LP mode.
On resistance
→ 15Ω (typ)
Intput inpedance
→ 50Ω (typ)
Recording amplifier negative-
feedback input. Used to adjust the
high-region peaking frequency of the
recording amplifier with an L, C, R
network connected to ground.
Output inpedance
→ 40Ω (typ)
Ripple rejection is performed when
connected to GND through an
electrolytic capacitor for the filter.
VCC max=14V
VCC=8.5V to 12.75V
When the voltage on
pin 21 is 3.6V to 6.0V:EP;
when 1.8V to 2.6V:LP;
when 0V to 1.8V:SP
Switch On Pin Number
EP mode:4,5,16
LP mode:16
Inputs EE and RE signals.
The reference input is set by resistors
R1 and R2.The amplifier gain is fixed at
21.5 dB. In addition, because the input
impedance is as high as 110k
Ω, a
0.1
µF ceramic capacitor can be used
for the coupling capacitor on pin 12.
Internal
reference
Power supply of
each circuit block




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LA7286VCR Audio Signal Recording and Playback Processor  1 2 3 4 5 MoreSanyo Semicon Device
LA7289VCR Audio Signal Record and Playback Processor 1 2 3 4 5 MoreSanyo Semicon Device
LA7282VCR Audio Signal Recording / Playback Processor 1 2 3 4 5 MoreSanyo Semicon Device
SPCA751A-P101a single chip signal processor optimized for MPEG audio decoding and voice recording 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LA7096VTR Audio Signal Recording/Playback Processor 1 2 3 4 5 Sanyo Semicon Device
AN3501NFBPLuminance chroma and linear audio signal processing IC for VCR 1 2 3 4 5 MorePanasonic Semiconductor
LA7295VTR Audio Signal Recording/ Playback Processor  1 2 3 4 5 MoreSanyo Semicon Device
HA12203NTAudio Signal Processor for Cassette Deck Dolby B-type NR with Recording System 1 2 3 4 5 MoreHitachi Semiconductor
AN5170KVIF/SIF signal processor IC for TV and VCR 1 Panasonic Semiconductor
LA7454WFM Audio Recording/Playback Processor for 8-mm VCRs 1 2 3 4 5 MoreSanyo Semicon Device

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl