Selected language     English  â–¼


LA7285 Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part No. LA7285
Description  VCR Audio Signal Recording and Playback Processor
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

   
 7 page
background image
LA7285, 7285M
PS No.4091-7/7
No products described or contained herein are intended for use in surgical implants, life-support systems,
aerospace equipment, nuclear power control systems, vehicles, disaster/crime-prevention equipment and
the like, the failure of which may directly or indirectly cause injury, death or property loss.
Anyone purchasing any products described or contained herein for an above-mentioned use shall:
Accept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates,
subsidiaries and distributors and all their officers and employees, jointly and severally, against any
and all claims and litigation and all damages, cost and expenses associated with such use:
Not impose any responsibilty for any fault or negligence which may be cited in any such claim or
litigation on SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of
their officers and employees jointly or severally.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guarant-
eed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees
are made or implied regarding its use or any infringements of intellectual property rights or other rights of
third parties.
This catalog provides information as of May, 1998. Specifications and information herein are subject to
change without notice.
.
o
N
n
i
Pe
m
a
n
n
o
i
t
c
n
u
Fn
i
p
r
o
f
t
i
u
c
r
i
c
l
a
n
r
e
t
n
I
n
o
i
t
c
n
u
f
f
o
n
o
i
t
p
i
r
c
s
e
D
2
2l
o
r
t
n
o
C
B
P
/
R
E
N
U
T
/
E
N
I
L
n
o
e
g
a
t
l
o
v
e
h
t
n
e
h
W
;
E
N
I
L
:
V
0
.
6
o
t
V
6
.
3
s
i
2
2
n
i
p
R
E
N
U
T
:
V
6
.
2
o
t
V
8
.
1
n
e
h
w
B
P
:
V
0
.
1
o
t
V
0
n
e
h
w
3
2l
o
r
t
n
o
C
E
T
U
M
n
o
e
g
a
t
l
o
v
e
h
t
n
e
h
W
;
n
o
E
T
U
M
:
V
0
.
6
o
t
V
5
.
2
s
i
3
2
n
i
p
f
f
o
E
T
U
M
:
V
5
.
1
o
t
V
0
n
e
h
w
4
2l
o
r
t
n
o
C
E
E
/
C
E
R
n
o
e
g
a
t
l
o
v
e
h
t
n
e
h
W
V
o
t
V
5
.
2
s
i
4
2
n
i
p
C
C
;
C
E
R
:
E
E
:
V
0
.
1
o
t
V
0
n
e
h
w
Continued from proceeding page.
Unit (resistance:
Ω)




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LA7286VCR Audio Signal Recording and Playback Processor  1 2 3 4 5 MoreSanyo Semicon Device
LA7289VCR Audio Signal Record and Playback Processor 1 2 3 4 5 MoreSanyo Semicon Device
LA7282VCR Audio Signal Recording / Playback Processor 1 2 3 4 5 MoreSanyo Semicon Device
SPCA751A-P101a single chip signal processor optimized for MPEG audio decoding and voice recording 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LA7096VTR Audio Signal Recording/Playback Processor 1 2 3 4 5 Sanyo Semicon Device
AN3501NFBPLuminance chroma and linear audio signal processing IC for VCR 1 2 3 4 5 MorePanasonic Semiconductor
LA7295VTR Audio Signal Recording/ Playback Processor  1 2 3 4 5 MoreSanyo Semicon Device
HA12203NTAudio Signal Processor for Cassette Deck Dolby B-type NR with Recording System 1 2 3 4 5 MoreHitachi Semiconductor
AN5170KVIF/SIF signal processor IC for TV and VCR 1 Panasonic Semiconductor
LA7454WFM Audio Recording/Playback Processor for 8-mm VCRs 1 2 3 4 5 MoreSanyo Semicon Device

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl