Selected language     English  ▼


LA7285M Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part No. LA7285M
Description  VCR Audio Signal Recording and Playback Processor
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

   
 2 page
background image
LA7285, 7285M
No.4091-2/7
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
)
E
E
(
n
o
i
t
p
m
u
s
n
o
c
t
n
e
r
r
u
CI
E
C
C
l
a
n
g
i
s
o
N5
.
90
.
3
15
.
6
1A
m
)
B
P
(
n
o
i
t
p
m
u
s
n
o
c
t
n
e
r
r
u
CI
P
C
C
l
a
n
g
i
s
o
N5
.
90
.
3
15
.
6
1A
m
)
C
E
R
(
n
o
i
t
p
m
u
s
n
o
c
t
n
e
r
r
u
CI
R
C
C
l
a
n
g
i
s
o
N0
.
80
.
1
10
.
4
1A
m
]
r
e
i
f
il
p
m
a
r
e
z
il
a
u
q
E
[
n
i
a
g
e
g
a
t
l
o
v
t
i
u
c
r
i
c
-
n
e
p
OG
V
E
O
VO
V
B
d
7
=0
.
6
60
.
1
7B
d
e
g
a
t
l
o
v
e
s
i
o
n
t
u
p
n
i
t
n
e
l
a
v
i
u
q
EV
E
I
N
k
2
.
2
=
g
R
r
e
t
li
f
o
i
d
u
A
N
I
D
,2
.
18
.
1s
m
r
V
µ
]
r
e
i
f
il
p
m
a
e
n
i
L
[
)
t
u
p
n
i
B
P
(
n
i
a
g
e
g
a
t
l
o
VG
V
P
L
VO
V
B
d
7
=0
.
1
25
.
1
20
.
2
2B
d
)
t
u
p
n
i
E
N
I
L
,
E
E
(
n
i
a
g
e
g
a
t
l
o
V
G
V
,
E
L
G
V
L
L
VO
V
B
d
7
=0
.
1
25
.
1
20
.
2
2B
d
n
o
i
t
r
o
t
s
i
d
c
i
n
o
m
r
a
h
l
a
t
o
TD
H
T
L
VO
V
B
d
7
=5
0
.
03
.
0%
e
g
a
t
l
o
v
e
s
i
o
n
t
u
p
t
u
OV
L
O
N
k
2
.
2
=
g
R
r
e
t
li
f
o
i
d
u
A
N
I
D
,2
7
–6
6
–V
B
d
e
g
a
t
l
o
v
t
u
p
t
u
o
m
u
m
i
x
a
MV
L
M
O
%
1
=
D
H
T5
.
11
.
2s
m
r
V
n
o
s
i
C
L
A
n
e
h
w
e
g
a
t
l
o
v
t
u
p
t
u
OV A
O
V N
I
V
B
d
7
2
=0
.
8
–0
.
7
–0
.
6
–V
B
d
t
c
e
f
f
e
C
L
AC
L
AV N
I
V
B
d
7
o
t
V
B
d
7
2
=0
.
10
.
3B
d
n
o
s
i
C
L
A
n
e
h
w
n
o
i
t
r
o
t
s
i
DD
H
T
A
V N
I
V
B
d
7
2
=5
0
.
06
.
0%
]
r
e
i
f
il
p
m
a
g
n
i
d
r
o
c
e
R
[
)
n
e
p
o
(
n
i
a
g
e
g
a
t
l
o
VG
V
R
O
VO
V
B
d
7
=0
.
7
40
.
2
5B
d
)
e
s
l
o
c
(
n
i
a
g
e
g
a
t
l
o
VG
V
R
O
VO
V
B
d
7
=5
.
2
10
.
3
15
.
3
1B
d
n
o
i
t
r
o
t
s
i
d
c
i
n
o
m
r
a
h
l
a
t
o
TD
H
T
R
VO
V
B
d
7
=1
.
03
.
0%
e
g
a
t
l
o
v
t
u
p
t
u
o
m
u
m
i
x
a
MV
R
M
O
%
1
=
D
H
T5
.
10
.
2s
m
r
V
]
t
i
u
c
r
i
c
e
t
u
M
[
e
g
a
t
l
o
v
n
OV
N
O
M
e
g
a
t
l
o
v
C
D
3
2
n
i
P5
.
20
.
6V
e
g
a
t
l
o
v
f
f
OV
F
F
O
M
e
g
a
t
l
o
v
C
D
3
2
n
i
P0
5
.
1V
)
E
E
,
B
P
(
n
o
i
t
a
u
n
e
t
t
a
e
t
u
MMP M
, E
0
80
9B
d
)
C
E
R
(
n
o
i
t
a
u
n
e
t
t
a
e
t
u
MMR
5
65
7B
d
]
t
i
u
c
r
i
c
h
c
t
i
w
s
P
S
,
P
L
,
P
E
[
e
g
a
t
l
o
v
d
l
o
h
e
d
o
m
P
EV E
E
e
g
a
t
l
o
v
C
D
1
2
n
i
P6
.
30
.
6V
e
g
a
t
l
o
v
d
l
o
h
e
d
o
m
P
LV L
E
e
g
a
t
l
o
v
C
D
1
2
n
i
P8
.
16
.
2V
e
g
a
t
l
o
v
d
l
o
h
e
d
o
m
P
SV S
E
e
g
a
t
l
o
v
C
D
1
2
n
i
P0
0
.
1V
]
t
i
u
c
r
i
c
h
c
t
i
w
s
B
P
r
e
n
u
T
/
e
n
i
L
[
e
g
a
t
l
o
v
d
l
o
h
e
d
o
m
e
n
i
LV L
L
e
g
a
t
l
o
v
C
D
2
2
n
i
P6
.
30
.
6V
e
g
a
t
l
o
v
d
l
o
h
e
d
o
m
r
e
n
u
TV T
L
e
g
a
t
l
o
v
C
D
2
2
n
i
P8
.
16
.
2V
e
g
a
t
l
o
v
d
l
o
h
e
d
o
m
B
PV P
L
e
g
a
t
l
o
v
C
D
2
2
n
i
P0
0
.
1V
]
t
i
u
c
r
i
c
h
c
t
i
w
s
E
E
,
C
E
R
[
e
g
a
t
l
o
v
d
l
o
h
e
d
o
m
C
E
RV R
R
e
g
a
t
l
o
v
C
D
4
2
n
i
P3
V C
C
V
e
g
a
t
l
o
v
d
l
o
h
e
d
o
m
E
EV E
R
e
g
a
t
l
o
v
C
D
4
2
n
i
P0
0
.
1V
]
h
c
t
i
w
S
t
c
e
l
e
S
d
a
e
H
[
e
c
n
a
t
s
i
s
e
r
n
o
1
n
i
PR N
O 1A
m
1
±
=
1
I0
20
3
e
c
n
a
t
s
i
s
e
r
n
o
2
n
i
PR N
O 2A
m
1
±
=
2
I5
0
1
e
g
a
t
l
o
v
t
u
p
n
i
2
n
i
PV N
I 1
5
4
±V
Operating Characteristics at Ta=25˚C, VCC=12V, f=1kHz, 0dBV : 1.0 Vrms
Ta=65˚C, f=80kHz (sin), ILK=10µA




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LA7286VCR Audio Signal Recording and Playback Processor  1 2 3 4 5 MoreSanyo Semicon Device
LA7289VCR Audio Signal Record and Playback Processor 1 2 3 4 5 MoreSanyo Semicon Device
LA7282VCR Audio Signal Recording / Playback Processor 1 2 3 4 5 MoreSanyo Semicon Device
SPCA751A-P101a single chip signal processor optimized for MPEG audio decoding and voice recording 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LA7096VTR Audio Signal Recording/Playback Processor 1 2 3 4 5 Sanyo Semicon Device
AN3501NFBPLuminance chroma and linear audio signal processing IC for VCR 1 2 3 4 5 MorePanasonic Semiconductor
LA7295VTR Audio Signal Recording/ Playback Processor  1 2 3 4 5 MoreSanyo Semicon Device
HA12203NTAudio Signal Processor for Cassette Deck Dolby B-type NR with Recording System 1 2 3 4 5 MoreHitachi Semiconductor
AN5170KVIF/SIF signal processor IC for TV and VCR 1 Panasonic Semiconductor
LA7454WFM Audio Recording/Playback Processor for 8-mm VCRs 1 2 3 4 5 MoreSanyo Semicon Device

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl