Selected language     English  â–Ľ


LA7289 Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part No. LA7289
Description  VCR Audio Signal Record and Playback Processor
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 
 8 page
background image
Pin No.
Function
Function description
Internal circuit
5
EQ AMP NFB
Negative feedback for the EQ amplifier.
6
EQ switch 1
Switches the playback EQ amplifier
high-frequency voltage gain.
LP, SP
→ On
EP
→ Off
On resistance
→ 20 Ω (typical)
7
EQ amplifier output
Output impedance
→ 50 Ω (typical)
8
Line amplifier playback input
Inputs the playback signal from
the EP amplifier. Since pin 8 has
the high input impedance of 120 k
Ω,
a 0.1 µF ceramic capacitor can be used
as the coupling capacitor.
9
ALC FILTER
Detection is performed using the
capacitor connected between this pin
and ground. The attack and recovery times
are determined by the time constant of
the RC circuit connected to this pin.
10
Line amplifier tuner input
Inputs the EE and record signal.
The reference input is set by the resistors
R1 and R2. The amplifier gain is fixed
at 21.0 dB. Since pin 10 has the high input
impedance of 120 k
Ω, a 0.1 µF ceramic
capacitor can be used as the coupling
capacitor.
11
GND
Ground for all the circuit blocks except
the pin 2 head switching circuit and the
EQ amplifier.
No. 5642-8/11
LA7289
Continued from the preceding page.
Continued on the next page.
A06820
A06821
A06822
A06823
A06824
A06825
A06826




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LA7285VCR Audio Signal Recording and Playback Processor 1 2 3 4 5 MoreSanyo Semicon Device
STV57284-HEAD VIDEO AND 2-HEADS HIFI AUDIO PLAYBACK AND RECORD AMPLIFIER FOR VCR 1 2 3 4 5 MoreSTMicroelectronics
LA72648MPAL Hi-Fi Audio Signal Record and Playback Procissing 1 2 Sanyo Semicon Device
LA7286VCR Audio Signal Recording and Playback Processor  1 2 3 4 5 MoreSanyo Semicon Device
LA7256high-Fidelity Audio Signal Record/Playback Processing Circuit for VCR Products 1 2 3 4 5 MoreSanyo Semicon Device
LA7282VCR Audio Signal Recording / Playback Processor 1 2 3 4 5 MoreSanyo Semicon Device
AN3501NFBPLuminance chroma and linear audio signal processing IC for VCR 1 2 3 4 5 MorePanasonic Semiconductor
STV5722A2-HEAD PLAYBACK AND RECORD AMPLIFIER FOR VCR 1 2 3 4 5 STMicroelectronics
LA7415VHS VCR Playback Head and Record Amplifiers 1 2 3 4 5 MoreSanyo Semicon Device
AN5170KVIF/SIF signal processor IC for TV and VCR 1 Panasonic Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl