Selected language     English  â–Ľ


LA7289 Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part No. LA7289
Description  VCR Audio Signal Record and Playback Processor
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 
 9 page
background image
No. 5642-9/11
LA7289
Continued from the preceding page.
Continued on the next page.
Pin No.
Function
Function description
Internal circuit
12
Line amplifier line input
Inputs the EE and record signals.
The reference input is set by the resistors
R1 and R2. The amplifier gain is fixed at
21.0 dB. Since pin 12 has the high input
impedance of 120 k
Ω, a 0.1 µF ceramic
capacitor can be used as the coupling
capacitor.
13
ALC detector input
Inputs the line amplifier output signal.
The ALC level is determined by
the resistors R1 and R2.
14
Line amplifier output
Output impedance
→ 50 Ω (typical)
15
Record amplifier input
Inputs the record signal from the line
amplifier.
The record current is set by the resistors
R1 and R2. Since pin 15 has the high input
impedance of 120 k
Ω, a 0.1 µF ceramic
capacitor can be used as the coupling
capacitor.
16
EP/LP/SP control
If the pin 16 voltage is:
3.0 to 6.0 V: EP mode
1.8 to 2.6 V: LP mode
0.0 to 0.8 V: SP mode.
Switch on state pin numbers:
REC
PB
EP
24
24
LP
24, 6
6
SP
6
6
17
PB/LINE/TUNER control
If the pin 17 voltage is:
3.6 to 6.0 V: PB mode
1.8 to 2.6 V: LINE mode
0.0 to 1.0 V: TUNER mode.
A06827
A06829
A06831
A06832
A06834
A06835
A06833
A06830
A06828




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LA7285VCR Audio Signal Recording and Playback Processor 1 2 3 4 5 MoreSanyo Semicon Device
STV57284-HEAD VIDEO AND 2-HEADS HIFI AUDIO PLAYBACK AND RECORD AMPLIFIER FOR VCR 1 2 3 4 5 MoreSTMicroelectronics
LA72648MPAL Hi-Fi Audio Signal Record and Playback Procissing 1 2 Sanyo Semicon Device
LA7286VCR Audio Signal Recording and Playback Processor  1 2 3 4 5 MoreSanyo Semicon Device
LA7256high-Fidelity Audio Signal Record/Playback Processing Circuit for VCR Products 1 2 3 4 5 MoreSanyo Semicon Device
LA7282VCR Audio Signal Recording / Playback Processor 1 2 3 4 5 MoreSanyo Semicon Device
AN3501NFBPLuminance chroma and linear audio signal processing IC for VCR 1 2 3 4 5 MorePanasonic Semiconductor
STV5722A2-HEAD PLAYBACK AND RECORD AMPLIFIER FOR VCR 1 2 3 4 5 STMicroelectronics
LA7415VHS VCR Playback Head and Record Amplifiers 1 2 3 4 5 MoreSanyo Semicon Device
AN5170KVIF/SIF signal processor IC for TV and VCR 1 Panasonic Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl