Selected language     English  ▼


LA7289 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part No. LA7289
Description  VCR Audio Signal Record and Playback Processor
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 
 1 page
background image
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
14
V
Pin 2 input voltage
VIN2DC
±45
Vp-p
Pin 2 input current
IIN2
±1.5
mA
Allowable power dissipation
Pd max
Ta
≤ 65 °C
500
mW
Operating temperature
Topr
–10 to +65
°C
Storage temperature
Tstg
–55 to +150
°C
Ordering number : EN5642
43097HA(OT) No. 5642-1/11
Overview
The LA7289 includes on chip all functions required for
the record and playback of VCR audio signals and
achieves complete adjustment-free operation by the
adoption of an automatic record bias current adjustment
circuit. In addition, the inclusion of a switching circuit for
switching between tuner and line input in addition to the
circuits provided by earlier ICs makes the LA7289 truly
optimal for audio VCR products.
Functions
• Equalizer amplifier
• Ripple filter
• Record/playback switching circuit
• Muting
• SP/LP/EP switching circuit
• Record amplifier
• ALC
• Tape head switching circuit
• Automatic record bias adjustment circuit
• Input switching circuit (line/tuner)
Features
• Adjustment-free record bias current (automatic
adjustment circuit adopted)
• Built-in record bias oscillator circuit power supply
switch
• Record equalizer choke coil no longer required
• Playback amplifier input noise voltage: 1.0 µV rms
• Value of the ALC detector capacitor reduced (to 3.3 µF)
• Built-in high-voltage head switching circuit
• Supply voltage: supports both 9 and 12-V operation
• Built-in input switching circuit (for the line and tuner
inputs)
Package Dimensions
unit: mm
3067-DIP24S
SANYO: DIP24S
[LA7289]
LA7289
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
VCR Audio Signal Record and Playback Processor
Monolithic Linear IC
Specifications
Maximum Ratings at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC
9, 12
V
Allowable operating voltage range
VCCop
8.5 to 12.5
V
Operating Conditions at Ta = 25°C




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LA7285VCR Audio Signal Recording and Playback Processor 1 2 3 4 5 MoreSanyo Semicon Device
STV57284-HEAD VIDEO AND 2-HEADS HIFI AUDIO PLAYBACK AND RECORD AMPLIFIER FOR VCR 1 2 3 4 5 MoreSTMicroelectronics
LA72648MPAL Hi-Fi Audio Signal Record and Playback Procissing 1 2 Sanyo Semicon Device
LA7286VCR Audio Signal Recording and Playback Processor  1 2 3 4 5 MoreSanyo Semicon Device
LA7256high-Fidelity Audio Signal Record/Playback Processing Circuit for VCR Products 1 2 3 4 5 MoreSanyo Semicon Device
LA7282VCR Audio Signal Recording / Playback Processor 1 2 3 4 5 MoreSanyo Semicon Device
AN3501NFBPLuminance chroma and linear audio signal processing IC for VCR 1 2 3 4 5 MorePanasonic Semiconductor
STV5722A2-HEAD PLAYBACK AND RECORD AMPLIFIER FOR VCR 1 2 3 4 5 STMicroelectronics
LA7415VHS VCR Playback Head and Record Amplifiers 1 2 3 4 5 MoreSanyo Semicon Device
AN5170KVIF/SIF signal processor IC for TV and VCR 1 Panasonic Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl