Selected language     English  â–¼


LA7289 Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part No. LA7289
Description  VCR Audio Signal Record and Playback Processor
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 
 10 page
background image
No. 5642-10/11
LA7289
Continued from the preceding page.
Pin No.
Function
Function description
Internal circuit
18
Muting control
When the pin 18 voltage is:
3.6 to 6.0 V: Muting will be on.
0.0 to 1.5 V: Muting will be off.
19
Record/EE control
When the pin 19 voltage is:
3.0 to 6.0 V: Record mode
0.0 to 1.0 V: EE mode
20
Power supply (VCC)
VCC max = 14 V
VCC = 8.5 V to 12.5 V
21
Ripple filter
Connect an electrolytic capacitor between
this pin and ground to remove ripple
from the power supply.
22
Record amplifier output
Output impedance
→ 50 Ω (typical)
23
Record bias automatic control input
EE and playback modes
→ On
and playback switch
Record mode
→ Off
On resistance
→ 20 Ω (typical)
24
EQ switch 2
This pin switches the high-band peaking
frequency in record and playback modes.
REC
PB
EP
On
On
LP
On
Off
SP
Off
Off
On resistance: 30
Ω (typical)
Power supply
for all circuit
blocks
A06836
A06837
A06838
A06839
A06840
A06841




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LA7285VCR Audio Signal Recording and Playback Processor 1 2 3 4 5 MoreSanyo Semicon Device
STV57284-HEAD VIDEO AND 2-HEADS HIFI AUDIO PLAYBACK AND RECORD AMPLIFIER FOR VCR 1 2 3 4 5 MoreSTMicroelectronics
LA72648MPAL Hi-Fi Audio Signal Record and Playback Procissing 1 2 Sanyo Semicon Device
LA7286VCR Audio Signal Recording and Playback Processor  1 2 3 4 5 MoreSanyo Semicon Device
LA7256high-Fidelity Audio Signal Record/Playback Processing Circuit for VCR Products 1 2 3 4 5 MoreSanyo Semicon Device
LA7282VCR Audio Signal Recording / Playback Processor 1 2 3 4 5 MoreSanyo Semicon Device
AN3501NFBPLuminance chroma and linear audio signal processing IC for VCR 1 2 3 4 5 MorePanasonic Semiconductor
STV5722A2-HEAD PLAYBACK AND RECORD AMPLIFIER FOR VCR 1 2 3 4 5 STMicroelectronics
LA7415VHS VCR Playback Head and Record Amplifiers 1 2 3 4 5 MoreSanyo Semicon Device
AN5170KVIF/SIF signal processor IC for TV and VCR 1 Panasonic Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl