Selected language     English  â–¼


LA7289 Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part No. LA7289
Description  VCR Audio Signal Record and Playback Processor
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 
 7 page
background image
No. 5642-7/11
LA7289
Block Diagram
Pin No.
Function
Function description
Internal circuit
1
Record bias automatic control output
EE, playback
→ VCC
Record
→ Control voltage
2
Head switch (high voltage)
Playback
→ On
Record, EE
→ Off
On resistance
→ 10 Ω (typical)
Withstand voltage when off
→ ±45 V (f = 70 kHz)
3
GND
Ground used for the pin 2 head
switching circuit and the EQ amplifier.
4
EQ amplifier input
Inputs the playback from the head
with an input impedance of
120 k
Ω (typical).
Pin Functions
Continued on the next page.
A06818
A06819




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LA7285VCR Audio Signal Recording and Playback Processor 1 2 3 4 5 MoreSanyo Semicon Device
STV57284-HEAD VIDEO AND 2-HEADS HIFI AUDIO PLAYBACK AND RECORD AMPLIFIER FOR VCR 1 2 3 4 5 MoreSTMicroelectronics
LA72648MPAL Hi-Fi Audio Signal Record and Playback Procissing 1 2 Sanyo Semicon Device
LA7286VCR Audio Signal Recording and Playback Processor  1 2 3 4 5 MoreSanyo Semicon Device
LA7256high-Fidelity Audio Signal Record/Playback Processing Circuit for VCR Products 1 2 3 4 5 MoreSanyo Semicon Device
LA7282VCR Audio Signal Recording / Playback Processor 1 2 3 4 5 MoreSanyo Semicon Device
AN3501NFBPLuminance chroma and linear audio signal processing IC for VCR 1 2 3 4 5 MorePanasonic Semiconductor
STV5722A2-HEAD PLAYBACK AND RECORD AMPLIFIER FOR VCR 1 2 3 4 5 STMicroelectronics
LA7415VHS VCR Playback Head and Record Amplifiers 1 2 3 4 5 MoreSanyo Semicon Device
AN5170KVIF/SIF signal processor IC for TV and VCR 1 Panasonic Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl