Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX602P3 Datasheet(PDF) 7 Page - CML Microcircuits

Part # FX602P3
Description  CALLING LINE IDENTIFIER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX602P3 Datasheet(HTML) 7 Page - CML Microcircuits

Back Button FX602P3 Datasheet HTML 3Page - CML Microcircuits FX602P3 Datasheet HTML 4Page - CML Microcircuits FX602P3 Datasheet HTML 5Page - CML Microcircuits FX602P3 Datasheet HTML 6Page - CML Microcircuits FX602P3 Datasheet HTML 7Page - CML Microcircuits FX602P3 Datasheet HTML 8Page - CML Microcircuits FX602P3 Datasheet HTML 9Page - CML Microcircuits FX602P3 Datasheet HTML 10Page - CML Microcircuits FX602P3 Datasheet HTML 11Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
Calling Line Identifier
FX602
© 1998 Consumer Microcircuits Limited
7
D/602/7
1.5
General Description
1.5.1
Mode Control Logic
The FX602's operating mode and the source of the DET and IRQN outputs are determined by the logic levels
applied to the MODE and ZP input pins;
ZP
MODE
Mode
DET o/p from
IRQN o/p from
0
0
Tone Alert Detect
Tone Alert Signal
Detection
End of Tone Alert Signal.
Ring or Line Polarity
Reversal Detector.
0
1
FSK Receive
FSK Level Detector
FSK Data Retiming [1].
Ring or Line Polarity
Reversal Detector.
1
0
'Zero-Power'
Ring or Line Polarity
Reversal Detector.
Ring or Line Polarity
Reversal Detector.
1
1
'Zero-Power'
Ring or Line Polarity
Reversal Detector.
-
[1] If enabled.
In the 'Zero-Power' modes, power is removed from all of the internal circuitry except for the Ring or Line
Polarity Reversal Detector and the DET and IRQN outputs.
1.5.2
Input Signal Amplifier
This amplifier is used to convert the balanced FSK and Tone Alert signals received over the telephone line to
an unbalanced signal of the correct amplitude for the FSK receiver and Tone Alert Detector circuits.
Figure 3a : Input Signal Amplifier, balanced input configuration
The design equations for this circuit are;
Differential voltage gain VAOP / V(b-a) = R8/R6
R6 = R7 = 470k
R10 = 160k
R9 = R8 x R10 / (R8 - R10)
The target differential voltage gain depends on the expected signal levels between the A and B wires and the
FX602's internal threshold levels, which are proportional to the supply voltage.
The FX602 has been designed to meet the applicable specifications with R8 = 470k
Ω at VDD = 3.3V nominal,
rising to 680k
Ω at VDD = 5.0V, and R9 should be 240kΩ at VDD = 3.3V and 200kΩ at VDD = 5.0V as shown in
section 1.4 and Fig 3c.


Similar Part No. - FX602P3

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FX602 SANYO-FX602 Datasheet
96Kb / 4P
   Ultrahigh-Speed Switching Applications
More results

Similar Description - FX602P3

ManufacturerPart #DatasheetDescription
logo
Winbond
W91030B WINBOND-W91030B Datasheet
306Kb / 31P
   CALLING LINE IDENTIFIER
logo
Samsung semiconductor
KS8630D SAMSUNG-KS8630D Datasheet
258Kb / 23P
   ENHANCED CALLING LINE IDENTIFIER WITH CALL WAITING
logo
CML Microcircuits
CMX602A CMLMICRO-CMX602A Datasheet
669Kb / 25P
   Calling Line Identifier plus Call Waiting (Type II)
logo
Holtek Semiconductor In...
HT9032C HOLTEK-HT9032C_16 Datasheet
114Kb / 11P
   Calling Line Identification Receiver
HT9032 HOLTEK-HT9032 Datasheet
222Kb / 10P
   Calling Line Identification Receiver
HT9032C HOLTEK-HT9032C Datasheet
191Kb / 14P
   Calling Line Identification Receiver
HT9030 HOLTEK-HT9030 Datasheet
250Kb / 6P
   Calling line identification receiver
logo
Extech Instruments Corp...
CT40 EXTECH-CT40 Datasheet
248Kb / 1P
   16-Line Cable Identifier/Tester Kit
logo
Motorola, Inc
MC14LC5447 MOTOROLA-MC14LC5447 Datasheet
267Kb / 12P
   Calling Line Identification (CLID) Receiver with Ring Detector
logo
TE Connectivity Ltd
C-3-1440000-9 TEC-C-3-1440000-9 Datasheet
121Kb / 2P
   change logo,add cqc, line identifier, plating thickness
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com