Selected language     English  ▼


LA7337 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part No. LA7337
Description  SECAM-Format VCR Chroma Signal-Processing Circuit
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

   
 1 page
background image
Monolithic Linear IC
Ordering number : N5288A
13097 HA (OT) No. 5288-1/7
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
SECAM-Format VCR
Chroma Signal-Processing Circuit
LA7337
Overview
The LA7337 is an IC that implements SECAM-format
VCR signal processing in a single chip. It incorporates
band-pass filters and a SECAM discrimination circuit on
chip and features automatic adjustment of the bell filter for
a reduced number of external components and adjustment-
free circuit operation.
Features
• All required filters, except for the bell filter,
incorporated on chip.
• Automatic adjustment of the bell filter f0 parameter
• Built-in SECAM discrimination circuit
Functions
•4.3-MHz and 1.1-MHz band-pass filters, limiter, AGC (in
playback mode)
• Divide-by-four circuit, 4
× frequency multiplier circuit,
2.2-MHz band-pass filter
• Bell filter f0 automatic adjustment circuit, SECAM
discrimination circuit
• Sync gate
Package Dimensions
unit: mm
3063-DIP28S
SANYO: DIP28S
[LA7337]
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
7V
Allowable power dissipation
Pd max
Ta
≤ 70°C
600
mW
Operating temperature
Topr
–15 to +70
°C
Storage temperature
Tstg
–40 to +150
°C
Specifications
Absolute Maximum Ratings at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC
5V
Operating supply voltage range
VCC op
4.8 to 5.5
V
Operating Conditions at Ta = 25°C




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NTE15038Integrated Circuit Chroma Signal Proessor for VHS VCR 1 2 3 NTE Electronics
NTE15039Integrated Circuit VHS/VCR Chroma Signal Proessor for NTSC/PAL/SECAM Systems 1 2 3 NTE Electronics
LA7566VIF/SIF IF Signal-Processing Circuit with TV/VCR PAL and NTSC Multisound Support 1 2 3 4 5 MoreSanyo Semicon Device
LA7567NTV and VCR VIF/SIF IF Signal-Processing Circuit with PAL/NTSC Multi-Format Audio Support 1 2 3 4 5 MoreSanyo Semicon Device
LA75675M-SVIF/SIF IF Signal-Processing Circuit that Supports NTSC Intercarrier for TV and VCR Products 1 2 3 4 5 MoreSanyo Semicon Device
LA7567GMTV and VCR VIF/SIF IF Signal-Processing Circuit with NTSC SPLIT Support 1 2 3 4 5 MoreSanyo Semicon Device
NTE1200Integrated Circuit Color TV Chroma Processor 1 2 NTE Electronics
NTE739Integrated Circuit Dual Doubly Balanced Chroma Demodulator with RGB Matrix and Chroma Driver Stages 1 2 3 NTE Electronics
LA7975PAL SIF Converter Circuit for TV and VCR Multi-system 1 2 3 4 5 MoreSanyo Semicon Device

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl