Selected language     English  β–Ό


LA7337 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part No. LA7337
Description  SECAM-Format VCR Chroma Signal-Processing Circuit
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

   
 2 page
background image
No. 5288-2/7
LA7337
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Record mode current drain
ICCR
V5 = V6 = 0 V, V16 = 0 V, S27 = composite
50
70
90
mA
sync., S15 = color bar signal
4.3-MHz band-pass filter characteristics (1)
VF4C
V6 = 5 V, V16 = 0 V, S27 = composite sync.
145
180
215
mVp-p
S15 = sine wave (200 mVp-p, f = 4.286 MHz)
As above, except S15 = sine wave
4.3-MHz band-pass filter characteristics (2)
GF4L1
(200 mVp-p, f = 1.1 MHz), taking VF4C as the
–30
–20
dB
reference (0 dB)
As above, except S15 = sine wave
4.3-MHz band-pass filter characteristics (3)
GF4L2
(200 mVp-p, f = 2.2 MHz), taking VF4C as the
–10
–5
dB
reference (0 dB)
As above, except S15 = sine wave
4.3-MHz band-pass filter characteristics (4)
GF4H
(200 mVp-p, f = 7.5 MHz), taking VF4C as the
–30
–20
dB
reference (0 dB)
V5 = V6 = 0 V, V16 = 0 V, SW21B = on,
Record mode bell filter center frequency (1)
FBLR1
S15 = sine wave (200 mVp-p, f = 4 to 5 MHz),
4.243
4.286
4.329
MHz
S27 = composite sync.
Record mode bell filter center frequency (2)
FBLR2
As above, except V5 = 4 V.
4.493
4.536
4.579
MHz
V5 = V6 = 0 V, V16 = 0 V, SW21B = on,
Record mode bell filter characteristics (1)
VBLRC
S15 = sine wave (200 mVp-p, f = FBLR1),
200
250
300
mVp-p
S27 = composite sync.
As above, except S15 = sine wave
Record mode bell filter characteristics (2)
GBLRL
(200 mVp-p, f = 3.8 MHz), taking VBLRC as
–14
–11
–8
dB
the reference (0 dB)
As above, except S15 = sine wave
Record mode bell filter characteristics (3)
GBLRH
(200 mVp-p, f = 4.8 MHz), taking VBLRC as
–14
–11
–8
dB
the reference (0 dB)
V5 = V6 = 0 V, S15 = a SECAM color bar
Record mode killer operating level
GKLR
signal (variable level), V16 = 0 V, SW21B = on,
–28
–23
–18
dB
V23 = 3.4 V, V24 = 3.7 V, S27 = composite sync.
SW1 = on, V1 = 5 V, V5 = V6 = 0 V, V16 = 0 V,
Record equalization center frequency (1)
FEQR1
S21 = sine wave (200 mVp-p, f = 4 to 5 MHz),
1.0608
1.0715
1.0822
MHz
SW21A = SW21B = on, S27 = composite sync.
Record equalization center frequency (2)
FEQR2
As above, except V6 = 4 V
1.0788
1.0895
1.1002
MHz
SW1 = on, V1 = 5 V, V5 = V6 = 0 V, V16 = 0 V,
Record equalization characteristics (1)
VEQRC
S21 = sine wave (200 mVp-p, f = FEQR1
Γ— 4),
65
85
105
mVp-p
SW21A = SW21B = on, S27 = composite sync.
Record equalization characteristics (2)
GEQRL
As above, except S21 = sine wave (200 mVp-p,
8
11
14
dB
f = 3.8 MHz), taking VEQRC as the reference (0 dB)
Record equalization characteristics (3)
GEQRH
As above, except S21 = sine wave (200 mVp-p,
8
11
14
dB
f = 4.8 MHz), taking VEQRC as the reference (0 dB)
SW1 = on, V1 = 5 V, V5 = V6 = 0 V, V16 = 0 V,
Record chrominance signal output level
VOR
S15 = sine wave (200 mVp-p, f = 4.4 MHz),
80
110
140
mVp-p
SW21B = on, S27 = composite sync.
Record chrominance signal output unnecessary
As above, except measure the 2.2 MHz
spectrum (1)
GSR1
component in the T11 signal. Taking VOR as
–30
–20
dB
the reference (0 dB).
Record chrominance signal output unnecessary
As above, except measure the 3.3 MHz
spectrum (2)
GSR2
component in the T11 signal. Taking VOR as
–30
–20
dB
the reference (0 dB).
V5 = V6 = 0 V, V16 = 5 V, S27 = composite
Playback mode current drain
ICCP
sync., S13 = sine wave
60
80
100
mA
(50 mVp-p, f = 1.0715 MHz)
V6 = 5 V, SW8B = on, V16 = 5 V,
AGC control characteristics (1)
VAGC
S27 = composite sync., S13 = sine wave
90
120
150
mVp-p
(50 mVp-p, f = 1.0715 MHz)
As above, except S13 = sine wave
AGC control characteristics (2)
GAGC1
(100 mVp-p, f = 1.0715 MHz)
–1
0
+1
dB
Taking VAGC as the reference (0 dB).
As above, except S13 = sine wave
AGC control characteristics (3)
GAGC2
(25 mVp-p, f = 1.0715 MHz)
–1
0
+1
dB
Taking VAGC as the reference (0 dB).
V6 = 5 V, SW14 = on, V14 = V14R,
1.1-MHz band-pass filter characteristics (1)
GF1L
S13 = sine wave (50 mVp-p, f = 500 kHz),
–3
0
+3
dB
V16 = 5 V, S27 = composite sync., taking
VAGC as the reference (0 dB).
As above, except S13 = sine wave
1.1-MHz band-pass filter characteristics (2)
GF1H1
(50 mVp-p, f = 2.2 MHz)
–30
–20
dB
Taking VAGC as the reference (0 dB).
As above, except S13 = sine wave
1.1-MHz band-pass filter characteristics (3)
GF1H2
(50 mVp-p, f = 3.3 MHz)
–35
–25
dB
Taking VAGC as the reference (0 dB).
Operating Characteristics at Ta = 25Β°C, VCC = 5 V
Continued on next page.




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NTE15038Integrated Circuit Chroma Signal Proessor for VHS VCR 1 2 3 NTE Electronics
NTE15039Integrated Circuit VHS/VCR Chroma Signal Proessor for NTSC/PAL/SECAM Systems 1 2 3 NTE Electronics
LA7566VIF/SIF IF Signal-Processing Circuit with TV/VCR PAL and NTSC Multisound Support 1 2 3 4 5 MoreSanyo Semicon Device
LA7567NTV and VCR VIF/SIF IF Signal-Processing Circuit with PAL/NTSC Multi-Format Audio Support 1 2 3 4 5 MoreSanyo Semicon Device
LA75675M-SVIF/SIF IF Signal-Processing Circuit that Supports NTSC Intercarrier for TV and VCR Products 1 2 3 4 5 MoreSanyo Semicon Device
LA7567GMTV and VCR VIF/SIF IF Signal-Processing Circuit with NTSC SPLIT Support 1 2 3 4 5 MoreSanyo Semicon Device
NTE1200Integrated Circuit Color TV Chroma Processor 1 2 NTE Electronics
NTE739Integrated Circuit Dual Doubly Balanced Chroma Demodulator with RGB Matrix and Chroma Driver Stages 1 2 3 NTE Electronics
LA7975PAL SIF Converter Circuit for TV and VCR Multi-system 1 2 3 4 5 MoreSanyo Semicon Device

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedΒ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl