Selected language     English  ▼


LA7337 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part No. LA7337
Description  SECAM-Format VCR Chroma Signal-Processing Circuit
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

   
 3 page
background image
No. 5288-3/7
LA7337
Continued from preceding page.
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
V6 = 0 V, SW8B = on, SW14 = on,
Playback equalization center frequency (1)
FEQP1
V14 = V14R, S13 = sine wave
1.0608
1.0715
1.0822
MHz
(50 mVp-p, f = 1 to 1.2 MHz), V16 = 5 V,
S27 = composite sync.
Playback equalization center frequency (2)
FEQP2
As above, except V6 = 4 V
1.0788
1.0895
1.1002
MHz
V6 = 0 V, SW8B = on, SW14 = on,
Playback equalization characteristics (1)
VEQPC
V14 = V14R, S13 = sine wave
120
150
180
mVp-p
(50 mVp-p, f = FEQP1), V16 = 5 V,
S27 = composite sync.
As above, except S13 = sine wave
Playback equalization characteristics (2)
GEQPL
(50 mVp-p, f = 950 kHz), taking VEQP as the
–14
–11
–8
dB
reference (0 dB).
As above, except S13 = sine wave
Playback equalization characteristics (3)
GEQPH
(50 mVp-p, f = 1.2 MHz), taking VEQP as the
–14
–11
–8
dB
reference (0 dB).
SW1 = on, V1 = 5 V, V5 = V6 = 0 V,
Playback bell center frequency (1)
FBLP1
SW8A = SW8B = on, V16 = 5 V,
4.243
4.286
4.329
MHz
S27 = composite sync., S8 = sine wave
(200 mVp-p, f = 1 to 1.2 MHz),
Playback bell center frequency (2)
FBLP2
As above, except V5 = 4 V
4.493
4.536
4.579
MHz
SW1 = on, V1 = 5 V, V5 = V6 = 0 V,
Playback bell characteristics (1)
VBLPC
SW8A = SW8B = on, S8 = sine wave
65
85
105
mVp-p
(200 mVp-p, f = FBLP
× 1/4), V16 = 5 V,
S27 = composite sync.
As above, except S8 = sine wave
Playback bell characteristics (2)
GBLPL
(200 mVp-p, f = 950 kHz), taking VBLPC as
8
11
14
dB
the reference (0 dB).
As above, except S8 = sine wave
Playback bell characteristics (3)
GBLPH
(200 mVp-p, f = 1.2 MHz), taking VBLPC as
8
11
14
dB
the reference (0 dB).
SW1 = on, V1 = 5 V, V5 = V6 = 0 V, V16 = 5 V,
Playback chrominance signal output level
VOP
S13 = sine wave (200 mVp-p, f = 1.1 MHz),
130
160
190
mVp-p
SW8B = on, S27 = composite sync.
Playback chrominance signal output
As above, except measure the 2.2 MHz
unnecessary spectrum (1)
GSP1
component in the T17 signal. Taking VOP as
–25
–15
dB
the reference (0 dB).
Playback chrominance signal output
As above, except measure the 3.3 MHz
unnecessary spectrum (2)
GSP2
component in the T17 signal. Taking VOP as
–20
–10
dB
the reference (0 dB).
CLK input level
VCLK
f = 4.433619 MHz
100
200
800
mVp-p
Synchronizing signal input threshold level
VTHS
1.8
2
2.2
V
SW1 = on, V1 = 5 V, V5 = V6 = 0 V, V16 = 0 V,
Record mode sync gate start time (muting off)
TRGB
S15 = sine wave (200 mVp-p, f = 4.286 MHz),
–0.3
+0.2
+0.7
µs
SW21B = on, S27 = composite sync.
Record mode sync gate start time (muting on)
TRGBM
As above, except SW2 = on
1.5
2
2.5
µs
Record mode sync gate release time
TRGE
As above
4.5
5.0
5.5
µs
Record mode mute setting resistance
VTSP2
10
20
30
k
SW1 = on, V5 = V6 = 0 V, SW8B = on,
Playback mode sync gate start time
TPGB
S13 = sine wave (50 mVp-p, f = 1.0715 MHz),
1.5
2
2.5
µs
V16 = 5 V, S27 = composite sync.
Playback mode sync gate release time
TPGE
As above
4.5
5.0
5.5
µs
BGP start time
TBGB
V5 = 0 V, V6 = 5 V, SW21B = on, V16 = 0 V,
6.0
6.5
7.0
µs
S27 = composite sync.
BGP amplitude
TBGW
As above
2.0
2.5
3.0
µs
SECAM discriminator output resistance
R26
SW25 = on, V25 = 5 V
7
10
13
k
Record mode SECAM discriminator
V5 = V6 = 0 V, V16 = 0 V, SW21B = on,
characteristics (1)
VSCMR1
S27 = composite sync., S15 = SECAM color
4.5
V
bar signal
Record mode SECAM discriminator
VSCMR2
As above, except S15 = PAL color bar signal
0.5
V
characteristics (2)
Continued on next page.




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NTE15038Integrated Circuit Chroma Signal Proessor for VHS VCR 1 2 3 NTE Electronics
NTE15039Integrated Circuit VHS/VCR Chroma Signal Proessor for NTSC/PAL/SECAM Systems 1 2 3 NTE Electronics
LA7566VIF/SIF IF Signal-Processing Circuit with TV/VCR PAL and NTSC Multisound Support 1 2 3 4 5 MoreSanyo Semicon Device
LA7567NTV and VCR VIF/SIF IF Signal-Processing Circuit with PAL/NTSC Multi-Format Audio Support 1 2 3 4 5 MoreSanyo Semicon Device
LA75675M-SVIF/SIF IF Signal-Processing Circuit that Supports NTSC Intercarrier for TV and VCR Products 1 2 3 4 5 MoreSanyo Semicon Device
LA7567GMTV and VCR VIF/SIF IF Signal-Processing Circuit with NTSC SPLIT Support 1 2 3 4 5 MoreSanyo Semicon Device
NTE1200Integrated Circuit Color TV Chroma Processor 1 2 NTE Electronics
NTE739Integrated Circuit Dual Doubly Balanced Chroma Demodulator with RGB Matrix and Chroma Driver Stages 1 2 3 NTE Electronics
LA7975PAL SIF Converter Circuit for TV and VCR Multi-system 1 2 3 4 5 MoreSanyo Semicon Device

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl