Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX919AD5 Datasheet(PDF) 4 Page - CML Microcircuits

Part # FX919AD5
Description  4-Level FSK Modem Data Pump
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX919AD5 Datasheet(HTML) 4 Page - CML Microcircuits

  FX919AD5 Datasheet HTML 1Page - CML Microcircuits FX919AD5 Datasheet HTML 2Page - CML Microcircuits FX919AD5 Datasheet HTML 3Page - CML Microcircuits FX919AD5 Datasheet HTML 4Page - CML Microcircuits FX919AD5 Datasheet HTML 5Page - CML Microcircuits FX919AD5 Datasheet HTML 6Page - CML Microcircuits FX919AD5 Datasheet HTML 7Page - CML Microcircuits FX919AD5 Datasheet HTML 8Page - CML Microcircuits FX919AD5 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
4-Level FSK Modem Data Pump
FX919A
© 1996 Consumer Microcircuits Limited
4
D/919A/4
1.3
Signal List
Package
P4/D2/D5
Signal
Description
Pin No.
Name
Type
1
IRQN
O/P
A 'wire-ORable' output for connection to the host
µC's Interrupt Request input. This output has a
low impedance pull down to VSS when active
and is high impedance when inactive.
2
D7
BI
)
3
D6
BI
)
4
D5
BI
)
5
D4
BI
)
8-bit bidirectional 3-state
µC interface data
6
D3
BI
)
lines.
7
D2
BI
)
8
D1
BI
)
9
D0
BI
)
10
RDN
I/P
Read. An active low logic level input used to
control the reading of data from the modem into
the host
µC.
11
WRN
I/P
Write. An active low logic level input used to
control the writing of data into the modem from
the host
µC.
12
Vss
Power
The negative supply rail (ground).
13
CSN
I/P
Chip Select. An active low logic level input to the
modem, used to enable a data read or write
operation.
14
A0
I/P
)
Two logic level modem register select
15
A1
I/P
)
inputs.
16
XTALN
O/P
The output of the on-chip oscillator.
17
XTAL/CLOCK
I/P
The input to the on-chip oscillator, for external
Xtal circuit or clock.
18
19
DOC 2
DOC 1
O/P
O/P
)
Connections to the Rx level measurement
)
circuitry. A capacitor should be connected
)
from each pin to VSS.


Similar Part No. - FX919AD5

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
FX919B CMLMICRO-FX919B Datasheet
1Mb / 47P
   Excellent Radio Fading Performance
More results

Similar Description - FX919AD5

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
FX929A CMLMICRO-FX929A Datasheet
1Mb / 44P
   4-Level FSK Modem Data Pump
FX949 CMLMICRO-FX949 Datasheet
624Kb / 25P
   CDPD Wireless Modem Data Pump
logo
Texas Instruments
TCM3105DWL TI-TCM3105DWL Datasheet
246Kb / 12P
[Old version datasheet]   FSK MODEM
TCM3105DWE TI-TCM3105DWE Datasheet
342Kb / 11P
[Old version datasheet]   FSK MODEM
logo
List of Unclassifed Man...
RC96V24DP ETC2-RC96V24DP Datasheet
1Mb / 34P
   Single Device Data/Fax Modem Data Pump
logo
Sanyo Semicon Device
LC89210 SANYO-LC89210 Datasheet
199Kb / 10P
   High-speed fax modem data pump
logo
STMicroelectronics
ST75C520 STMICROELECTRONICS-ST75C520 Datasheet
382Kb / 45P
   HIGH SPEED FAX MODEM DATA PUMP
logo
Exar Corporation
XR-2103 EXAR-XR-2103 Datasheet
362Kb / 6P
   FSK Modem Filter
logo
List of Unclassifed Man...
RCV336DPI ETC1-RCV336DPI Datasheet
992Kb / 14P
   V.34 Data V.17 Fax, Modem Data Pump
logo
TDK Electronics
TSC73M223 TDK-TSC73M223 Datasheet
45Kb / 6P
   1200 Baud FSK Modem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com