Selected language     English  ▼


LA7357 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part No. LA7357
Description  PAL/SECAM Discrimination Circuit for VHS VCRs
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

   
 4 page
background image
Pin No.
Pin
Pin Functions
Equivalent circuit
No. 5654-4/6
LA7357
Pin Functions
1
CHROMA-IN
• Chrominance signal input. This pin can handle burst (or unmodulated
carrier for SECAM input) signal amplitudes of between 50 and 800 mVp-p.
2
HPF.MONI
• High-pass filter output monitor
To avoid interference between pin 1 and pin 3, this pin should be
connected to VCC during normal operation.
3
FILTER
• Phase comparator output
This signal is smoothed with an external capacitor.
The smoothed level will be:
2.0 V or lower for PAL
3.5 V or higher for SECAM or MESECAM.
4
GND
5
SYNC+BGP
• BGP + SYNC input
The input level is a 1.0- to 2.0-V rising pulse (
) during the SYNC period,
and a 3.0- to 4.5-V rising pulse (
) during the BGP period. Note that since
a combined BGP and C.SYNC pulse (
) is output from the Y/C IC when
the LA7357 is used in combination with a Sanyo single-chip Y/C IC (any
one of the LA7430, LA7435, or LA71520) no external component will be
required on pin 5.
6
DET-ADJ
7
VCC
• Discrimination sensitivity adjustment pin
The discrimination is shifted towards PAL as the pin voltage is increased,
and towards SECAM as the pin voltage is lowered.
This pin is normally left open.
Continued on next page.




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LA70001Record/Playback Amplifiers for VHS Format VCRs 1 2 3 4 5 MoreSanyo Semicon Device
LA70011Recording/Playback Amplifier for VHS VCRs 1 2 3 4 5 MoreSanyo Semicon Device
LA70020Recording/Playback Amplifier for VHS VCRs 1 2 3 4 5 MoreSanyo Semicon Device
BA7107SECAM chroma signal processor for VHS VCRs 1 2 3 4 5 MoreRohm
LA7411Playback Amplifier and Record Amplifier for VHS VCRs 1 2 3 4 5 Sanyo Semicon Device
BA7207ASSECAM chroma signal processor for VHS VCRs 1 2 3 4 5 MoreRohm
BH7273KVEqualizer and ATF circuit IC for Digital VCRs 1 2 3 4 5 MoreRohm
NTE15038Integrated Circuit Chroma Signal Proessor for VHS VCR 1 2 3 NTE Electronics
LA71525MVideo/audio signal processor for VHS VCRs 1 2 3 4 5 MoreSanyo Semicon Device
NTE15039Integrated Circuit VHS/VCR Chroma Signal Proessor for NTSC/PAL/SECAM Systems 1 2 3 NTE Electronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl