Selected language     English  ▼


LA7357 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part No. LA7357
Description  PAL/SECAM Discrimination Circuit for VHS VCRs
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

   
 5 page
background image
No. 5654-5/6
LA7357
Continued from preceding page.
Pin No.
Pin
Pin Functions
Equivalent circuit
8
FSC-IN
• PAL fsc (4.43 MHZ) input
This pin can handle inputs with amplitude between about 300 and 800
mVp-p.
9
AFP.MONI
• APF output monitor
This pin must be connected to VCC to prevent interference between pins 8
and 10.
10
DET-OUT
• Discrimination output
This pin outputs a high level (4.2 V) for SECAM or MESECAM inputs, and a
low level (close to 0 V) for PAL inputs.




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LA70001Record/Playback Amplifiers for VHS Format VCRs 1 2 3 4 5 MoreSanyo Semicon Device
LA70011Recording/Playback Amplifier for VHS VCRs 1 2 3 4 5 MoreSanyo Semicon Device
LA70020Recording/Playback Amplifier for VHS VCRs 1 2 3 4 5 MoreSanyo Semicon Device
BA7107SECAM chroma signal processor for VHS VCRs 1 2 3 4 5 MoreRohm
LA7411Playback Amplifier and Record Amplifier for VHS VCRs 1 2 3 4 5 Sanyo Semicon Device
BA7207ASSECAM chroma signal processor for VHS VCRs 1 2 3 4 5 MoreRohm
BH7273KVEqualizer and ATF circuit IC for Digital VCRs 1 2 3 4 5 MoreRohm
NTE15038Integrated Circuit Chroma Signal Proessor for VHS VCR 1 2 3 NTE Electronics
LA71525MVideo/audio signal processor for VHS VCRs 1 2 3 4 5 MoreSanyo Semicon Device
NTE15039Integrated Circuit VHS/VCR Chroma Signal Proessor for NTSC/PAL/SECAM Systems 1 2 3 NTE Electronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl