Selected language     English  â–¼


LA7386 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part No. LA7386
Description  NTSC Video Signal Processing LSI for VCRs
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 
 1 page
background image
NTSC Video Signal Processing LSI for VCRs
Overview
The LA7386 combines luminance signal processing functions
and color signal processing functions for NTSC VCRs on a
single chip. Developed as a new-generation LSI for use in
VCRs which offer increasingly higher image quality, the
LA7383 offers all of the functions needed in order to realize
improved picture quality in a dramatically compact 36-pin
package, making this device suitable for a wide range of
VCRs, from popularly priced models to high-end models.
Package Dimensions
unit : mm
3170-DIP36S
SANYO : DIP36S
[LA7386]
Features
.
Includes all functions required for video signal processing in an NTSC VCR.
.
Supports full HQ functions.
YNR on chip (standard).
CNR on chip (external components can be removed for passthrough operation).
Detail enhancer on chip.
Higher white clipping level (190%).
.
In addition to the above, also provides the following functions for excellent image quality:
Edge compensation.
Double high-pass noise canceller
→ permits wide-band noise reduction.
Linear phase-type image quality adjustment
→ ideal image quality adjustment method, with no waveform distortion.
.
By adopting the 1CCD method, one comb filter (glass) has become unnecessary.
Has a single 1H-delay CCD and a comb Y/C separation/YNR chroma crosstalk canceller function on chip.
.
Automatic adjustment filter on chip.
Y: LPF
C: 3.58 MHz BPF, 4.21 MHz BPF, LPF (REC)
.
No adjustment required for white and dark clipping levels.
.
Extremely few peripheral components (about 60 components, excluding peripheral components for the CCD).
.
fsc output can be used as clock for OSD IC.
Crystal oscillator for the on-screen display circuit is not required.
.
DCC circuit on chip.
Suppresses flicker at top of screen and reduces AM noise.
.
High-speed AFC circuit.
Prevents color alteration and loss at top of screen when dubbing.
.
Head switching noise reduction circuit on chip.
.
Smallest package in the industry.
.
Few components needed.
Ordering number: EN 5472
Monolithic Linear IC
LA7386
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
22896HA(II) No.5472 - 1/13




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LA7383NTSC Video Signal Processing LSI for VCRs 1 2 3 4 5 MoreSanyo Semicon Device
UPD69516 BIT D/A CONVERTER FOR VIDEO SIGNAL PROCESSING CMOS LSI 1 2 3 4 5 MoreNEC
TA8759BNVIDEO CHROMA AND SYNC. SIGNAL PROCESSING IC FOR PAL/NTSC/SECAM SYSTEM COLOR TELEVISION 1 2 3 4 5 MoreToshiba Semiconductor
UPC1830FILTER-CONTAINING VIDEO CHROMA SYNCHRONIZING SIGNAL PROCESSING LSI COMPATIBLE WITH NTSC/PAL SYSTEM 1 2 3 4 5 MoreNEC
AN2492FHLuminance and chrominance signal processing circuit for 8 mm video NTSC 1 2 3 4 5 MorePanasonic Semiconductor
AN5601KCOLOR SIGNAL VIDEO SIGNAL AND SYNCHRONOUS SIGNAL PROCESSING IC FOR PAL/NTSC TV 1 2 3 4 5 MorePanasonic Semiconductor
NTE7150Integrated Circuit Video Chroma and Sync. Signal Processing Circuit for PAL/NTSC/SECAM System Color Televisions 1 2 3 4 5 MoreNTE Electronics
TA8880CNVIDEO CHROMA AND SYNC. SIGNAL PROCESSING IC FOR PAL/NTSC/SECAM-SYSTEM COLOR TELEVISIONS 1 2 3 4 5 MoreToshiba Semiconductor
S5L9290Xsignal processing LSI for the CD 1 2 3 4 5 MoreSamsung semiconductor
MN6626Signal Processing LSI for CD Players 1 2 3 Panasonic Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl