Selected language     English  ā–¼


LA7386 Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part No. LA7386
Description  NTSC Video Signal Processing LSI for VCRs
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 
 11 page
background image
Control Pin Function Chart
Pin No.
L
M
H
Pin 4
R/P switching
Open
REC mode
Over 3.8 V
PB mode
Pin 6
SP/EP switching
Open
EP mode
Over 3.9 V
SP mode
Pin 12
EDIT2
PIC-CTL
2Vto2.5 V
PIC-CTL
SOFT
2.5Vto3V
PIC-CTL
HARD
Over 3.6 V
EDIT2 on
Pin 16
Special playback switching
Open
Before comb in SP
Over 3.5 V
(over 200 ĀµA)
After comb in SP
Pin 23
EDIT1
US
Under 1.5V
US specifications
Open
Over 2.5 V
EDIT1 on
Pin 27
QV, QH, CHAR
Refer to pin 27,
QV, QH, CHAR,
insertion diagram
Pin 34
DOC STOP control
Open
Normal mode
Over 3.9 V
DOC STOP
Pin 35
ROTARY pulse
LP switching
SW30
Tape
speed
SP or EP mode
LP mode
LA7386
Pin 27
QV, QH, CHAR, insertion
Pin 28 output
Pin 27 control voltage
Through
(V)
LA7386
No.5472 - 11/13




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LA7383NTSC Video Signal Processing LSI for VCRs 1 2 3 4 5 MoreSanyo Semicon Device
UPD69516 BIT D/A CONVERTER FOR VIDEO SIGNAL PROCESSING CMOS LSI 1 2 3 4 5 MoreNEC
TA8759BNVIDEO CHROMA AND SYNC. SIGNAL PROCESSING IC FOR PAL/NTSC/SECAM SYSTEM COLOR TELEVISION 1 2 3 4 5 MoreToshiba Semiconductor
UPC1830FILTER-CONTAINING VIDEO CHROMA SYNCHRONIZING SIGNAL PROCESSING LSI COMPATIBLE WITH NTSC/PAL SYSTEM 1 2 3 4 5 MoreNEC
AN2492FHLuminance and chrominance signal processing circuit for 8 mm video NTSC 1 2 3 4 5 MorePanasonic Semiconductor
AN5601KCOLOR SIGNAL VIDEO SIGNAL AND SYNCHRONOUS SIGNAL PROCESSING IC FOR PAL/NTSC TV 1 2 3 4 5 MorePanasonic Semiconductor
NTE7150Integrated Circuit Video Chroma and Sync. Signal Processing Circuit for PAL/NTSC/SECAM System Color Televisions 1 2 3 4 5 MoreNTE Electronics
TA8880CNVIDEO CHROMA AND SYNC. SIGNAL PROCESSING IC FOR PAL/NTSC/SECAM-SYSTEM COLOR TELEVISIONS 1 2 3 4 5 MoreToshiba Semiconductor
S5L9290Xsignal processing LSI for the CD 1 2 3 4 5 MoreSamsung semiconductor
MN6626Signal Processing LSI for CD Players 1 2 3 Panasonic Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl