Selected language     English  β–Ό


LA7386 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part No. LA7386
Description  NTSC Video Signal Processing LSI for VCRs
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 
 3 page
background image
Continued from preceding page.
Parameter
Symbol
Conditions
min
typ
max
Unit
REC YNR operation
EP/LP (1)
VR-YNR1
Measure the YNR addition level at T2 with VIN =
standard color bar signal 1 Vp-p and S30 = off
10
12
14
mV
REC YNR operation
EP/LP (2)
VR-YNR2
Measure the YNR addition level at edit mode T2
with VIN = standard color bar signal 1 Vp-p and
S30=off
234
mV
Pre-CCD LPF
frequency characteristics (1)
GPFIL1
Input a standard multiburst signal (1 Vp-p) and
measure the 4 MHz response for 500 kHz at T11
–0.5
0
+0.5
dB
Pre-CCD LPF
frequency characteristics (2)
GPFIL2
10 MHz response for 500 kHz at T11 when
VIN = standard multiburst signal 1 Vp-p and
S30=off
–10
–8
–6
dB
3MLPF
frequency characteristics (1)
G3MLP1
1 MHz response for 500 kHz at T2 when VIN =
standard multiburst signal 1 Vp-p and S30 = off
–0.5
0
+0.5
dB
3MLPF
frequency characteristics (2)
G3MLP2
2 MHz response for 500 kHz at T2 when VIN =
standard multiburst signal 1 Vp-p and S30 = off
–1
0
+1
dB
3MLPF
frequency characteristics (3)
G3MLP3
3 MHz response for 500 kHz at T2 when VIN =
standard multiburst signal 1 Vp-p and S30 = off
–10
–8
–6
dB
3MLPF
frequency characteristics (4)
G3MLP4
3.58 MHz response for 500 kHz at T2 when
VIN = standard multiburst signal 1 Vp-p and
S30=off
–30
dB
3MLPF
frequency characteristics (5)
G3MLP5
4.2 MHz response for 500 kHz at T2 when
VIN = standard multiburst signal 1 Vp-p and
S30=off
–15
dB
FM modulator output level
VFM
No input, use VR36 to adjust output frequency to
4 MHz, measure output level
0.89
1.0
1.12
Vp-p
FM modulator
secondary distortion
HMOD
Ratio of 8 MHz component to 4 MHz in the above
state
–40
–35
dB
FM modulator
modulation sensitivity
SMOD
Measure amplitude of change in output frequency
when 2.6 V DC or 3.1 V DC is applied to T3,
2 x (f3.1 – f2.6)
1.6
2.0
2.4
MHz/V
FM modulator linearity
LMOD
Measure output frequency when 2.85 V DC
applied to T3, f2.85
LMOD =
f2.85 – (f3.1 + f2.6)/2
f3.1 – f2.6
x 100
–3
0
+2
%
1/2 fH carrier shift 1
CS1
Measure amplitude of change in output frequency
when SW35B is from on to off and SW35A is off
6.8
7.8
9.5
kHz
1/2 fH carrier shift 2
CS2
Measure amplitude of change in output frequency
when SW35A is on and SW35B is switch from on
to off
6.8
7.8
9.5
kHz
Emphasis gain
GEMP
VIN = 0.5 mVp-p 10 kHz sine wave
Measure ratio of levels of input and output
amplitude at T4
–0.5
0
+0.5
dB
Detail enhancer characteristics
(1)
GENH1
VIN = 158 mVp-p 2 MHz sine wave
Measure ratio of levels of T4 and T3, difference
with GEMP
1.6
1.9
2.6
dB
Detail enhancer characteristics
(2)
GENH2
VIN = 50 mVp-p 2 MHz sine wave
Measure ratio of levels of T4 and T3, difference
with GEMP
3.1
4.1
5.1
dB
Detail enhancer characteristics
(3)
GENH3
VIN = 15.8 mVp-p 2 MHz sin wave
Measure ratio of levels of T4 and T3, difference
with GEMP
5.3
6.3
7.3
dB
Detail enhancer characteristics
(4)
GENH4
VIN = 15.8 mVp-p 2 MHz sine wave
Measure output amplitude at T4 in edit mode,
difference with GEMP
2.9
3.9
4.9
dB
Nonlinear emphasis
characteristics (1)
GNLEMP1
VIN = 500 mVp-p 2 MHz
Measure ratio of levels of T4 and T3, difference
with GEMP
0.5
1.4
2.3
dB
Nonlinear emphasis
characteristics (2)
GNLEMP2
VIN = 158 mVp-p 2 MHz
Measure ratio of levels of T4 and T3, difference
with GEMP
2.6
3.8
5.2
dB
Continued on next page.
LA7386
No.5472 - 3/13




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LA7383NTSC Video Signal Processing LSI for VCRs 1 2 3 4 5 MoreSanyo Semicon Device
UPD69516 BIT D/A CONVERTER FOR VIDEO SIGNAL PROCESSING CMOS LSI 1 2 3 4 5 MoreNEC
TA8759BNVIDEO CHROMA AND SYNC. SIGNAL PROCESSING IC FOR PAL/NTSC/SECAM SYSTEM COLOR TELEVISION 1 2 3 4 5 MoreToshiba Semiconductor
UPC1830FILTER-CONTAINING VIDEO CHROMA SYNCHRONIZING SIGNAL PROCESSING LSI COMPATIBLE WITH NTSC/PAL SYSTEM 1 2 3 4 5 MoreNEC
AN2492FHLuminance and chrominance signal processing circuit for 8 mm video NTSC 1 2 3 4 5 MorePanasonic Semiconductor
AN5601KCOLOR SIGNAL VIDEO SIGNAL AND SYNCHRONOUS SIGNAL PROCESSING IC FOR PAL/NTSC TV 1 2 3 4 5 MorePanasonic Semiconductor
NTE7150Integrated Circuit Video Chroma and Sync. Signal Processing Circuit for PAL/NTSC/SECAM System Color Televisions 1 2 3 4 5 MoreNTE Electronics
TA8880CNVIDEO CHROMA AND SYNC. SIGNAL PROCESSING IC FOR PAL/NTSC/SECAM-SYSTEM COLOR TELEVISIONS 1 2 3 4 5 MoreToshiba Semiconductor
S5L9290Xsignal processing LSI for the CD 1 2 3 4 5 MoreSamsung semiconductor
MN6626Signal Processing LSI for CD Players 1 2 3 Panasonic Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedΒ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl