Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXMS6006DGTA Datasheet(PDF) 5 Page - Diodes Incorporated

Part # ZXMS6006DGTA
Description  60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE INTELLIFET MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMS6006DGTA Datasheet(HTML) 5 Page - Diodes Incorporated

  ZXMS6006DGTA Datasheet HTML 1Page - Diodes Incorporated ZXMS6006DGTA Datasheet HTML 2Page - Diodes Incorporated ZXMS6006DGTA Datasheet HTML 3Page - Diodes Incorporated ZXMS6006DGTA Datasheet HTML 4Page - Diodes Incorporated ZXMS6006DGTA Datasheet HTML 5Page - Diodes Incorporated ZXMS6006DGTA Datasheet HTML 6Page - Diodes Incorporated ZXMS6006DGTA Datasheet HTML 7Page - Diodes Incorporated ZXMS6006DGTA Datasheet HTML 8Page - Diodes Incorporated ZXMS6006DGTA Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ZXMS6006DG
Document number: DS35142 Rev. 1 - 2
5 of 9
www.diodes.com
December 2010
© Diodes Incorporated
ZXMS6006DG
A Product Line of
Diodes Incorporated
IntelliFET
® is a trademark of Diodes Incorporated, registered in the United States and other jurisdictions worldwide.
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Static Characteristics
Drain-Source Clamp Voltage
VDS(AZ)
60
65
70
V
ID = 10mA
Off State Drain Current
IDSS
-
-
1
µA
VDS = 12V, VIN = 0V
-
-
2
VDS = 36V, VIN = 0V
Input Threshold Voltage
VIN(th)
0.7
1
1.5
V
VDS = VGS, ID = 1mA
Input Current
IIN
-
60
100
μA
VIN = +3V
-
120
200
VIN = +5V
Input Current While Over Temperature Active
-
-
-
400
μA
VIN = +5V
Static Drain-Source On-State Resistance
RDS(on)
-
85
125
m
Ω
VIN = +3V, ID = 1A
-
75
100
VIN = +5V, ID = 1A
Continuous Drain Current (Note 4)
ID
2.0
-
-
A
VIN = 3V; TA = 25°C
2.2
-
-
VIN = 5V; TA = 25°C
Continuous Drain Current (Note 5)
2.6
-
-
VIN = 3V; TA = 25°C
2.8
-
-
VIN = 5V; TA = 25°C
Current Limit (Note 7)
ID(LIM)
4
8
-
A
VIN = +3V
6
13
-
VIN = +5V
Dynamic Characteristics
Turn On Delay Time
td(on)
-
8.6
-
μs
VDD = 12V, ID = 1A, VGS = 5V
Rise Time
tr
-
18
-
Turn Off Delay Time
td(off)
-
34
-
Fall Time
ff
-
15
-
Over-Temperature Protection
Thermal Overload Trip Temperature (Note 8)
TJT
150
175
-
°C
-
Thermal Hysteresis (Note 8)
ff
-
10
-
°C
-
Notes:
7. The drain current is restricted only when the device is in saturation (see graph ‘typical output characteristic’). This allows the device to be used in the fully
on state without interference from the current limit. The device is fully protected at all drain currents, as the low power dissipation generated outside
saturation makes current limit unnecessary.
8. Over-temperature protection is designed to prevent device destruction under fault conditions. Fault conditions are considered as “outside” normal
operating range, so this part is not designed to withstand over-temperature for extended periods..


Similar Part No. - ZXMS6006DGTA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMS6006DGQ DIODES-ZXMS6006DGQ Datasheet
350Kb / 8P
   60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
ZXMS6006DGQ-13 DIODES-ZXMS6006DGQ-13 Datasheet
789Kb / 8P
   60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE IntelliFET MOSFET
Rev. 1 - 2
ZXMS6006DGQTA DIODES-ZXMS6006DGQTA Datasheet
350Kb / 8P
   60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
More results

Similar Description - ZXMS6006DGTA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMS6005DG DIODES-ZXMS6005DG Datasheet
561Kb / 9P
   60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE INTELLIFET??MOSFET
DS32247 Rev. 1 - 2
ZXMS6005SG DIODES-ZXMS6005SG Datasheet
562Kb / 9P
   60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE INTELLIFET??MOSFET
DS32249 Rev. 1 - 2
ZXMS6004FFTA DIODES-ZXMS6004FFTA Datasheet
420Kb / 10P
   60V N-channel self protected enhancement mode Intellifet MOSFET
ZXMS6004FF DIODES-ZXMS6004FF Datasheet
414Kb / 10P
   60V N-channel self protected enhancement mode Intellifet MOSFET
ZXMS6004DGTA DIODES-ZXMS6004DGTA Datasheet
485Kb / 10P
   60V N-channel self protected enhancement mode Intellifet MOSFET
ZXMS6006DGQ-13 DIODES-ZXMS6006DGQ-13 Datasheet
789Kb / 8P
   60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE IntelliFET MOSFET
Rev. 1 - 2
ZXMS6004DT8 DIODES-ZXMS6004DT8 Datasheet
241Kb / 9P
   60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE INTELLIFET??MOSFET
DS32245 Rev. 1 - 2
ZXMS6005DT8 DIODES-ZXMS6005DT8 Datasheet
252Kb / 9P
   60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE INTELLIFET??MOSFET
DS32248 Rev. 1 - 2
ZXMS6004DGQ-13 DIODES-ZXMS6004DGQ-13 Datasheet
711Kb / 8P
   60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE INTELLIFET MOSFET
Rev. 1 - 2
ZXMS6005N8 DIODES-ZXMS6005N8 Datasheet
684Kb / 8P
   60V N-CHANNEL SELF-PROTECTED ENHANCEMENT MODE IntelliFET MOSFET
June 2017
logo
List of Unclassifed Man...
BSP75G ETC1-BSP75G Datasheet
68Kb / 4P
   60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE IntelliFET??MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com