Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA7566 Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # LA7566
Description  VIF/SIF IF Signal-Processing Circuit with TV/VCR PAL and NTSC Multisound Support
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA7566 Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button LA7566 Datasheet HTML 3Page - Sanyo Semicon Device LA7566 Datasheet HTML 4Page - Sanyo Semicon Device LA7566 Datasheet HTML 5Page - Sanyo Semicon Device LA7566 Datasheet HTML 6Page - Sanyo Semicon Device LA7566 Datasheet HTML 7Page - Sanyo Semicon Device LA7566 Datasheet HTML 8Page - Sanyo Semicon Device LA7566 Datasheet HTML 9Page - Sanyo Semicon Device LA7566 Datasheet HTML 10Page - Sanyo Semicon Device LA7566 Datasheet HTML 11Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
No. 5764-8/11
LA7566
Continued from preceding page.
Pin No.
Symbol
Pin function
Equivalent circuit
11
12
VCO
• VCO tank circuit used for video detection.
See the separately provided documentation for the tank circuit
coil (inductor) specifications.
13
14
VIDEO OUT
EQ FILTER
• Equalizer circuit. This circuit corrects the video signal frequency
characteristics.
• Notes on equalizer amplifier design:
The equalizer amplifier is designed as a voltage follower
amplifier with a gain of about 2.3 dB. When the frequency
characteristics are corrected, connect an inductor, a capacitor,
and a resistor in series between pin 14 and ground.
The equalizer amplifier gain is given by:
R1
AV = —— + 1
Z
Here, R1 is an IC internal resistor with a value of 1 k
Ω. Select Z
according to the desired characteristics. However, care is
required to prevent distortion at the resonant point determined
by Z, where the gain is maximum.
15
16
PAL VIDEO IN
NT VIDEO IN
• Equalizer amplifier inputs.
Pin 15 is for PAL, and pin 16 for NTSC format signals. These
inputs are linked to and switched by the SIF switches.
17
APC FILTER
• PLL detector APC filter connection.
The APC time constants are switched internally in the IC. When
locked, the VCO is controlled over the path A, and the loop gain
is reduced. When unlocked and during weak field reception, the
VCO is controlled over the path B, thus increasing the loop
gain.
We recommend values of:
R = 150 to 390
Ω, and
C = 0.47 µF
for the loop filter constants.
Continued on next page.


Similar Part No. - LA7566

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA75600VA SANYO-LA75600VA Datasheet
390Kb / 16P
   Monolithic Linear IC IF Signal Processing (VIF/SIF) IC for use in TV/VCR Applications
LA7565B SANYO-LA7565B Datasheet
322Kb / 16P
   IF Signal-Processing IC for PAL/NTSC Multi-System Audio TV and VCR Products
LA7565BM SANYO-LA7565BM Datasheet
322Kb / 16P
   IF Signal-Processing IC for PAL/NTSC Multi-System Audio TV and VCR Products
LA7565E SANYO-LA7565E Datasheet
198Kb / 18P
   IF Signal-Processing IC for PAL/NTSC Multi-System Audio TV and VCR Products
LA7565KM SANYO-LA7565KM Datasheet
198Kb / 18P
   IF Signal-Processing IC for PAL/NTSC Multi-System Audio TV and VCR Products
More results

Similar Description - LA7566

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7567GM SANYO-LA7567GM Datasheet
185Kb / 14P
   TV and VCR VIF/SIF IF Signal-Processing Circuit with NTSC SPLIT Support
LA7567EV SANYO-LA7567EV Datasheet
214Kb / 21P
   TV and VCR VIF/SIF IF Signal-Processing Circuit with PAL/NTSC Multi-Format Audio Support
LA7567N SANYO-LA7567N Datasheet
277Kb / 14P
   TV and VCR VIF/SIF IF Signal-Processing Circuit with PAL/NTSC Multi-Format Audio Support
LA75676V-S SANYO-LA75676V-S Datasheet
161Kb / 13P
   VIF/SIF IF Signal-Processing Circuit for TV and VCR Products
LA75710VA SANYO-LA75710VA Datasheet
276Kb / 10P
   Monolithic Linear IC NTSC Support TV and VCR VIF/SIF Signal Processing IC
LA7533 SANYO-LA7533 Datasheet
84Kb / 3P
   IF Signal Processing (VIFSIF) Circuit for TV/VCR Use?
LA75675M-S SANYO-LA75675M-S Datasheet
133Kb / 13P
   VIF/SIF IF Signal-Processing Circuit that Supports NTSC Intercarrier for TV and VCR Products
LA7555 SANYO-LA7555 Datasheet
258Kb / 11P
   IF Signal Processing (VIFSIF) Cricuit for TV/VCR Use
LA75503V SANYO-LA75503V Datasheet
525Kb / 15P
   Adjustment Free VIF/SIF Signal Processing IC for PAL TV/VCR
LA75503V SANYO-LA75503V_07 Datasheet
521Kb / 15P
   For PAL TV/VCR Adjustment Free VIF/SIF Signal Processing IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com