Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP133-SNG-7 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP133-SNG-7
Description  300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP133-SNG-7 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP133-SNG-7 Datasheet HTML 1Page - Diodes Incorporated AP133-SNG-7 Datasheet HTML 2Page - Diodes Incorporated AP133-SNG-7 Datasheet HTML 3Page - Diodes Incorporated AP133-SNG-7 Datasheet HTML 4Page - Diodes Incorporated AP133-SNG-7 Datasheet HTML 5Page - Diodes Incorporated AP133-SNG-7 Datasheet HTML 6Page - Diodes Incorporated AP133-SNG-7 Datasheet HTML 7Page - Diodes Incorporated AP133-SNG-7 Datasheet HTML 8Page - Diodes Incorporated AP133-SNG-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
AP133
300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT
LOW DROPOUT LINEAR REGULATOR
AP133 Rev. 6
2 of 15
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Pin Assignment
SOT25
IN
EN
ADJ
OUT
(Top View)
5
4
3
2
1
GND
GND
OUT
DFN2020-6
(Top View)
4
ADJ
IN
EN
NC
6
5
3
2
1
Pin Descriptions
Pin Name
Pin Number
Description
SOT25
DFN2020-6
IN
1
3
Voltage input pin. Bypass to ground through at least 0.1µF
capacitor
GND
2
2
Ground
EN
3
1
Enable input, active high
ADJ
4
6
Output feedback pin
NC
5
No connection
OUT
5
4
Voltage output pin. Bypass to ground through 1µF ceramic
capacitor


Similar Part No. - AP133-SNG-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP133-SNG-7 DIODES-AP133-SNG-7 Datasheet
970Kb / 14P
   300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
AP133 Rev. 2
More results

Similar Description - AP133-SNG-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7335_1009 DIODES-AP7335_1009 Datasheet
238Kb / 17P
   300mA, Low Quiescent Current, Fast Transient
DS32259 Rev. 2 - 2
AP7331 DIODES-AP7331 Datasheet
372Kb / 13P
   300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT
DS31914 Rev. 3 - 2
AP7332 DIODES-AP7332 Datasheet
294Kb / 18P
   DUAL 300mA LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT
DS35132 Rev. 1 - 2
AP7331-28WG-7 DIODES-AP7331-28WG-7 Datasheet
372Kb / 13P
   300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
AP7335A DIODES-AP7335A Datasheet
273Kb / 12P
   300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
AP133 DIODES-AP133 Datasheet
970Kb / 14P
   300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
AP133 Rev. 2
AP7333 DIODES-AP7333 Datasheet
358Kb / 12P
   300mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
AP7333 Rev. 2
AP7335 DIODES-AP7335 Datasheet
237Kb / 18P
   300mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
DS32259 Rev. 1 - 2
AP7333 DIODES-AP7333 Datasheet
358Kb / 12P
   300mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
AP7332-1218FM-7 DIODES-AP7332-1218FM-7 Datasheet
298Kb / 18P
   DUAL 300mA LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com