Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP393SG-13 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP393SG-13
Description  LOW POWER LOW OFFSET VOLTAGE DUAL
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP393SG-13 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP393SG-13 Datasheet HTML 6Page - Diodes Incorporated AP393SG-13 Datasheet HTML 7Page - Diodes Incorporated AP393SG-13 Datasheet HTML 8Page - Diodes Incorporated AP393SG-13 Datasheet HTML 9Page - Diodes Incorporated AP393SG-13 Datasheet HTML 10Page - Diodes Incorporated AP393SG-13 Datasheet HTML 11Page - Diodes Incorporated AP393SG-13 Datasheet HTML 12Page - Diodes Incorporated AP393SG-13 Datasheet HTML 13Page - Diodes Incorporated AP393SG-13 Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
AP393
LOW POWER LOW OFFSET VOLTAGE DUAL
COMPARATORS
AP393
Document number: DS31006 Rev. 8 - 2
10 of 15
www.diodes.com
July 2010
© Diodes Incorporated
Electrical Characteristics (Continued)
(VCC = 5V) (Note 5)
Symbol
Parameter
Conditions
Min
Typ.
Max
Unit
VOFFSET
Input Offset Voltage
(Note 10)
-
-
9
mV
IOFFSET
Input Offset Current
IIN(+) -IIN(-), VCM = 0V
-
-
150
nA
IBIAS
Input Bias Current
IIN(+) or IIN(-) with Output In
Linear Range, VCM = 0V
(Note 6)
-
-
400
nA
Input Common Mode Voltage
Range
V
+ =30V (Note 7)
0
-
V
+ -2.0
V
VSAT
Saturation Voltage
VIN(-) = 1V, VIN(+) = 0,
ISINK < 4mA
-
-
700
mV
IO(Leak)
Output Leakage Current
VIN(-) = 0, VIN(+) = 1V,
VO = 30V
-
-
1.0
μA
Differential Input Voltage
Keep All VIN’s > 0V (or V
-, if
Used), (Note 9)
-
-
36
V
Notes:
2. For operating at high temperatures, the AP393 must be derated based on a 125°C maximum junction temperature and a
thermal resistance of 170°C/W which applies for the device soldered in a printed circuit board, operating in a still air
ambient.The low bias dissipation and the “ON-OFF” characteristic of the outputs keeps the chip dissipation very small.
(PD<100mW), provided the output transistors are allowed to saturate
3. Short circuits from the output to V
+ can cause excessive heating and eventual destruction. When considering short circuits to
ground, the maximum output current is approximately 20mA independent of the magnitude of V
+.
4. This input current will only exist when the voltage at any of the input leads is driven negative. It is due to the collector-base
junction of the input PNP transistors becoming forward biased and thereby acting as input diode clamps. In addition to this
diode action, there is also lateral NPN parasitic transistor action on the IC chip. This transistor action can cause the output
voltages of the comparators to go to the V
+ voltage level (or to ground for a large overdrive) for the time duration that an input
is driven negative. This is not destructive and normal output states will re-establish when the input voltage, which is negative,
again returns to a value greater than -0.3V.
5. The AP393 temperature specifications are limited to 0°C < TOP < +70°C.
6. The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant, independent of
the state of the output so no loading change exists on the reference or input lines.
7. The input common-mode voltage or either input signal voltage should not be allowed to go negative by more than 0.3V. The
upper end of the common-mode voltage range is V
+-1.5V at 25°C, but either or both inputs can go to 36V without damage,
independent of the magnitude of V
+.
8. The response time specified is for a 100mV input step with 5mV overdrive. For larger overdrive signals 300ns can be obtained,
see typical performance characteristics section.
9. Positive excursions of input voltage may exceed the power supply level. As long as the other voltage remains within the
common-mode range, the comparator will provide a proper output state. The low input voltage state must not be less than -0.3V
(or 0.3V below the magnitude of the negative power supply, if used).
10. At output switch point, VO ~ 1.4V, RS=0Ω with V
+ from 5V to 30V; and over the full input common-mode range (0V to V+-1.5V),
at 25°C.


Similar Part No. - AP393SG-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP393SG-13 DIODES-AP393SG-13 Datasheet
288Kb / 15P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
AP393 Rev. 3
AP393SG-13 DIODES-AP393SG-13 Datasheet
328Kb / 15P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
More results

Similar Description - AP393SG-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP393A DIODES-AP393A_09 Datasheet
242Kb / 15P
   LOW POWER LOW OFFSET VOLTAGE DUAL
AP393A Rev. 7
logo
Texas Instruments
LM193-N TI1-LM193-N_15 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Power, Low-Offset Voltage, Dual Comparators
logo
List of Unclassifed Man...
AZ393 ETC1-AZ393 Datasheet
238Kb / 9P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
National Semiconductor ...
MNLM193A-X NSC-MNLM193A-X Datasheet
172Kb / 12P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
BCD Semiconductor Manuf...
AZ393 BCDSEMI-AZ393_06 Datasheet
238Kb / 10P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
AiT Semiconductor Inc.
AO393V AITSEMI-AO393V Datasheet
778Kb / 10P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
REV1.0
logo
ARTSCHIP ELECTRONICS CO...
LM193 ARTSCHIP-LM193 Datasheet
489Kb / 15P
   Low Power Low Offset Voltage Dual Comparators
logo
Guangdong Kexin Industr...
KM393N KEXIN-KM393N Datasheet
80Kb / 2P
   Low Power Low Offset Voltage Dual Comparators
logo
Diodes Incorporated
AS393 DIODES-AS393 Datasheet
426Kb / 14P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
September 2018 Rev. 3 - 2
logo
List of Unclassifed Man...
IL393N ETC-IL393N Datasheet
26Kb / 2P
   LOW POWER, LOW OFFSET VOLTAGE DUAL COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com