Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1086TXXL-U Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP1086TXXL-U
Description  1.5A LOW DROPOUT POSITIVE ADJUSTABLE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1086TXXL-U Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP1086TXXL-U Datasheet HTML 2Page - Diodes Incorporated AP1086TXXL-U Datasheet HTML 3Page - Diodes Incorporated AP1086TXXL-U Datasheet HTML 4Page - Diodes Incorporated AP1086TXXL-U Datasheet HTML 5Page - Diodes Incorporated AP1086TXXL-U Datasheet HTML 6Page - Diodes Incorporated AP1086TXXL-U Datasheet HTML 7Page - Diodes Incorporated AP1086TXXL-U Datasheet HTML 8Page - Diodes Incorporated AP1086TXXL-U Datasheet HTML 9Page - Diodes Incorporated AP1086TXXL-U Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
AP1086
1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR
FIXED-MODE REGULATOR
AP1086
Document number: DS31028 Rev. 6 - 2
7 of 10
www.diodes.com
June 2010
© Diodes Incorporated
Marking Information
(1) TO252-3L
86-VV
( Top view )
YY WW X X
Logo
Part Number
1086 for ADJ
86-VV : 15 for 1.5V
18 for 1.8V
25 for 2.5V
33 for 3.3V
50 for 5.0V
L : Lead Free
G : Green
X : Internal Code
WW : Week : 01~52, 52 represents
YY : Year : 01~09
52 and 53 week
(2) TO263-3L
1086-VV
( Top view )
YY WW X X
Logo
Part Number
VV: 15 for 1.5V
18 for 1.8V
25 for 2.5V
33 for 3.3V
50 for 5.0V
Blank for ADJ
X : Internal code
YY : Year : 01~09
WW : Week : 01~52
, 52 represents
52 and 53 week
L : Lead Free
G : Green
(3) TO220-3L
1086-VV
( Top view )
YY WW X X
Logo
Part Number
VV: 15 for 1.5V
18 for 1.8V
25 for 2.5V
33 for 3.3V
50 for 5.0V
Blank for ADJ
X : Internal code
WW : Week : 01~52
, 52 represents
YY : Year : 01~09
52 and 53 week
G : Green
L : Lead Free


Similar Part No. - AP1086TXXL-U

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1086T ANACHIP-AP1086T Datasheet
207Kb / 9P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
AP1086T DIODES-AP1086T Datasheet
168Kb / 8P
   1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1086 Rev. 2
logo
Anachip Corp
AP1086T15 ANACHIP-AP1086T15 Datasheet
207Kb / 9P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AP1086T15A ANACHIP-AP1086T15A Datasheet
207Kb / 9P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
AP1086T15G-13 DIODES-AP1086T15G-13 Datasheet
205Kb / 10P
   1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
More results

Similar Description - AP1086TXXL-U

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GS1086 VISHAY-GS1086 Datasheet
81Kb / 6P
   1.5A Low Dropout Positive Adjustable Regulator
12-Mar-02
logo
Analog Intergrations Co...
AIC1086 AIC-AIC1086 Datasheet
109Kb / 7P
   1.5A Low Dropout Positive Adjustable Regulator
logo
International Rectifier
IRU1015 IRF-IRU1015 Datasheet
104Kb / 8P
   1.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
First Components Intern...
FC1286 FCI-FC1286 Datasheet
316Kb / 4P
   1.5A Ultra Low Dropout Positive Adjustable Regulator
logo
Linear Technology
RH1086M LINER-RH1086M_1 Datasheet
89Kb / 6P
   0.5A and 1.5A Low Dropout Positive Adjustable Regulators
RH1086M LINER-RH1086M_15 Datasheet
94Kb / 6P
   0.5A and 1.5A Low Dropout Positive Adjustable Regulators
RH1086M LINER-RH1086M Datasheet
164Kb / 4P
   0.5A and 1.5A Low Dropout Positive Adjustable Regulators
logo
Richtek Technology Corp...
RT9176 RICHTEK-RT9176 Datasheet
241Kb / 13P
   1.5A Fixed and Adjustable Low Dropout Positive Voltage Regulators
logo
Diodes Incorporated
AP1086 DIODES-AP1086 Datasheet
168Kb / 8P
   1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1086 Rev. 2
AP1086D33G-13 DIODES-AP1086D33G-13 Datasheet
205Kb / 10P
   1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com