Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1122EG-13 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP1122EG-13
Description  1A LOW DROPOUT POSITIVE REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1122EG-13 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP1122EG-13 Datasheet HTML 2Page - Diodes Incorporated AP1122EG-13 Datasheet HTML 3Page - Diodes Incorporated AP1122EG-13 Datasheet HTML 4Page - Diodes Incorporated AP1122EG-13 Datasheet HTML 5Page - Diodes Incorporated AP1122EG-13 Datasheet HTML 6Page - Diodes Incorporated AP1122EG-13 Datasheet HTML 7Page - Diodes Incorporated AP1122EG-13 Datasheet HTML 8Page - Diodes Incorporated AP1122EG-13 Datasheet HTML 9Page - Diodes Incorporated AP1122EG-13 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
AP1122
1A LOW DROPOUT POSITIVE REGULATOR
AP1122
Document number: DS31012 Rev. 9 - 2
6 of 11
www.diodes.com
May 2010
© Diodes Incorporated
Marking Information
(1) SOT223-3L
Y W X
1 1 2 2
Logo
( Top View )
X : Internal code
a~z : Lead Free
A~Z : Green
Y : Year : 0~9
W : Week : A~Z : 1~26 week;
a~z : 27~52 week;
z repersents 52 and 53 week
Part Number
(2) TO252-3L
1 1 2 2
X : Internal Code
WW : Week : 01~52, 52 represents
YY : Year : 01~09
( Top View )
YY WW X X
Logo
L : Lead Free
G : Green
52 and 53 week
Part Number
(3) SOT89-3L
1
3
2
X X
Y W
XX : Identification code
( Top View )
X
Y : Year : 0~9
W : Week : A~Z : 1~26 week;
X : Internal code
a~z : 27~52 week;
z represents 52 and 53 week
a~z : Lead Free
A~Z : Green
Part Number
Package
Identification Code
AP1122
SOT89-3L
JB


Similar Part No. - AP1122EG-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1122EG-13 DIODES-AP1122EG-13 Datasheet
192Kb / 9P
   1A LOW DROPOUT POSITIVE REGULATOR
AP1122 Rev. 2
More results

Similar Description - AP1122EG-13

ManufacturerPart #DatasheetDescription
logo
ADDtek Corp
AMC1117 ADDTEK-AMC1117 Datasheet
192Kb / 9P
   1A LOW DROPOUT POSITIVE REGULATOR
JULY 2006
logo
IK Semicon Co., Ltd
IL78RXX IKSEMICON-IL78RXX Datasheet
309Kb / 17P
   1A LOW DROPOUT POSITIVE REGULATOR
logo
GTM CORPORATION
GE1117A50 GTM-GE1117A50 Datasheet
235Kb / 4P
   1A LOW DROPOUT POSITIVE REGULATOR
GE1147-50 GTM-GE1147-50 Datasheet
234Kb / 4P
   1A LOW DROPOUT POSITIVE REGULATOR
logo
Diodes Incorporated
AP1122 DIODES-AP1122 Datasheet
192Kb / 9P
   1A LOW DROPOUT POSITIVE REGULATOR
AP1122 Rev. 2
logo
Anachip Corp
AP1122 ANACHIP-AP1122 Datasheet
191Kb / 10P
   1A Low Dropout Positive Regulator
logo
List of Unclassifed Man...
AMC1117 ETC-AMC1117 Datasheet
240Kb / 9P
   1A Low Dropout Positive Regulator
logo
Analog Intergrations Co...
AIC1117A AIC-AIC1117A_15 Datasheet
220Kb / 11P
   1A Low Dropout Positive Regulator
logo
Silicon Standard Corp.
SS6117AG SSC-SS6117AG Datasheet
230Kb / 7P
   1A Low-Dropout Positive Regulator
logo
Seaward Electronics Inc...
SE1122 SEAWARD-SE1122_14 Datasheet
256Kb / 5P
   1A Low Dropout Positive Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com