Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1117YXXL-13 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP1117YXXL-13
Description  1A LOW DROPOUT POSITIVE ADJUSTABLE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1117YXXL-13 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP1117YXXL-13 Datasheet HTML 1Page - Diodes Incorporated AP1117YXXL-13 Datasheet HTML 2Page - Diodes Incorporated AP1117YXXL-13 Datasheet HTML 3Page - Diodes Incorporated AP1117YXXL-13 Datasheet HTML 4Page - Diodes Incorporated AP1117YXXL-13 Datasheet HTML 5Page - Diodes Incorporated AP1117YXXL-13 Datasheet HTML 6Page - Diodes Incorporated AP1117YXXL-13 Datasheet HTML 7Page - Diodes Incorporated AP1117YXXL-13 Datasheet HTML 8Page - Diodes Incorporated AP1117YXXL-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AP1117
1A LOW DROPOUT POSITIVE ADJUSTABLE OR
FIXED-MODE REGULATOR
AP1117 Rev. 19
4 of 12
JANUARY 2010
DS31009
www.diodes.com
© Diodes Incorporated
Block Diagram
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VIN
DC Supply Voltage
-0.3 to 18
V
TMJ
Maximum Junction Temperature
150
oC
PD
Power Dissipation
SOT89-3L
SOT223-3L
TO220-3L
TO252-3L
TO263-3L
Internally limited by maximum
junction temperature
of 150 oC (Note 3)
mW
TST
Storage Temperature
-65 to +150
oC
Notes:
3. AP1117 contains an internal thermal limiting circuit that is designed to protect the regulator in the event that the maximum junction
temperature exceeded. When activated, typically at 150
°C, the regulator output switches off and then back on as the die cools.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
TOP
Operating Junction Temperature Range
0
125
oC
3
Thermal
Shutdown
1
2
VOUT
Adj
1.25V
+
+
CURRENT
LIMIT
VIN
+
+
1
GND
(FIXED)


Similar Part No. - AP1117YXXL-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1117YXXL-13 DIODES-AP1117YXXL-13 Datasheet
303Kb / 13P
   1A DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
More results

Similar Description - AP1117YXXL-13

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1010CDTR IRF-IRU1010CDTR Datasheet
75Kb / 10P
   1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
UNISEM
US1010 UNISEM-US1010 Datasheet
38Kb / 5P
   1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Analog Intergrations Co...
AIC1117A AIC-AIC1117A Datasheet
136Kb / 8P
   1A Low Dropout Positive Adjustable Regulator
logo
International Rectifier
IRU1010 IRF-IRU1010 Datasheet
95Kb / 6P
   1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Anachip Corp
AP1187 ANACHIP-AP1187 Datasheet
178Kb / 6P
   1A Ultra Low Dropout Positive Adjustable Regulator
logo
Aimtron Technology
AT1117 AIMTRON-AT1117 Datasheet
268Kb / 10P
   1A Low Dropout Fast Response Positive Adjustable Regulator
logo
UNISEM
US1206 UNISEM-US1206 Datasheet
39Kb / 7P
   1A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE & FIXED REGULATOR
logo
List of Unclassifed Man...
RT9164 ETC-RT9164 Datasheet
266Kb / 12P
   1A FIXED AND ADJUSTABLE LOW DROPOUT POSITIVE VOLTAGE REGULATORS
logo
Zhaoxingwei Electronics...
LY6117 ZHAOXINGWEI-LY6117 Datasheet
111Kb / 2P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Tiger Electronic Co.,Lt...
LMT1117 TGS-LMT1117 Datasheet
306Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com