Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1506-XXK5L-13 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AP1506-XXK5L-13
Description  150KHz, 3A PWM BUCK DC/DC CONVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1506-XXK5L-13 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP1506-XXK5L-13 Datasheet HTML 6Page - Diodes Incorporated AP1506-XXK5L-13 Datasheet HTML 7Page - Diodes Incorporated AP1506-XXK5L-13 Datasheet HTML 8Page - Diodes Incorporated AP1506-XXK5L-13 Datasheet HTML 9Page - Diodes Incorporated AP1506-XXK5L-13 Datasheet HTML 10Page - Diodes Incorporated AP1506-XXK5L-13 Datasheet HTML 11Page - Diodes Incorporated AP1506-XXK5L-13 Datasheet HTML 12Page - Diodes Incorporated AP1506-XXK5L-13 Datasheet HTML 13Page - Diodes Incorporated AP1506-XXK5L-13 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
AP1506
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1506
Document number: DS31015 Rev. 7 - 2
11 of 14
www.diodes.com
June 2010
© Diodes Incorporated
Ordering Information
Package
K5 : TO263-5L
Output version
AP1506 - XX XXX X - X
Packing
U : Tube
13 : Tape & Reel
Blank : Adjustable
33
: 3.3V
50
: 5.0V
12
: 12V
Lead Free
L : Lead Free
T5 : TO220-5L
T5R : TO220-5L(R)
G : Green
Device
Package
Code
Packaging
(Note 4)
Tube/Bulk
13” Tape and Reel
Quantity
Part Number
Suffix
Quantity
Part Number
Suffix
AP1506-XXK5L-13
K5
TO263-5L
NA
NA
800/Tape & Reel
-13
AP1506-XXK5G-13
K5
TO263-5L
NA
NA
800/Tape & Reel
-13
AP1506-XXT5L-U
T5
TO220-5L
50
-U
NA
NA
AP1506-XXT5G-U
T5
TO220-5L
50
-U
NA
NA
AP1506-XXT5RL-U
T5R
TO220-5L(R)
50
-U
NA
NA
AP1506-XXT5RG-U
T5R
TO220-5L(R)
50
-U
NA
NA
Notes:
4. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.


Similar Part No. - AP1506-XXK5L-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1506-XXK5 DIODES-AP1506-XXK5 Datasheet
230Kb / 13P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1506 Rev. 2
More results

Similar Description - AP1506-XXK5L-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
logo
Anachip Corp
AP1501 ANACHIP-AP1501_1 Datasheet
217Kb / 12P
   150Khz, 3A PWM Buck DC/DC Converter
AP1507 ANACHIP-AP1507 Datasheet
169Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
First Silicon Co., Ltd
FAC1507 FS-FAC1507 Datasheet
916Kb / 15P
   3A 150KHZ PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1501 TECHCODE-TD1501 Datasheet
1Mb / 18P
   3A 150KHz PWM Buck DC/DC Converter
December, 20, 2005.
logo
E-CMOS Corporation
EC9301A E-CMOS-EC9301A Datasheet
1Mb / 16P
   3A 150KHz PWM Buck DC/DC Converter
logo
Orister Corporation
RS2596 ORISTER-RS2596_09 Datasheet
756Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
FOSLINK SEMICONDUCTOR C...
FSP3122 FOSLINK-FSP3122 Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com