Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1530 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP1530
Description  18V 3A 300KHz BUCK CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1530 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP1530 Datasheet HTML 3Page - Diodes Incorporated AP1530 Datasheet HTML 4Page - Diodes Incorporated AP1530 Datasheet HTML 5Page - Diodes Incorporated AP1530 Datasheet HTML 6Page - Diodes Incorporated AP1530 Datasheet HTML 7Page - Diodes Incorporated AP1530 Datasheet HTML 8Page - Diodes Incorporated AP1530 Datasheet HTML 9Page - Diodes Incorporated AP1530 Datasheet HTML 10Page - Diodes Incorporated AP1530 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AP1530
18V 3A 300KHz BUCK CONVERTER
AP1530 Rev. 7
7 of 12
NOVEMBER 2009
DS31092
www.diodes.com
© Diodes Incorporated
Typical Performance Characteristics
(Continued)
AP1530 Vout Ripple
(Vin= 12V; Vout= 3.3V; Iout= 0.1A)
AP1530 Vout Ripple
(Vin= 12V; Vout= 3.3V; Iout= 3A)
Test Circuit
A
FB
V
CC
V
SS
EN
open
open
FB
EN
+
-
OUTPUT
OUTPUT
A
FB
EN
+
-
+
-
V
OUTPUT
OCSET
OCSET
OCSET
Enable function test
Feedback function test
Operation function test
V
CC
V
CC
V
SS
V
SS


Similar Part No. - AP1530

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1530 DIODES-AP1530 Datasheet
230Kb / 8P
   PWM CONTROL 3A STEP-DOWN CONVERTER
AP1530 Rev. 1
AP1530S DIODES-AP1530S Datasheet
230Kb / 8P
   PWM CONTROL 3A STEP-DOWN CONVERTER
AP1530 Rev. 1
AP1530SG-13 DIODES-AP1530SG-13 Datasheet
259Kb / 12P
   18V 3A 300KHz BUCK CONVERTER
AP1530SL-13 DIODES-AP1530SL-13 Datasheet
230Kb / 8P
   PWM CONTROL 3A STEP-DOWN CONVERTER
AP1530 Rev. 1
AP1530SL-13 DIODES-AP1530SL-13 Datasheet
259Kb / 12P
   18V 3A 300KHz BUCK CONVERTER
More results

Similar Description - AP1530

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1538 DIODES-AP1538 Datasheet
289Kb / 14P
   18V 3A 300KHz BUCK CONVERTER
AP1538 Rev. 2
AP1538 DIODES-AP1538_09 Datasheet
312Kb / 13P
   18V 3A 300KHz BUCK CONVERTER
AP1538 Rev. 5
AP1530SG-13 DIODES-AP1530SG-13 Datasheet
259Kb / 12P
   18V 3A 300KHz BUCK CONVERTER
AP1539_0910 DIODES-AP1539_0910 Datasheet
306Kb / 13P
   18V 4A 300KHz BUCK CONVERTER
AP1539 Rev. 4
logo
Global Mixed-mode Techn...
G5503 GMT-G5503 Datasheet
160Kb / 1P
   300KHz, 3A Buck Converter
logo
Diodes Incorporated
AP1539 DIODES-AP1539 Datasheet
239Kb / 12P
   18V 4A 300KHz BUCK CONVERTER
AP1539 Rev. 2
logo
Anachip Corp
AP1518 ANACHIP-AP1518 Datasheet
193Kb / 12P
   300KHz, 3A PWM Buck DC/DC Converter
logo
Sanken electric
NR120E SANKEN-NR120E Datasheet
759Kb / 13P
   3A, 18V, Buck Regulator
logo
Rohm
BD86123AEFJ ROHM-BD86123AEFJ Datasheet
452Kb / 20P
   4.5V to 18V, 3A 1ch Synchronous Buck Converter
BD95835EFJ ROHM-BD95835EFJ Datasheet
585Kb / 23P
   4.5V to 18V, 3A 1ch Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com