Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1601 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP1601
Description  STEP-UP DC/DC CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1601 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP1601 Datasheet HTML 4Page - Diodes Incorporated AP1601 Datasheet HTML 5Page - Diodes Incorporated AP1601 Datasheet HTML 6Page - Diodes Incorporated AP1601 Datasheet HTML 7Page - Diodes Incorporated AP1601 Datasheet HTML 8Page - Diodes Incorporated AP1601 Datasheet HTML 9Page - Diodes Incorporated AP1601 Datasheet HTML 10Page - Diodes Incorporated AP1601 Datasheet HTML 11Page - Diodes Incorporated AP1601 Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AP1601
STEP-UP DC/DC CONVERTER
AP1601 Rev. 5
8 of 12
SEPTEMBER 2009
www.diodes.com
© Diodes Incorporated
Typical Performance Characteristics
(Continued)
EFFICIENCY vs. LOAD CURRENT
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
LOAD CURRENT (mA)
VIN=1.2V
VIN=2.4V
SHUTDOWN CURRENT
v.s. SUPPLY VOLTAGE
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
123
4
SUPPLY VOLTAGE (V)
SHUTDOWN THRESHOLD VOLTAGE
v.s. SUPPLY VOLTAGE
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
11.522.5
33.54
SUPPLY VOLTAGE (V)


Similar Part No. - AP1601

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1601 ANACHIP-AP1601 Datasheet
207Kb / 9P
   Step-Up DC/DC Converter
logo
Asahi Kasei Microsystem...
AP1601 AKM-AP1601 Datasheet
919Kb / 22P
   LED light control IC, dimmer compatible
logo
Anachip Corp
AP1601M10 ANACHIP-AP1601M10 Datasheet
207Kb / 9P
   Step-Up DC/DC Converter
AP1601M10A ANACHIP-AP1601M10A Datasheet
207Kb / 9P
   Step-Up DC/DC Converter
AP1601M10L ANACHIP-AP1601M10L Datasheet
207Kb / 9P
   Step-Up DC/DC Converter
More results

Similar Description - AP1601

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC8383 UTC-UC8383_15 Datasheet
444Kb / 9P
   STEP-UP DC/DC CONVERTER
logo
Diodes Incorporated
AP1603 DIODES-AP1603 Datasheet
159Kb / 8P
   STEP-UP DC/DC CONVERTER
AP1603 Rev. 1
logo
Anachip Corp
AP1602 ANACHIP-AP1602 Datasheet
164Kb / 7P
   Step-Up DC/DC Converter
AP1522 ANACHIP-AP1522 Datasheet
166Kb / 8P
   Step-Up DC/DC Converter
logo
Micon Design Technology...
MDT7727 MDTIC-MDT7727 Datasheet
107Kb / 4P
   Step-up DC/DC Converter
logo
SiGe Semiconductor, Inc...
AATIAN36 SIGE-AATIAN36 Datasheet
231Kb / 7P
   Step-Up DC/DC Converter
logo
Diodes Incorporated
AP1603 DIODES-AP1603_V01 Datasheet
278Kb / 8P
   STEP-UP DC-DC CONVERTER
Rev. 4 - 2 February 2014
AP1522 DIODES-AP1522 Datasheet
323Kb / 10P
   STEP-UP DC/DC CONVERTER
December 2017 Rev. 4 - 4
logo
Micon Design Technology...
MDT7733 MDTIC-MDT7733 Datasheet
63Kb / 3P
   Step-up DC/DC Converter
logo
Kingbor Technology Co
KB2301 KINGBOR-KB2301 Datasheet
137Kb / 10P
   Step-Up DC-DC Converter
logo
Anachip Corp
AP1601 ANACHIP-AP1601 Datasheet
207Kb / 9P
   Step-Up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com