Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP5002 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP5002
Description  PWM CONTROL 2A STEP-DOWN CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP5002 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP5002_09 Datasheet HTML 2Page - Diodes Incorporated AP5002_09 Datasheet HTML 3Page - Diodes Incorporated AP5002_09 Datasheet HTML 4Page - Diodes Incorporated AP5002_09 Datasheet HTML 5Page - Diodes Incorporated AP5002_09 Datasheet HTML 6Page - Diodes Incorporated AP5002_09 Datasheet HTML 7Page - Diodes Incorporated AP5002_09 Datasheet HTML 8Page - Diodes Incorporated AP5002_09 Datasheet HTML 9Page - Diodes Incorporated AP5002_09 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
AP5002
PWM CONTROL 2A STEP-DOWN CONVERTER
AP5002 Rev. 8
6 of 10
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Typical Performance Characteristics
AP5002 Vin vs. Frequency
(Vout=3.3V; Iout=0.2A)
510
520
530
540
550
560
570
0
5
10
15
20
25
Vin(V)
AP5002 Temperature vs. Frequency
(Vout=3.3V; Iout=0.2A)
485
500
515
530
545
560
575
-20
0
20
40
60
80
100
120
Temperature(
℃)
AP5002 Vin vs. FB
(Vout=3.3V; Iout=0.2A)
0.8
0.802
0.804
0.806
0.808
0
5
10
15
20
25
Vin(V)
AP5002 Temperature vs. FB
(Vout=3.3V; Iout=0.2A)
0.78
0.79
0.8
0.81
0.82
-2030
80130
Temperature(℃)
AP5002 Efficiency
0
10
20
30
40
50
60
70
80
90
100
0
0.5
1
1.5
2
Iout(A)
Vout=5V
Vout=3.3V


Similar Part No. - AP5002_09

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP5002SG-13 DIODES-AP5002SG-13 Datasheet
250Kb / 10P
   PWM CONTROL 2A STEP-DOWN CONVERTER
AP5002 Rev. 6
AP5002SG-U DIODES-AP5002SG-U Datasheet
250Kb / 10P
   PWM CONTROL 2A STEP-DOWN CONVERTER
AP5002 Rev. 6
More results

Similar Description - AP5002_09

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1513 DIODES-AP1513 Datasheet
176Kb / 8P
   PWM CONTROL 2A STEP-DOWN CONVERTER
AP1513 Rev. 1
logo
FOSLINK SEMICONDUCTOR C...
FSP3130 FOSLINK-FSP3130 Datasheet
228Kb / 7P
   PWM CONTROL 2A STEP-DOWN CONVERTER
logo
Diodes Incorporated
AP1513 DIODES-AP1513_17 Datasheet
495Kb / 9P
   PWM CONTROL 2A STEP-DOWN CONVERTER
logo
SI-CORE CORP.
CX4060 SICORE-CX4060 Datasheet
416Kb / 9P
   PWM Control 2A Step-Down Converter
Rev. 1.02
logo
FOSLINK SEMICONDUCTOR C...
FSP3133 FOSLINK-FSP3133 Datasheet
219Kb / 7P
   PWM CONTROL 2A STEP-DOWN CONVERTER
logo
Diodes Incorporated
AP1520 DIODES-AP1520 Datasheet
259Kb / 8P
   PWM CONTROL 2A STEP-DOWN CONVERTER
AP1520 Rev. 1
logo
Anachip Corp
AP1513 ANACHIP-AP1513 Datasheet
185Kb / 7P
   PWM Control 2A Step-Down Converter
AP1520 ANACHIP-AP1520 Datasheet
197Kb / 7P
   PWM Control 2A Step-Down Converter
logo
Diodes Incorporated
AP1534 DIODES-AP1534 Datasheet
170Kb / 8P
   PWM CONTROL 2A STEP-DOWN CONVERTER
AP1534 Rev. 2
AP5002 DIODES-AP5002 Datasheet
250Kb / 10P
   PWM CONTROL 2A STEP-DOWN CONVERTER
AP5002 Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com