Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP6714 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP6714
Description  1.8MHz SYNCHRONOUS BOOST CONVERTER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP6714 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP6714 Datasheet HTML 1Page - Diodes Incorporated AP6714 Datasheet HTML 2Page - Diodes Incorporated AP6714 Datasheet HTML 3Page - Diodes Incorporated AP6714 Datasheet HTML 4Page - Diodes Incorporated AP6714 Datasheet HTML 5Page - Diodes Incorporated AP6714 Datasheet HTML 6Page - Diodes Incorporated AP6714 Datasheet HTML 7Page - Diodes Incorporated AP6714 Datasheet HTML 8Page - Diodes Incorporated AP6714 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
AP6714
1.8MHz SYNCHRONOUS BOOST CONVERTER
AP6714 Rev. 4
3 of 15
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Block Diagram
EN
FB
By Pass
Error
Amplifier
-
+
-
+
SGND
BANDGAP
Vref=1.23V
Soft - Start
Thermal - shutdown
Bias
Oscillator
Ramp
PWM
Comparator
Smith - Trigger
PWM
Control
&
Anti -
Through
Logic
LX
PGND
OCP
Current - Limit
+
-
0.16V
OCP
Comparator
ZCR
Comparator
+
-
Power - Good
CC
VCC
OUT
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
ESD HBM
Human Body Model ESD Protection
3
KV
ESD MM
Machine Model ESD Protection
250
V
OUT, VCC, EN, FB, OCP to GND
-0.3 to +6.5
V
LX to GND
-0.3 to (OUT + 0.3)
V
ILX
LX Current
1.6
A
REF, CC to GND
-0.3 to (VCC + 0.3)
V
PD
Continuous Power Dissipation (TA = +25
oC)
850
mW
TJ
Operating Junction Temperature Range
-40 to +125
oC
TST
Storage Temperature Range
-65 to +150
oC
Recommend Operating Conditions
Symbol
Parameter
Rating
Unit
TA
Operating Ambient Temperature Range
-40 to +85
oC
VIN
Supply Voltage at VIN (Note 3)
0.9 to 5.5
V
VOUT
Output Voltage
1.8 to 5.5
V
Notes:
3. The AP6714 is powered by step-up output. An internal low-voltage startup oscillator drives the starting at approximately 0.9V and the main
control will take over as soon as output is reached. AP6714 operation could be kept in low input voltage and output current is just limited.


Similar Part No. - AP6714

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP6714 DIODES-AP6714 Datasheet
249Kb / 11P
   1.8MHz SYNCHRONOUS BOOST CONVERTER
Rev. 5 - 2 April 2011
AP6714M10G-13 DIODES-AP6714M10G-13 Datasheet
249Kb / 11P
   1.8MHz SYNCHRONOUS BOOST CONVERTER
Rev. 5 - 2 April 2011
AP6714 DIODES-AP6714_V01 Datasheet
249Kb / 11P
   1.8MHz SYNCHRONOUS BOOST CONVERTER
Rev. 5 - 2 April 2011
More results

Similar Description - AP6714

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP6714 DIODES-AP6714_V01 Datasheet
249Kb / 11P
   1.8MHz SYNCHRONOUS BOOST CONVERTER
Rev. 5 - 2 April 2011
logo
Texas Instruments
LM3561 TI1-LM3561_13 Datasheet
3Mb / 37P
[Old version datasheet]   Synchronous Boost Converter
LM3554 TI1-LM3554_16 Datasheet
4Mb / 47P
[Old version datasheet]   Synchronous Boost Converter
LM3555 TI1-LM3555 Datasheet
1Mb / 38P
[Old version datasheet]   Synchronous Boost Converter
logo
Analog Microelectronics
AME5177 AME-AME5177 Datasheet
485Kb / 14P
   Synchronous Boost Converter
AME5176 AME-AME5176 Datasheet
481Kb / 15P
   Synchronous Boost Converter
logo
Shenzhen Huazhimei Semi...
HM5178 HMSEMI-HM5178 Datasheet
631Kb / 9P
   SYNCHRONOUS BOOST CONVERTER
logo
Texas Instruments
TPS61071-Q1 TI1-TPS61071-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   Efficient Synchronous Boost Converter
UCC2941-3 TI1-UCC2941-3_11 Datasheet
296Kb / 20P
[Old version datasheet]   1V SYNCHRONOUS BOOST CONVERTER
logo
TECHCODE SEMICONDUCTOR,...
TD8588 TECHCODE-TD8588 Datasheet
601Kb / 13P
   1.2MHz Synchronous Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com