Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP6714 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP6714
Description  1.8MHz SYNCHRONOUS BOOST CONVERTER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP6714 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP6714 Datasheet HTML 1Page - Diodes Incorporated AP6714 Datasheet HTML 2Page - Diodes Incorporated AP6714 Datasheet HTML 3Page - Diodes Incorporated AP6714 Datasheet HTML 4Page - Diodes Incorporated AP6714 Datasheet HTML 5Page - Diodes Incorporated AP6714 Datasheet HTML 6Page - Diodes Incorporated AP6714 Datasheet HTML 7Page - Diodes Incorporated AP6714 Datasheet HTML 8Page - Diodes Incorporated AP6714 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
AP6714
1.8MHz SYNCHRONOUS BOOST CONVERTER
AP6714 Rev. 4
4 of 15
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Electrical Characteristics
(VCC = 3.6V, TA = 25
oC, unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ.
Max
Unit
GENERAL
ISTB
Standby Current
VCC =3.6V ,VEN=0V
-
0.5
1
µA
ICC
Supply Current
VCC =EN = 3.6V, FB = 1.5V
-
150
300
µA
REFERENCE
VREF
Reference Output Voltage
1.205
1.23
1.255
V
ΔV
REF/ΔT Tempco of Reference
-40
oC
≤T≤125 oC
30
50
ppm/
oC
VREF(LOAD) Reference Load Regulation
10mA < ILOAD < 200mA
-
4.5
10
mV
VREF(LINE) Reference Line Regulation
2.8 < VCC < 5.5V
-
1.3
5
mV
OSCILLATOR
FOSC
OSC Frequency
1400
1800
2200
KHz
STEP-UP DC-TO-DC
ΔV
OUT/ΔT Tempco of Output Voltage
IOUT=10mA, -40
oC
≤T≤85 oC
50
100
ppm/
oC
FB Input Leakage Current
FB = 1.25V
-100
0.01
+100
nA
Duty
Step-Up Maximum Duty Cycle FB = 0V
80
85
90
%
IOUT
OUT Leakage Current
VLX = 0V, OUT = 5V
-
1
5
µA
ILXL
LX Leakage Current
VLX = OUT = 5V
-
2
5
µA
RDS(ON)
Switch On-Resistance
N channel, Vcc= 5V
-
200
-
m
P channel, Vcc= 5V
-
300
-
ILM
N-Channel Current Limit
VIN=1.5V (Note 4)
1.2
1.4
1.6
A
THERMAL-SHUTDOWN PROTECTION
Thermal Shutdown
-
150
-
oC
Thermal Hysteresis
-
40
-
oC
LOGIC INPUTS
EN Input Low Level
1.5V < VCC < 5.5V
-
-
0.4
V
EN Input High Level
1.5V < VCC < 5.5V
0.8
-
-
V
OVER CURRENT PROTECTION
VOCP
Over Current Protection
Voltage
ROCP=0.1Ω
-
0.16
-
V
THERMAL RESISTANCE
θ
JA
Thermal Resistance
Junction-to-Ambient
MSOP-10L (Note 5)
161
oC/W
θ
JC
Thermal Resistance
Junction-to-Case
MSOP-10L (Note 5)
43
oC/W
Notes:
4. The step-up current limit in startup refers to the LX switch current limit, not the output current limit.
5. Test condition for MSOP-10L: Device mounted on 2oz copper, minimum recommended pad layout on top & bottom layer with thermal vias,
double sided FR-4 PCB.


Similar Part No. - AP6714

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP6714 DIODES-AP6714 Datasheet
249Kb / 11P
   1.8MHz SYNCHRONOUS BOOST CONVERTER
Rev. 5 - 2 April 2011
AP6714M10G-13 DIODES-AP6714M10G-13 Datasheet
249Kb / 11P
   1.8MHz SYNCHRONOUS BOOST CONVERTER
Rev. 5 - 2 April 2011
AP6714 DIODES-AP6714_V01 Datasheet
249Kb / 11P
   1.8MHz SYNCHRONOUS BOOST CONVERTER
Rev. 5 - 2 April 2011
More results

Similar Description - AP6714

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP6714 DIODES-AP6714_V01 Datasheet
249Kb / 11P
   1.8MHz SYNCHRONOUS BOOST CONVERTER
Rev. 5 - 2 April 2011
logo
Texas Instruments
LM3561 TI1-LM3561_13 Datasheet
3Mb / 37P
[Old version datasheet]   Synchronous Boost Converter
LM3554 TI1-LM3554_16 Datasheet
4Mb / 47P
[Old version datasheet]   Synchronous Boost Converter
LM3555 TI1-LM3555 Datasheet
1Mb / 38P
[Old version datasheet]   Synchronous Boost Converter
logo
Analog Microelectronics
AME5177 AME-AME5177 Datasheet
485Kb / 14P
   Synchronous Boost Converter
AME5176 AME-AME5176 Datasheet
481Kb / 15P
   Synchronous Boost Converter
logo
Shenzhen Huazhimei Semi...
HM5178 HMSEMI-HM5178 Datasheet
631Kb / 9P
   SYNCHRONOUS BOOST CONVERTER
logo
Texas Instruments
TPS61071-Q1 TI1-TPS61071-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   Efficient Synchronous Boost Converter
UCC2941-3 TI1-UCC2941-3_11 Datasheet
296Kb / 20P
[Old version datasheet]   1V SYNCHRONOUS BOOST CONVERTER
logo
TECHCODE SEMICONDUCTOR,...
TD8588 TECHCODE-TD8588 Datasheet
601Kb / 13P
   1.2MHz Synchronous Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com