Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP6015-XXM10G-13 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP6015-XXM10G-13
Description  High Efficiency Step-Down Low Power DC-DC Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP6015-XXM10G-13 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP6015-XXM10G-13 Datasheet HTML 4Page - Diodes Incorporated AP6015-XXM10G-13 Datasheet HTML 5Page - Diodes Incorporated AP6015-XXM10G-13 Datasheet HTML 6Page - Diodes Incorporated AP6015-XXM10G-13 Datasheet HTML 7Page - Diodes Incorporated AP6015-XXM10G-13 Datasheet HTML 8Page - Diodes Incorporated AP6015-XXM10G-13 Datasheet HTML 9Page - Diodes Incorporated AP6015-XXM10G-13 Datasheet HTML 10Page - Diodes Incorporated AP6015-XXM10G-13 Datasheet HTML 11Page - Diodes Incorporated AP6015-XXM10G-13 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
AP6015
High Efficiency Step-Down Low Power DC-DC Converter
AP6015 Rev. 3
8 of 18
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Line Regulation
(Vout=2.5V Iout=10m A)
2.45
2.46
2.47
2.48
2.49
2.5
2.51
2.52
2.53
2.54
2.55
3.0V
3.6
4
4.5
5
5.5
Input Voltage (V)
Figure 5
Load Regulation
(Vcc=5.0V Vout=2.5V)
2.45
2.46
2.47
2.48
2.49
2.5
2.51
2.52
2.53
2.54
2.55
10
100
200
400
600
800
Output Current (m A)
Figure 6
Frequency vs. Tem perature
(Vcc=3.6V Vout=2.5V)
750
800
850
900
950
1000
1050
-40
-25
0
25
50
85
Temperature (
℃)
Figure 7
UVLO vs. Tem perature
1.4
1.48
1.56
1.64
1.72
1.8
-40
-25
0
25
50
85
Tem perature (
℃)
Figure 8
Typical Operating Characteristics
(Continued)


Similar Part No. - AP6015-XXM10G-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP6015-18M10G-13 DIODES-AP6015-18M10G-13 Datasheet
430Kb / 18P
   High Efficiency Step-Down Low Power DC-DC Converter
AP6015 Rev. 2
AP6015-25M10G-13 DIODES-AP6015-25M10G-13 Datasheet
430Kb / 18P
   High Efficiency Step-Down Low Power DC-DC Converter
AP6015 Rev. 2
AP6015-33M10G-13 DIODES-AP6015-33M10G-13 Datasheet
430Kb / 18P
   High Efficiency Step-Down Low Power DC-DC Converter
AP6015 Rev. 2
AP6015-M10G-13 DIODES-AP6015-M10G-13 Datasheet
430Kb / 18P
   High Efficiency Step-Down Low Power DC-DC Converter
AP6015 Rev. 2
More results

Similar Description - AP6015-XXM10G-13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62000-Q1 TI1-TPS62000-Q1 Datasheet
375Kb / 23P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
logo
Diodes Incorporated
AP6015 DIODES-AP6015 Datasheet
430Kb / 18P
   High Efficiency Step-Down Low Power DC-DC Converter
AP6015 Rev. 2
logo
Texas Instruments
TPS62000-HT TI-TPS62000-HT Datasheet
535Kb / 22P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
TPS62007 TI-TPS62007 Datasheet
471Kb / 25P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
TPS62000-Q1 TI1-TPS62000-Q1_16 Datasheet
953Kb / 26P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
TPS62000 TI1-TPS62000_16 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6200x High-Efficiency Step-Down Low Power DC-DC Converter
TPS62000 TI-TPS62000_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6200x High-Efficiency Step-Down Low Power DC-DC Converter
logo
Semtech Corporation
SC1578 SEMTECH-SC1578 Datasheet
130Kb / 5P
   HIGH-EFFICIENCY STEP-DOWN DC-DC CONVERTER
logo
Fairchild Semiconductor
FAN5307 FAIRCHILD-FAN5307 Datasheet
623Kb / 13P
   High-Efficiency Step-Down DC-DC Converter
logo
Analog Intergrations Co...
AIC1578 AIC-AIC1578 Datasheet
266Kb / 7P
   High-Efficiency, Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com