Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP7173 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP7173
Description  1.5A LOW DROPOUT LINEAR REGULATOR WITH
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7173 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP7173_09 Datasheet HTML 1Page - Diodes Incorporated AP7173_09 Datasheet HTML 2Page - Diodes Incorporated AP7173_09 Datasheet HTML 3Page - Diodes Incorporated AP7173_09 Datasheet HTML 4Page - Diodes Incorporated AP7173_09 Datasheet HTML 5Page - Diodes Incorporated AP7173_09 Datasheet HTML 6Page - Diodes Incorporated AP7173_09 Datasheet HTML 7Page - Diodes Incorporated AP7173_09 Datasheet HTML 8Page - Diodes Incorporated AP7173_09 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AP7173
1.5A LOW DROPOUT LINEAR REGULATOR WITH
PROGRAMMABLE SOFT-START
AP7173 Rev. 7
2 of 16
OCTOBER 2009
DS31369
www.diodes.com
© Diodes Incorporated
Typical Application Circuit
(Continued)
Table 1. Resistor Values for Programming the Output Voltage (Note 3)
R1 (kΩ)
R2 (kΩ)
VOUT (V)
Short
Open
0.8
0.619
4.99
0.9
1.13
4.53
1
1.37
4.42
1.05
1.87
4.99
1.1
2.49
4.99
1.2
4.12
4.75
1.5
3.57
2.87
1.8
3.57
1.69
2.5
3.57
1.15
3.3
(Note: 3) VOUT = 0.8 x (1 + R1 / R2)
Table 2. Capacitor Values for Programming the Soft-Start Time (Note 4)
CSS
SOFT-START TIME
Open
0.1ms
270pF
0.5ms
560pF
1ms
2.7nF
5ms
5.6nF
10ms
0.01
µF
18ms
Notes:
4. tSS(s) = 0.8 x CSS(F) / (4.4 x 10
–7)
Figure 2. Turn-On Response


Similar Part No. - AP7173_09

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7173-FNG-13 DIODES-AP7173-FNG-13 Datasheet
399Kb / 15P
   1.5A LOW DROPOUT LINEAR REGULATOR WITH PROGRAMMABLE SOFT-START
AP7173 Rev. 4
AP7173-FNG-7 DIODES-AP7173-FNG-7 Datasheet
399Kb / 15P
   1.5A LOW DROPOUT LINEAR REGULATOR WITH PROGRAMMABLE SOFT-START
AP7173 Rev. 4
AP7173-SPG-13 DIODES-AP7173-SPG-13 Datasheet
399Kb / 15P
   1.5A LOW DROPOUT LINEAR REGULATOR WITH PROGRAMMABLE SOFT-START
AP7173 Rev. 4
AP7173-SPG-7 DIODES-AP7173-SPG-7 Datasheet
399Kb / 15P
   1.5A LOW DROPOUT LINEAR REGULATOR WITH PROGRAMMABLE SOFT-START
AP7173 Rev. 4
More results

Similar Description - AP7173_09

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC8812 E-CMOS-EC8812 Datasheet
376Kb / 10P
   1.5A Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1086 BCDSEMI-AZ1086_07 Datasheet
200Kb / 16P
   1.5A LOW DROPOUT LINEAR REGULATOR
AZ1086D-ADJE1 BCDSEMI-AZ1086D-ADJE1_10 Datasheet
836Kb / 17P
   1.5A LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SP1086 SIPEX-SP1086 Datasheet
492Kb / 12P
   1.5A Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1086 BCDSEMI-AZ1086 Datasheet
174Kb / 2P
   1.5A LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
LR3965 UTC-LR3965_15 Datasheet
446Kb / 10P
   1.5A LOW DROPOUT LINEAR REGULATOR
logo
Exar Corporation
SP1086 EXAR-SP1086 Datasheet
544Kb / 12P
   1.5A Low Dropout Linear Regulator
logo
Unisonic Technologies
LR3965 UTC-LR3965 Datasheet
429Kb / 10P
   1.5A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G9086 GMT-G9086 Datasheet
63Kb / 2P
   1.5A Low-Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ39151 BCDSEMI-AZ39151 Datasheet
166Kb / 12P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com